Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM6975-40HS Arkusz danych(PDF) 2 Page - Stealth Microwave, Inc.

Numer części SM6975-40HS
Szczegółowy opis  6900 - 7500 MHz 10 Watt Linear Power Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Strona internetowa  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM6975-40HS Arkusz danych(HTML) 2 Page - Stealth Microwave, Inc.

  SM6975-40HS Datasheet HTML 1Page - Stealth Microwave, Inc. SM6975-40HS Datasheet HTML 2Page - Stealth Microwave, Inc. SM6975-40HS Datasheet HTML 3Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM6975-40HS
6900 - 7500 MHz
10 Watt Linear Power Amplifier
BROADCAST APPLICATIONS
DIMENSIONS IN INCHES
ON/OFF
+VDC
GND
RF INPUT
RF OUTPUT
INCORPORATED
Made in USA
HEATSINK OPTION
ON /O FF
+ 12VD C
GN D
RF IN PU T
RF O U TPUT
INC O R P O R ATED
Made in U SA


Podobny numer części - SM6975-40HS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vanlong Technology Co.,...
SM6 VANLONG-SM6 Datasheet
37Kb / 1P
   Ceramic Surface Mount Crystal
SM6 VANLONG-SM6 Datasheet
45Kb / 1P
   Ceramic Surface Mount Crystal
logo
PowerVolt Inc.
SM6-24 POWERVOLT-SM6-24 Datasheet
125Kb / 2P
   Slot Machine Transformers
SM6-24-RTC POWERVOLT-SM6-24-RTC Datasheet
125Kb / 2P
   Slot Machine Transformers
SM6-24-TC POWERVOLT-SM6-24-TC Datasheet
125Kb / 2P
   Slot Machine Transformers
More results

Podobny opis - SM6975-40HS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Stealth Microwave, Inc.
SM7175-43 STEALTH_MICROWAVE-SM7175-43 Datasheet
136Kb / 2P
   7100-7500 MHz 20 Watt Ultra-Linear Power Amplifier
SM0825-40 STEALTH_MICROWAVE-SM0825-40 Datasheet
129Kb / 3P
   800-2500 MHz 10 Watt Linear Power Amplifier
SM0825-40Q STEALTH_MICROWAVE-SM0825-40Q Datasheet
142Kb / 3P
   800-2500 MHz 10 Watt Linear Power Amplifier
SM3436-40L STEALTH_MICROWAVE-SM3436-40L Datasheet
135Kb / 2P
   3400-3600 MHz 10 Watt Ultra Linear Power Amplifier
SM3436-40 STEALTH_MICROWAVE-SM3436-40 Datasheet
108Kb / 2P
   3400-3600 MHz 10 Watt Ultra Linear Power Amplifier
SM2325-37H STEALTH_MICROWAVE-SM2325-37H Datasheet
80Kb / 2P
   2300-2500 MHz 5 Watt Linear Power Amplifier
SM2527-37HS STEALTH_MICROWAVE-SM2527-37HS Datasheet
66Kb / 2P
   2500-2700 MHz 5 Watt Linear Power Amplifier
SM2527-47L STEALTH_MICROWAVE-SM2527-47L Datasheet
150Kb / 4P
   2500-2700 MHz 50 Watt Linear Power Amplifier
SM0520-36 STEALTH_MICROWAVE-SM0520-36 Datasheet
93Kb / 3P
   500-2000 MHz 4 Watt Linear Power Amplifier
SM0825-33 STEALTH_MICROWAVE-SM0825-33 Datasheet
424Kb / 4P
   800-2500 MHz 2 Watt Linear Power Amplifier
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com