Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM7785-43A Arkusz danych(PDF) 1 Page - Stealth Microwave, Inc.

Numer części SM7785-43A
Szczegółowy opis  7.725-8.500 GHz Linear Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Strona internetowa  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM7785-43A Arkusz danych(HTML) 1 Page - Stealth Microwave, Inc.

  SM7785-43A Datasheet HTML 1Page - Stealth Microwave, Inc. SM7785-43A Datasheet HTML 2Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM7785-43A
7.725-8.500 GHz
Linear Power Amplifier
FOR TWT APPLICATIONS
Parameter
Specification
Frequency Range
7.725 - 8.500 GHz
Pout (P1dB)
+ 43 dBm
Third Order Intercept
Point
+ 51 dBm
Linear Gain
48 dB ± 2 dB (46 min)
Gain Flatness over 40
MHz
± 0.25 dB max.
Gain Change over
Temperature
± 0.30 dB
Input/Output Return
Loss (Cold)
10 dB min.
DC Input Voltage to
Power Supply
- 21 V to - 56 V
Mechanical
Dimensions
10 x 2.0 x 2.3 inches
RF Connectors
Female N-Type
Operating
Temperature
0ºC to +55ºC
Operating Humidity
95% Non-condensing
Operating Altitude
Up to 10,000 feet above
Sea Level
This solid state GaAs Telcom Amplifier is
an exact “drop-in” for the Siemens RW290
TWT (Upper Rack of Alcatel MDR4X08
Microwave Radio). This compact amplifier
can
deliver
20
Watts
at
its
1
dB
compression point.
The
SM7785-43A
is
a
complete
kit
consisting of the amplifier, 19 inch rack
power
supply,
cable,
and
installation
instructions.
The amplifier features TWT type gain and
gain flatness, Single DC Supply, Over
Voltage
Protection,
Temperature
Compensation
and
Excess
Thermal
Protection.


Podobny numer części - SM7785-43A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Stealth Microwave, Inc.
SM7785-41 STEALTH_MICROWAVE-SM7785-41 Datasheet
195Kb / 2P
   7.725-8.500 GHz 12 Watt Linear Power Amplifier
More results

Podobny opis - SM7785-43A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Stealth Microwave, Inc.
SM7785-41 STEALTH_MICROWAVE-SM7785-41 Datasheet
195Kb / 2P
   7.725-8.500 GHz 12 Watt Linear Power Amplifier
SM7177-43A STEALTH_MICROWAVE-SM7177-43A Datasheet
177Kb / 2P
   7.125-7.725 GHz Linear Power Amplifier
logo
Mimix Broadband
XP1050-QJ MIMIX-XP1050-QJ_11 Datasheet
1Mb / 10P
   177.0-9.0 GHz Linear Power Amplifier
logo
Skyworks Solutions Inc.
SKY65006 SKYWORKS-SKY65006 Datasheet
318Kb / 9P
   3.3 V, 2.5 GHz Linear Power Amplifier
logo
Tyco Electronics
MAAPSS0103 MACOM-MAAPSS0103 Datasheet
199Kb / 6P
   High Power Linear Amplifier 2.3 - 2.8 GHz
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43728 AVAGO-MGA-43728_15 Datasheet
842Kb / 17P
   2.62??.69 GHz Linear Power Amplifier Module
logo
Tyco Electronics
MAAP-007899 MACOM-MAAP-007899 Datasheet
120Kb / 4P
   High Power Linear Amplifier 5.7 - 5.9 GHz
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43728 AVAGO-MGA-43728 Datasheet
815Kb / 17P
   2.62-2.69 GHz Linear Power Amplifier Module
logo
Tyco Electronics
MAAPSS0104 MACOM-MAAPSS0104 Datasheet
137Kb / 5P
   High Power Linear Amplifier 3.3 - 3.8 GHz
logo
Broadcom Corporation.
MGA-43728 BOARDCOM-MGA-43728 Datasheet
842Kb / 17P
   2.62??.69 GHz Linear Power Amplifier Module
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com