Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDC10-24S05 Arkusz danych(PDF) 1 Page - Power Mate Technology Co., LTD

Numer części FDC10-24S05
Szczegółowy opis  10 WATTS OUTPUT POWER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  P-DUKE [Power Mate Technology Co., LTD]
Strona internetowa  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

FDC10-24S05 Arkusz danych(HTML) 1 Page - Power Mate Technology Co., LTD

  FDC10-24S05 Datasheet HTML 1Page - Power Mate Technology Co., LTD FDC10-24S05 Datasheet HTML 2Page - Power Mate Technology Co., LTD FDC10-24S05 Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3 Issued Date:2008/05/21
OUTPUT SPECIFICATIONS
Output power
10 Watts, max.
Voltage accuracy
Full load and nominal Vin
± 1%
Minimum load
0%
Line regulation
LL to HL at Full Load
± 0.2%
Load regulation
No Load to Full Load
Single
Dual
± 0.5%
± 1%
Cross regulation(Dual) Asymmetrical load 25% / 100% FL
± 5%
Ripple and noise
20MHz bandwidth
Single
Dual
See table
Temperature coefficient
±
0.02% / ºC, max.
Transient response recovery time 25% load step change
250μS
Over voltage protection
Zener diode clamp
3.3V output
5V output
12V output
15V output
3.9VDC
6.2VDC
15VDC
18VDC
Over load protection
% of FL at nominal input
150%, max.
Short circuit protection
Hiccup, automatics recovery
GENERAL SPECIFICATIONS
Efficiency
See table
Isolation voltage
1600VDC, min.
Isolation resistance
10
9
ohms, min.
Isolation capacitance
300pF, max.
Switching frequency
300KHz, typ.
Approvals and standard
IEC60950-1, UL60950-1, EN60950-1
Case material
Nickel-coated copper
Base material
Non-conductive black plastic
Potting material
Epoxy (UL94-V0)
Dimensions
2.00 X 1.00 X 0.40 Inch
(50.8 X 25.4 X 10.2 mm)
Weight
27g (0.95oz)
MTBF (Note 1)
BELLCORE TR-NWT-000332
MIL-HDBK-217F
1.976 x 10
6 hrs
1.416 x 10
6 hrs
INPUT SPECIFICATIONS
Input voltage range
FDC10
FDC10-W
12V nominal input
24V nominal input
48V nominal input
24V nominal input
48V nominal input
9 – 18VDC
18 – 36VDC
36 – 75VDC
9 – 36VDC
18 – 75VDC
Input filter
Pi type
Input surge voltage
100mS max
12V input
24V input
48V input
36VDC
50VDC
100VDC
Input reflected ripple current
Nominal Vin and full load
30mAp-p
Start up time
Nominal Vin and
constant resistive load
Power up
20mS, typ.
Remote ON/OFF (Option) (Note 6)
(Positive logic)
(Negative logic)
DC-DC ON
DC-DC OFF
DC-DC ON
DC-DC OFF
Open or 3.5V < Vr < 12V
Short or 0V < Vr < 1.2V
Short or 0V < Vr < 1.2V
Open or 3.5V < Vr < 12V
Input current of remote control pin
Nominal Vin
-0.5mA ~ +1mA
Remote off state input current
Nominal Vin
20mA
ENVIRONMENTAL SPECIFICATIONS
Operating ambient
temperature
(Reference derating curve)
Standard
M1 (Note 7)
M2 (W series)
-25ºC ~ +85ºC (with derating)
-40ºC ~ +85ºC (non-derating)
-40ºC ~ +85ºC (with derating)
Maximum case temperature
+100ºC
Storage temperature range
-55ºC ~ +105ºC
Thermal impedance (Note 8)
Nature convection
Nature convection with heat-sink
12ºC/watt
10ºC/watt
Thermal shock
MIL-STD-810F
Vibration
MIL-STD-810F
Relative humidity
5% to 95% RH
EMC CHARACTERISTICS
EMI (Note 9)
EN55022
Class A
ESD
EN61000-4-2
Air
Contact
±
8KV
±
6KV
Perf. Criteria B
Radiated immunity
EN61000-4-3
10 V/m
Perf. Criteria A
Fast transient (Note 10) EN61000-4-4
±
2KV
Perf. Criteria B
Surge (Note 10)
EN61000-4-5
±
1KV
Perf. Criteria B
Conducted immunity
EN61000-4-6
10 Vr.m.s
Perf. Criteria A
TECHNICAL SPEC I FI C A TI ON All specifications are typical at nominal input, full load and 25ºC otherwise noted.
FEATURES
10 WATTS OUTPUT POWER
OUTPUT CURRENT UP TO 2.5A
STANDARD 2.0 X 1.0 X 0.4 INCH PACKAGE
HIGH EFFICIENCY UP TO 87%
2:1 AND 4:1 WIDE INPUT VOLTAGE RANGE
SIX-SIDED CONTINUOUS SHIELD
FIXED SWITCHING FREQUENCY (300KHz)
CE MARK MEETS 2006/95/EC, 93/68/EEC AND 2004/108/EC
UL60950-1, EN60950-1 AND IEC60950-1 LICENSED
ISO9001 CERTIFIED MANUFACTURING FACILITIES
COMPLIANT TO RoHS EU DIRECTIVE 2002/95/EC
OPTIONS
Negative & Positive logic Remote On/Off
DESCRIPTION
The FDC10 and FDC10-W series offer 10 watts of output power from a
2.0 x 1.0 x 0.4 inch package. FDC10 series have 2:1 wide input voltage of
9-18, 18-36 and 36-75VDC. FDC10-W series have 4:1 ultra wide input
voltage of 9-36 and 18-75VDC.
APPLICATIONS
Wireless Network
Telecom/Datacom
Industry Control System
Measurement Equipment
Semiconductor Equipment


Podobny numer części - FDC10-24S05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
FDC10-24S05 ETC1-FDC10-24S05 Datasheet
98Kb / 2P
   10 watts of output power from a 2 x 1 x 0.4 inch package
logo
Astrodyne Corporation
FDC10-24S05 ASTRODYNE-FDC10-24S05 Datasheet
369Kb / 3P
   Isolated and Regulated 10 WATT Modular DC/DC Converters
logo
Power Mate Technology C...
FDC10-24S05 P-DUKE-FDC10-24S05 Datasheet
425Kb / 3P
   10 WATTS DC-DC CONVERTER
logo
Astrodyne Corporation
FDC10-24S05 ASTRODYNE-FDC10-24S05 Datasheet
206Kb / 3P
   Isolated and Regulated 10 WATT Modular DC/DC Converters
logo
List of Unclassifed Man...
FDC10-24S05W ETC1-FDC10-24S05W Datasheet
98Kb / 2P
   10 watts of output power from a 2 x 1 x 0.4 inch package
More results

Podobny opis - FDC10-24S05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wall Industries,Inc.
JRW WALL-JRW_16 Datasheet
423Kb / 5P
   10 Watts Maximum Output Power
logo
List of Unclassifed Man...
AA10B ETC-AA10B Datasheet
52Kb / 2P
   10 Watts(NEW 3.3V Output)
logo
Power Mate Technology C...
FKC05-12S33 P-DUKE-FKC05-12S33 Datasheet
234Kb / 3P
   5 WATTS OUTPUT POWER
FKC12-24S3P3W P-DUKE-FKC12-24S3P3W Datasheet
276Kb / 3P
   12 WATTS OUTPUT POWER
FDC20-12S33 P-DUKE-FDC20-12S33 Datasheet
278Kb / 3P
   20 WATTS OUTPUT POWER
FKC08-24S3P3W P-DUKE-FKC08-24S3P3W Datasheet
302Kb / 3P
   8 WATTS OUTPUT POWER
logo
Qualtek Electronics Cor...
QFWB-10 QUALTEK-QFWB-10 Datasheet
286Kb / 2P
   10 Watts Single Output Wall Mount
logo
RSG Electronic Componen...
FKC08 RSG-FKC08 Datasheet
158Kb / 3P
   8 WATTS OUTPUT POWER
logo
Power Mate Technology C...
FKC12-12S2P5 P-DUKE-FKC12-12S2P5 Datasheet
273Kb / 3P
   12 WATTS OUTPUT POWER
FDC15-24S05 P-DUKE-FDC15-24S05 Datasheet
241Kb / 3P
   15 WATTS OUTPUT POWER
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com