Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDC20-48S05 Arkusz danych(PDF) 1 Page - Power Mate Technology Co., LTD

Numer części FDC20-48S05
Szczegółowy opis  20 WATTS OUTPUT POWER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  P-DUKE [Power Mate Technology Co., LTD]
Strona internetowa  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

FDC20-48S05 Arkusz danych(HTML) 1 Page - Power Mate Technology Co., LTD

  FDC20-48S05 Datasheet HTML 1Page - Power Mate Technology Co., LTD FDC20-48S05 Datasheet HTML 2Page - Power Mate Technology Co., LTD FDC20-48S05 Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3 Issued Date:2008/05/21
OUTPUT SPECIFICATIONS
Output power
20 Watts, max.
Voltage accuracy Full load and nominal Vin
Single & Dual
Triple 3.3V/5V
Auxiliary
± 1%
± 1%
± 5%
Minimum load (Note 6)
See Table
Voltage adjustability
± 10%
Line regulation
LL to HL at Full Load
Single (W)
Dual (W)
Triple 3.3V/5V
Auxiliary
± 0.2%
± 0.5%
± 1%
± 5%
Load regulation
Min. Load to Full Load
Single
Dual
Triple 3.3V/5V
Auxiliary
± 0.5%
± 3%
± 2%
± 5%
Cross regulation (Note 7)
Dual
Triple 3.3V/5V
Auxiliary
± 5%
± 2%
± 5%
Ripple and noise 20MHz bandwidth
See table
Temperature coefficient
±
0.02% / ºC, max.
Transient response
recovery time
25% load step change
Single
Dual
Triple
250μS
250μS
500μS
Over voltage protection
Zener diode clamp
3.3V output
5V output
12V output
15V output
3.9VDC
6.2VDC
15VDC
18VDC
Over load protection
% of FL at nominal input
150%, max.
Short circuit protection
Hiccup, automatics recovery
GENERAL SPECIFICATIONS
Efficiency
See table
Isolation voltage
1600VDC, min.
Isolation resistance
10
9
ohms, min.
Isolation capacitance
300pF, max.
Switching frequency
300KHz, typ.
Approvals and standard
IEC60950-1, UL60950-1, EN60950-1
Case material
Nickel-coated copper
Base material
Non-conductive black plastic
Potting material
Epoxy (UL94-V0)
Dimensions
2.00 X 1.60 X 0.40 Inch
(50.8 X 40.6 X 10.2 mm)
Weight
48g (1.69oz)
MTBF (Note 1)
BELLCORE TR-NWT-000332
MIL-HDBK-217F
1.928 x 10
6 hrs
7.650 x 10
5 hrs
INPUT SPECIFICATIONS
Input voltage range
FDC20
FDC20-W
12V nominal input
24V nominal input
48V nominal input
24V nominal input
48V nominal input
9 – 18VDC
18 – 36VDC
36 – 75VDC
9 – 36VDC
18 – 75VDC
Input filter
Pi type
Input surge voltage
100mS max
12V input
24V input
48V input
36VDC
50VDC
100VDC
Input reflected ripple current
Nominal Vin and full load
25mAp-p
Start up time
Nominal Vin and
constant resistive load
Power up
20mS, typ.
Remote ON/OFF (Note 8)
(Positive logic)
DC-DC ON
DC-DC OFF
Open or 3.5V < Vr < 12V
Short or 0V < Vr < 1.2V
Input current of remote control pin Nominal Vin
-0.5~1.0mA
Remote off state input current
Nominal Vin
20mA
ENVIRONMENTAL SPECIFICATIONS
Operating ambient temperature
-40ºC ~ +85ºC (with derating)
Maximum case temperature
+100ºC
Storage temperature range
-55ºC ~ +105ºC
Thermal impedance (Note 9)
Nature convection
Nature convection with heat-sink
10ºC/watt
8.24ºC/watt
Thermal shock
MIL-STD-810F
Vibration
MIL-STD-810F
Relative humidity
5% to 95% RH
EMC CHARACTERISTICS
EMI (Note 10)
EN55022
Class A
ESD
EN61000-4-2
Air
Contact
±
8KV
±
6KV
Perf. Criteria B
Radiated immunity
EN61000-4-3
10 V/m Perf. Criteria A
Fast transient (Note 11) EN61000-4-4
±
2KV Perf. Criteria B
Surge (Note 11)
EN61000-4-5
±
1KV Perf. Criteria B
Conducted immunity
EN61000-4-6
10 Vr.m.s Perf. Criteria A
TECHNICAL SPECIFICA T ION All specifications are typical at nominal input, full load and 25ºC otherwise noted
FEATURES
20 WATTS OUTPUT POWER
OUTPUT CURRENT UP TO 4A
STANDARD 2” X 1.6” X 0.4” PACKAGE
HIGH EFFICIENCY UP TO 87%
2:1 AND 4:1 WIDE INPUT VOLTAGE RANGE
SIX-SIDED CONTINUOUS SHIELD
FIXED SWITCHING FREQUENCY
CE MARK MEETS 2006/95/EC, 93/68/EEC AND 2004/108/EC
UL60950-1, EN60950-1 AND IEC60950-1 LICENSED
ISO9001 CERTIFIED MANUFACTURING FACILITIES
COMPLIANT TO RoHS EU DIRECTIVE 2002/95/EC
DESCRIPTION
The FDC20 and FDC20-W series offer 20 Watts of output power from a
2 x 1.6 x 0.4 inch package. The FDC20 series with 2:1 wide input voltage
of 9-18, 18-36 and 36-75VDC. The FDC20-W series with 4:1 wide input voltage
of 9-36 and 18-75VDC.
APPLICATIONS
Wireless Network
Telecom/Datacom
Industry Control System
Measurement Equipment
Semiconductor Equipment


Podobny numer części - FDC20-48S05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
FDC20-48S05 ETC2-FDC20-48S05 Datasheet
600Kb / 4P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
logo
Astrodyne Corporation
FDC20-48S05 ASTRODYNE-FDC20-48S05 Datasheet
600Kb / 4P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
logo
Power Mate Technology C...
FDC20-48S05 P-DUKE-FDC20-48S05 Datasheet
347Kb / 3P
   20 WATTS DC-DC CONVERTER
logo
Astrodyne Corporation
FDC20-48S05 ASTRODYNE-FDC20-48S05 Datasheet
202Kb / 4P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
logo
Volgen Kaga Electronics...
FDC20-48S05W VOLGEN-FDC20-48S05W Datasheet
282Kb / 2P
   SIINGLE AND DUAL OUTPUT,, 4::1 WIIDE IINPUT RANGE 20 WATTS DC//DC CONVERTERS
More results

Podobny opis - FDC20-48S05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Volgen Kaga Electronics...
MT20E-2433SI-W VOLGEN-MT20E-2433SI-W Datasheet
2Mb / 3P
   20 WATTS MAXIMUM OUTPUT POWER
logo
Power Mate Technology C...
SDC20-48S2P0 P-DUKE-SDC20-48S2P0 Datasheet
148Kb / 3P
   20 WATTS MAXIMUM OUTPUT POWER
FED20-12S1P5 P-DUKE-FED20-12S1P5 Datasheet
247Kb / 3P
   20 WATTS MAXIMUM OUTPUT POWER
FED20-24S3P3W P-DUKE-FED20-24S3P3W Datasheet
262Kb / 3P
   20 WATTS MAXIMUM OUTPUT POWER
logo
Wall Industries,Inc.
JFC20 WALL-JFC20 Datasheet
253Kb / 5P
   20 Watts Maximum Output Power
logo
Artesyn Technologies
AXA04F18-L ARTESYN-AXA04F18-L Datasheet
414Kb / 2P
   POWER 20 Watts
logo
Astec America, Inc
AUG08M48 ASTEC-AUG08M48 Datasheet
91Kb / 2P
   20 Watts Embedded Power
AVC06S04 ASTEC-AVC06S04 Datasheet
78Kb / 2P
   20 Watts Embedded Power
logo
Artesyn Technologies
AET06G18-L ARTESYN-AET06G18-L Datasheet
473Kb / 3P
   Total Power: 20 Watts
logo
Power Mate Technology C...
FKC05-12S33 P-DUKE-FKC05-12S33 Datasheet
234Kb / 3P
   5 WATTS OUTPUT POWER
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com