Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74ABT3612PQ Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części SN74ABT3612PQ
Szczegółowy opis  64 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT3612PQ Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button SN74ABT3612PQ Datasheet HTML 3Page - Texas Instruments SN74ABT3612PQ Datasheet HTML 4Page - Texas Instruments SN74ABT3612PQ Datasheet HTML 5Page - Texas Instruments SN74ABT3612PQ Datasheet HTML 6Page - Texas Instruments SN74ABT3612PQ Datasheet HTML 7Page - Texas Instruments SN74ABT3612PQ Datasheet HTML 8Page - Texas Instruments SN74ABT3612PQ Datasheet HTML 9Page - Texas Instruments SN74ABT3612PQ Datasheet HTML 10Page - Texas Instruments SN74ABT3612PQ Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
SN74ABT3612
64
× 36 × 2
CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SCBS129G – JULY 1992 – REVISED APRIL 1998
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
reset (continued)
Table 1. Flag Programming
FS1
FS0
RST
ALMOST-FULL AND
ALMOST-EMPTY FLAG
OFFSET REGISTER (X)
H
H
16
H
L
12
L
H
8
L
L
4
FIFO write/read operation
The state of the port-A data (A0 – A35) outputs is controlled by the port-A chip select (CSA) and the port-A
write/read select (W/RA). The A0 – A35 outputs are in the high-impedance state when either CSA or W/RA is
high. The A0 – A35 outputs are active when both CSA and W/RA are low. Data is loaded into FIFO1 from the
A0 – A35 inputs on a low-to-high transition of CLKA when CSA is low, W/RA is high, ENA is high, MBA is low,
and FFA is high. Data is read from FIFO2 to the A0 – A35 outputs by a low-to-high transition of CLKA when CSA
is low, W/RA is low, ENA is high, MBA is low, and EFA is high (see Table 2).
Table 2. Port-A Enable Function Table
CSA
W/RA
ENA
MBA
CLKA
A0 – A35 OUTPUTS
PORT FUNCTION
H
X
X
X
X
In high-impedance state
None
L
H
L
X
X
In high-impedance state
None
L
H
H
L
In high-impedance state
FIFO1 write
L
H
H
H
In high-impedance state
Mail1 write
L
L
L
L
X
Active, FIFO2 output register
None
L
L
H
L
Active, FIFO2 output register
FIFO2 read
L
L
L
H
X
Active, mail2 register
None
L
L
H
H
Active, mail2 register
Mail2 read (set MBF2 high)
The port-B control signals are identical to those of port A. The state of the port-B data (B0 – B35) outputs is
controlled by the port-B chip select (CSB) and the port-B write/read select (W/RB). The B0 – B35 outputs are
in the high-impedance state when either CSB or W/RB is high. The B0 – B35 outputs are active when both CSB
and W/RB are low.
Data is loaded into FIFO2 from the B0 – B35 inputs on a low-to-high transition of CLKB when CSB is low, W/RB
is high, ENB is high, MBB is low, and FFB is high. Data is read from FIFO1 to the B0 – B35 outputs by a
low-to-high transition of CLKB when CSB is low, W/RB is low, ENB is high, MBB is high, and EFB is high (see
Table 3).
The setup- and hold-time constraints to the port clocks for the port-chip selects (CSA, CSB) and write/read
selects (W/RA, W/RB) are only for enabling write and read operations and are not related to high-impedance
control of the data outputs. If a port enable is low during a clock cycle, the port-chip select and write/read select
can change states during the setup- and hold-time window of the cycle.


Podobny numer części - SN74ABT3612PQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ABT3612 TI1-SN74ABT3612 Datasheet
521Kb / 34P
[Old version datasheet]   CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT3612-15PQ TI1-SN74ABT3612-15PQ Datasheet
521Kb / 34P
[Old version datasheet]   CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT3612 TI1-SN74ABT3612_15 Datasheet
521Kb / 34P
[Old version datasheet]   CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
More results

Podobny opis - SN74ABT3612PQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ACT3622 TI-SN74ACT3622 Datasheet
417Kb / 28P
[Old version datasheet]   256 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN54ACT3632 TI-SN54ACT3632 Datasheet
383Kb / 25P
[Old version datasheet]   512 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT3632 TI-SN74ACT3632 Datasheet
407Kb / 27P
[Old version datasheet]   512 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT3622 TI1-SN74ACT3622_08 Datasheet
513Kb / 31P
[Old version datasheet]   256 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT3611 TI-SN74ABT3611 Datasheet
368Kb / 26P
[Old version datasheet]   64 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT3638 TI-SN74ACT3638 Datasheet
461Kb / 30P
[Old version datasheet]   512 횞 32 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT7819A TI-SN74ABT7819A Datasheet
321Kb / 21P
[Old version datasheet]   512 횞 18 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN54ABT7819 TI-SN54ABT7819 Datasheet
289Kb / 20P
[Old version datasheet]   512 횞 18 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT3641 TI-SN74ACT3641 Datasheet
379Kb / 26P
[Old version datasheet]   1024 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN54ACT3641 TI-SN54ACT3641 Datasheet
377Kb / 26P
[Old version datasheet]   1024 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com