Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74ABT3614 Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części SN74ABT3614
Szczegółowy opis  64 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY WITH BUS MATCHING AND BYTE SWAPPING
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT3614 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button SN74ABT3614 Datasheet HTML 2Page - Texas Instruments SN74ABT3614 Datasheet HTML 3Page - Texas Instruments SN74ABT3614 Datasheet HTML 4Page - Texas Instruments SN74ABT3614 Datasheet HTML 5Page - Texas Instruments SN74ABT3614 Datasheet HTML 6Page - Texas Instruments SN74ABT3614 Datasheet HTML 7Page - Texas Instruments SN74ABT3614 Datasheet HTML 8Page - Texas Instruments SN74ABT3614 Datasheet HTML 9Page - Texas Instruments SN74ABT3614 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
SN74ABT3614
64
× 36 × 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
WITH BUS MATCHING AND BYTE SWAPPING
SCBS126H – JUNE 1992 – REVISED APRIL 2000
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions (Continued)
TERMINAL
NAME
I/O
DESCRIPTION
ODD/
EVEN
I
Odd/even parity select. Odd parity is checked on each port when ODD/EVEN is high and even parity is checked when
ODD/EVEN is low. ODD/EVEN also selects the type of parity generated for each port if parity generation is enabled
for a read operation.
PEFA
O
(port A)
Port-A parity-error flag. When any byte applied to terminals A0 – A35 fails parity, PEFA is low. Bytes are organized as
A0 – A8, A9 – A17, A18 – A26, and A27 – A35, with the most-significant bit of each byte serving as the parity bit. The
type of parity checked is determined by the state of the ODD/EVEN input.
The parity trees used to check the A0 – A35 inputs are shared by the mail2 register to generate parity if parity generation
is selected by PGA; therefore, if a mail2 read with parity generation is set up by having W/RA low, MBA high, and PGA
high, the PEFA flag is forced high, regardless of the state of the A0 – A35 inputs.
PEFB
O
(port B)
Port-B parity-error flag. When any valid byte applied to terminals B0 – B35 fails parity, PEFB is low. Bytes are organized
as B0 – B8, B9 – B17, B18 – B26, and B27 – B35, with the most-significant bit of each byte serving as the parity bit. A
byte is valid when it is used by the bus size selected for port B. The type of parity checked is determined by the state
of the ODD/EVEN input.
The parity trees used to check the B0 – B35 inputs are shared by the mail1 register to generate parity if parity generation
is selected by PGB; therefore, if a mail1 read with parity generation is set up by having W/RB low, SIZ1 and SIZ0 high,
and PGB high, the PEFB flag is forced high, regardless of the state of the B0 – B35 inputs.
PGA
I
Port-A parity generation. Parity is generated for data reads from port A when PGA is high. The type of parity generated
is selected by the state of the ODD/EVEN input. Bytes are organized as A0 – A8, A9 – A17, A18 – A26, and A27 – A35.
The generated parity bits are output in the most-significant bit of each byte.
PGB
I
Port-B parity generation. Parity is generated for data reads from port B when PGB is high. The type of parity generated
is selected by the state of the ODD/EVEN input. Bytes are organized as B0 – B8, B9 – B17, B18 – B26, and B27 – B35.
The generated parity bits are output in the most-significant bit of each byte.
RST
I
Reset. To reset the device, four low-to-high transitions of CLKA and four low-to-high transitions of CLKB must occur
while RST is low. This sets the AFA, AFB, MBF1, and MBF2 flags high and the EFA, EFB, AEA, AEB, FFA, and FFB
flags low. The low-to-high transition of RST latches the status of the FS1 and FS0 inputs to select AF flag and AE flag
offset.
SIZ0, SIZ1
I
(port B)
Port-B bus-size selects. The low-to-high transition of CLKB latches the states of SIZ0, SIZ1, and BE, and the following
low-to-high transition of CLKB implements the latched states as a port-B bus size. Port-B bus sizes can be long word,
word, or byte. A high on both SIZ0 and SIZ1 accesses the mailbox registers for a port-B 36-bit write or read.
SW0, SW1
I
(port B)
Port-B byte-swap selects. At the beginning of each long word transfer, one of four modes of byte-order swapping is
selected by SW0 and SW1. The four modes are no swap, byte swap, word swap, and byte-word swap. Byte-order
swapping is possible with any bus-size selection.
W/RA
I
Port-A write/read select. W/RA high selects a write operation and a low selects a read operation on port A for a
low-to-high transition of CLKA. The A0 – A35 outputs are in the high-impedance state when W/RA is high.
W/RB
I
Port-B write/read select. W/RB high selects a write operation and a low selects a read operation on port B for a
low-to-high transition of CLKB. The B0 – B35 outputs are in the high-impedance state when W/RB is high.
detailed description
reset
The SN74ABT3614 is reset by taking the reset (RST) input low for at least four port-A clock (CLKA) and four
port-B clock (CLKB) low-to-high transitions. The reset input can switch asynchronously to the clocks. A device
reset initializes the internal read and write pointers of each FIFO and forces the full flags (FFA, FFB) low, the
empty flags (EFA, EFB) low, the almost-empty flags (AEA, AEB) low, and the almost-full flags (AFA, AFB) high.
A reset also forces the mailbox flags (MBF1, MBF2) high. After a reset, FFA is set high after two low-to-high
transitions of CLKA and FFB is set high after two low-to-high transitions of CLKB. The device must be reset after
power up before data is written to its memory.
A low-to-high transition on RST loads the almost-full and almost-empty offset register (X) with the value selected
by the flag-select (FS0, FS1) inputs. The values that can be loaded into the register are shown in Table 1.


Podobny numer części - SN74ABT3614

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ABT3611 TI-SN74ABT3611 Datasheet
368Kb / 26P
[Old version datasheet]   64 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ABT3611 TI1-SN74ABT3611 Datasheet
459Kb / 29P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ABT3611-15PCB TI1-SN74ABT3611-15PCB Datasheet
459Kb / 29P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ABT3611-15PQ TI1-SN74ABT3611-15PQ Datasheet
459Kb / 29P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ABT3611-20PCB TI1-SN74ABT3611-20PCB Datasheet
459Kb / 29P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY
More results

Podobny opis - SN74ABT3614

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54ABT3614 TI-SN54ABT3614 Datasheet
646Kb / 42P
[Old version datasheet]   64 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY WITH BUS MATCHING AND BYTE SWAPPING
SN74ABT3613 TI-SN74ABT3613 Datasheet
460Kb / 32P
[Old version datasheet]   64 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY WITH BUS MATCHING AND BYTE SWAPPING
SN74ABT3612 TI-SN74ABT3612 Datasheet
462Kb / 31P
[Old version datasheet]   64 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT3613 TI1-SN74ABT3613_05 Datasheet
551Kb / 35P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY WITH BUS MATCHING AND BYTE SWAPPING
SN74ACT3622 TI-SN74ACT3622 Datasheet
417Kb / 28P
[Old version datasheet]   256 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN54ACT3632 TI-SN54ACT3632 Datasheet
383Kb / 25P
[Old version datasheet]   512 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT3632 TI-SN74ACT3632 Datasheet
407Kb / 27P
[Old version datasheet]   512 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT3622 TI1-SN74ACT3622_08 Datasheet
513Kb / 31P
[Old version datasheet]   256 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT3611 TI-SN74ABT3611 Datasheet
368Kb / 26P
[Old version datasheet]   64 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT3638 TI-SN74ACT3638 Datasheet
461Kb / 30P
[Old version datasheet]   512 횞 32 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com