Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74ALS156N Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74ALS156N
Szczegółowy opis  DECODER/DEMULTIPLEXER WITH OPEN-COLLECTOR OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS156N Arkusz danych(HTML) 4 Page - Texas Instruments

  SN74ALS156N Datasheet HTML 1Page - Texas Instruments SN74ALS156N Datasheet HTML 2Page - Texas Instruments SN74ALS156N Datasheet HTML 3Page - Texas Instruments SN74ALS156N Datasheet HTML 4Page - Texas Instruments SN74ALS156N Datasheet HTML 5Page - Texas Instruments SN74ALS156N Datasheet HTML 6Page - Texas Instruments SN74ALS156N Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SN74ALS156
DECODER/DEMULTIPLEXER
WITH OPEN-COLLECTOR OUTPUTS
SDAS099C – JUNE 1986 – REVISED MAY 1996
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
logic diagram (positive logic)
2
1
3
13
15
14
7
6
5
4
9
10
11
12
1Y0
1Y1
1Y2
1Y3
2Y0
2Y1
2Y2
2Y3
Strobe 2G
Strobe 1G
Data 1C
Data 2C
A
B
Select
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
VOH
High-level output voltage
5.5
V
IOL
Low-level output current
8
mA
TA
Operating free-air temperature
0
70
°C


Podobny numer części - SN74ALS156N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ALS156N TI1-SN74ALS156N Datasheet
463Kb / 14P
[Old version datasheet]   DECODER/DEMULTIPLEXER WITH OPEN-COLLECTOR OUTPUTS
More results

Podobny opis - SN74ALS156N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ALS156 TI1-SN74ALS156_14 Datasheet
463Kb / 14P
[Old version datasheet]   DECODER/DEMULTIPLEXER WITH OPEN-COLLECTOR OUTPUTS
logo
Fairchild Semiconductor
DM9370 FAIRCHILD-DM9370 Datasheet
58Kb / 5P
   7-Segment Decoder/Driver/Latch with Open-Collector Outputs
logo
National Semiconductor ...
DM74LS249 NSC-DM74LS249 Datasheet
103Kb / 6P
   BCD to 7-Segment Decoder with Open-Collector Outputs
54LS247 NSC-54LS247 Datasheet
66Kb / 3P
   BCD TO 7-SEGMENT DECODER/DRIVER WITH OPEN-COLLECTOR OUTPUTS
logo
Fairchild Semiconductor
DM74LS47 FAIRCHILD-DM74LS47 Datasheet
67Kb / 6P
   BCD to 7-Segment Decoder/Driver with Open-Collector Outputs
logo
Hitachi Semiconductor
HD74LS49 HITACHI-HD74LS49 Datasheet
66Kb / 5P
   BCD-to-Seven Segment Decoder Driver(with Open collector outputs)
logo
Fairchild Semiconductor
DM74LS47 FAIRCHILD-DM74LS47_07 Datasheet
203Kb / 8P
   BCD to 7-Segment Decoder/Driver with Open-Collector Outputs
DM74LS247 FAIRCHILD-DM74LS247 Datasheet
81Kb / 4P
   BCD to 7-Segment Decoder/Driver with Open-Collector Outputs
logo
National Semiconductor ...
DM54LS447 NSC-DM54LS447 Datasheet
126Kb / 6P
   BCD to 7-Segment Decoder/Driver with Open-Collector Outputs
logo
Fairchild Semiconductor
DM74ALS05A FAIRCHILD-DM74ALS05A Datasheet
48Kb / 4P
   Hex Inverter with Open Collector Outputs
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com