Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74ALS232BFN Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części SN74ALS232BFN
Szczegółowy opis  16 횞 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS232BFN Arkusz danych(HTML) 6 Page - Texas Instruments

  SN74ALS232BFN Datasheet HTML 1Page - Texas Instruments SN74ALS232BFN Datasheet HTML 2Page - Texas Instruments SN74ALS232BFN Datasheet HTML 3Page - Texas Instruments SN74ALS232BFN Datasheet HTML 4Page - Texas Instruments SN74ALS232BFN Datasheet HTML 5Page - Texas Instruments SN74ALS232BFN Datasheet HTML 6Page - Texas Instruments SN74ALS232BFN Datasheet HTML 7Page - Texas Instruments SN74ALS232BFN Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SN74ALS232B
16
× 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SCAS251B – FEBRUARY 1989 – REVISED APRIL 1998
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range (see Figure 1)
MIN
NOM
MAX
UNIT
f
Clock frequency
LDCK
40
MHz
fclock†
Clock frequency
UNCK
40
MHz
RST low
18
LDCK low
15
tw
Pulse duration
LDCK high
10
ns
UNCK low
15
UNCK high
10
t
Setup time
Data before LDCK
8
ns
tsu
Setup time
LDCK inactive before RST
5
ns
th
Hold time
Data after LDCK
5
ns
th
Hold time
LDCK inactive after RST
5
ns
† The maximum possible clock frequency is 40 MHz. The maximum clock frequency when using a 50% duty cycle is 33.3 MHz.
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP‡
MAX
MIN
MAX
UNIT
fmax
LDCK, UNCK
50
40
MHz
t d
LDCK
Any Q
14
23
6
30
ns
tpd
UNCK
Any Q
15
23
6
30
ns
tPLH
LDCK
EMPTY
13
20
5
25
ns
UNCK
EMPTY
15
22
6
27
tPHL
RST
EMPTY
15
21
5
26
ns
LDCK
FULL
15
22
6
27
tPLH
UNCK
FULL
13
20
5
25
ns
tPLH
RST
FULL
16
23
7
28
ns
ten
OE
Q
5
12
1
14
ns
tdis
OE
Q
5
12
1
16
ns
‡ Typical values at VCC – 5 V, TA = 25°C.


Podobny numer części - SN74ALS232BFN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ALS230 TI-SN74ALS230 Datasheet
397Kb / 8P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74ALS230DW TI-SN74ALS230DW Datasheet
397Kb / 8P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74ALS230N TI-SN74ALS230N Datasheet
397Kb / 8P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74ALS231 TI-SN74ALS231 Datasheet
397Kb / 8P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74ALS231DW TI-SN74ALS231DW Datasheet
397Kb / 8P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results

Podobny opis - SN74ALS232BFN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ALS236 TI-SN74ALS236 Datasheet
174Kb / 11P
[Old version datasheet]   64 횞 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS229B TI-SN74ALS229B Datasheet
287Kb / 12P
[Old version datasheet]   16 횞 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS233B TI-SN74ALS233B Datasheet
112Kb / 8P
[Old version datasheet]   16 횞 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS2232A TI1-SN74ALS2232A Datasheet
130Kb / 9P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS233B TI1-SN74ALS233B_16 Datasheet
752Kb / 18P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS234 TI1-SN74ALS234 Datasheet
206Kb / 11P
[Old version datasheet]   64 X 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ACT2235 TI-SN74ACT2235 Datasheet
275Kb / 18P
[Old version datasheet]   1024 횞 9 횞 2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74S225 TI1-SN74S225_06 Datasheet
308Kb / 13P
[Old version datasheet]   16 횞 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY WITH 3-STATE OUTPUTS
SN74S225 TI-SN74S225 Datasheet
145Kb / 10P
[Old version datasheet]   16 횞 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY WITH 3-STATE OUTPUTS
SN74ACT7807 TI1-SN74ACT7807_15 Datasheet
282Kb / 19P
[Old version datasheet]   2048 횞 9CLOCKED FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com