Zakładka z wyszukiwarką danych komponentów |
|
SN74ALVC7806DL Arkusz danych(PDF) 6 Page - Texas Instruments |
|
SN74ALVC7806DL Arkusz danych(HTML) 6 Page - Texas Instruments |
6 / 10 page SN74ALVC7806 256 × 18 LOW-POWER FIRST-IN, FIRST-OUT MEMORY SCAS591A – OCTOBER 1997 – REVISED APRIL 1998 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage range, VCC –0.5 V to 4.6 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage range, VI (see Note 1) –0.5 V to 4.6 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output voltage range, VO (see Notes 1 and 2) –0.5 V to VCC + 0.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Voltage range applied to a disabled 3-state output –0.5 V to 3.6 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input clamp current, IIK (VI < 0) –50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output clamp current, IOK (VO < 0 or VO > VCC) ±50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous output current, IO (VO = 0 to VCC) ±50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous current through VCC or GND ±100 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Package thermal impedance, θJA (see Note 3) 74 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg –65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. The input and output voltage ratings can be exceeded if the input and output clamp-current ratings are observed. 2. This value is limited to 4.6 V maximum. 3. The package thermal impedance is calculated in accordance with JESD 51. recommended operating conditions ’ALVC7806-25 ’ALVC7806-40 UNIT MIN MAX MIN MAX UNIT VCC Supply Voltage 3 3.6 3 3.6 V VIH High-level input voltage 2 2 V VIL Low-level input voltage 0.8 0.8 V VI Input voltage 0 VCC 0 VCC V VO Output voltage 0 VCC 0 VCC V IOH High-level output current, Q outputs, flags VCC = 3 V –8 –8 mA IOL Low-level output current, Q outputs, flags VCC = 3 V 16 16 mA TA Operating free-air temperature 0 70 0 70 °C electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP‡ MAX UNIT VOH Flags Q outputs VCC = 3 V to 3.6 V, IOH = –100 µA VCC–0.2 V VOH Flags, Q outputs VCC = 3 V, IOH = –8 mA 2.4 V Flags, Q outputs VCC = 3 V to 3.6 V, IOL = 100 µA 0.2 VOL Flags VCC = 3 V, IOL = 8 mA 0.4 V Q outputs VCC = 3 V, IOL = 16 mA 0.55 II VCC = 3.6 V, VI = VCC or GND ±5 µA IOZ VCC = 3.6 V, VO = VCC or GND ±10 µA ICC VCC = 3.6 V, VI = VCC or GND and IO = 0 40 µA ∆ICC§ VCC = 3.6 V, One input at VCC–0.6 V, Other inputs at VCC or GND 500 µA Ci VCC = 3.3 V, VI = VCC or GND 3 pF Co VCC = 3.3 V, VO = VCC or GND 6 pF ‡ All typical values are at VCC = 3.3 V, TA = 25°C. § This is the supply current for each input that is at one of the specified TTL voltage levels rather than 0 V or VCC. |
Podobny numer części - SN74ALVC7806DL |
|
Podobny opis - SN74ALVC7806DL |