Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N3055 Arkusz danych(PDF) 3 Page - Motorola, Inc

Numer części 2N3055
Szczegółowy opis  15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 120 VOLTS 115, 180 WATTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

2N3055 Arkusz danych(HTML) 3 Page - Motorola, Inc

  2N3055 Datasheet HTML 1Page - Motorola, Inc 2N3055 Datasheet HTML 2Page - Motorola, Inc 2N3055 Datasheet HTML 3Page - Motorola, Inc 2N3055 Datasheet HTML 4Page - Motorola, Inc 2N3055 Datasheet HTML 5Page - Motorola, Inc 2N3055 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2N3055A MJ15015 MJ2955A MJ15016
3
Motorola Bipolar Power Transistor Device Data
Figure 2. DC Current Gain
200
0.2
IC, COLLECTOR CURRENT (AMP)
2
0.3 0.5 0.7
1
2
3
5
7
15
70
30
10
5
100
50
TJ = 150°C
25
°C
– 55
°C
VCE = 4.0 V
20
7
3
10
Figure 3. Collector Saturation Region
2.8
0.005
IB, BASE CURRENT (AMP)
0
0.01 0.02
0.05
0.1
0.2
0.5
1
2
5
2
1.6
0.8
0.4
IC = 1 A
TJ = 25°C
4 A
2.4
1.2
8 A
3.5
0.2
IC, COLLECTOR CURRENT (AMP)
0.3
0.5 0.7
1
2
3
5
7
20
2.5
1.5
1
0.5
0
TC = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
Figure 4. “On” Voltages
3
2
10
VBE(on) @ VCE = 4 V
10
0.1
IC, COLLECTOR CURRENT (AMPS)
0.2
0.3
0.5
1.0
2.0
5.0
2.0
1.0
MJ2955A
MJ15016
Figure 5. Current–Gain — Bandwidth Product
2N3055A
MJ15015
Figure 6. Switching Times Test Circuit
(Circuit shown is for NPN)
+13 V
25
µs
0
–11 V
30
–5 V
1N6073
SCOPE
VCC
+ 30 V
7.5
tr, tf ≤ 10 ns
DUTY CYCLE = 1.0%
10
0.2
Figure 7. Turn–On Time
IC, COLLECTOR CURRENT (AMP)
7
5
3
2
1
0.7
0.5
0.1
0.3
0.5 0.7
1
2
3
7
15
VCC = 30 V
IC/IB = 10
TJ = 25°C
0.3
0.2
5
10
tr
td


Podobny numer części - 2N3055

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Supplies
2N3055 SS-2N3055 Datasheet
230Kb / 2P
   NPN Transistor Bare Die
Rev 1.0 22/08/23
logo
Mospec Semiconductor
2N3055 MOSPEC-2N3055 Datasheet
167Kb / 3P
   POWER TRANSISTORS(15A,50V,115W)
logo
Unisonic Technologies
2N3055 UTC-2N3055 Datasheet
55Kb / 2P
   SILICON NPN TRANSISTORS
logo
Central Semiconductor C...
2N3055 CENTRAL-2N3055 Datasheet
493Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Motorola, Inc
2N3055 MOTOROLA-2N3055 Datasheet
130Kb / 4P
   15 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60 VOLTS 115 WATTS
More results

Podobny opis - 2N3055

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
2N3055 MOTOROLA-2N3055 Datasheet
130Kb / 4P
   15 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60 VOLTS 115 WATTS
logo
ON Semiconductor
2N6488G ONSEMI-2N6488G Datasheet
148Kb / 6P
   15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60??0 VOLTS, 75 WATTS
October, 2011 ??Rev. 14
2N6491G ONSEMI-2N6491G Datasheet
148Kb / 6P
   15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60??0 VOLTS, 75 WATTS
October, 2011 ??Rev. 14
D44VH ONSEMI-D44VH Datasheet
51Kb / 4P
   Complementary Silicon Power Transistors 15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80 VOLTS 83 WATTS
March, 2001 ??Rev. 2
logo
Motorola, Inc
MJE2955T MOTOROLA-MJE2955T Datasheet
129Kb / 4P
   10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 VOLTS 75 WATTS
MJE200 MOTOROLA-MJE200 Datasheet
255Kb / 6P
   5 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 25 VOLTS 15 WATTS
MJL3281A MOTOROLA-MJL3281A Datasheet
203Kb / 6P
   15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 200 VOLTS 200 WATTS
MJ3281A MOTOROLA-MJ3281A Datasheet
221Kb / 6P
   15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 200 VOLTS 250 WATTS
MJE243 MOTOROLA-MJE243 Datasheet
235Kb / 6P
   4 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 100 VOLTS 15 WATTS
MJ15001 MOTOROLA-MJ15001 Datasheet
165Kb / 4P
   15 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 140 VOLTS 200 WATTS
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com