Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74ALVCH162841DGG Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części SN74ALVCH162841DGG
Szczegółowy opis  20-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVCH162841DGG Arkusz danych(HTML) 4 Page - Texas Instruments

  SN74ALVCH162841DGG Datasheet HTML 1Page - Texas Instruments SN74ALVCH162841DGG Datasheet HTML 2Page - Texas Instruments SN74ALVCH162841DGG Datasheet HTML 3Page - Texas Instruments SN74ALVCH162841DGG Datasheet HTML 4Page - Texas Instruments SN74ALVCH162841DGG Datasheet HTML 5Page - Texas Instruments SN74ALVCH162841DGG Datasheet HTML 6Page - Texas Instruments SN74ALVCH162841DGG Datasheet HTML 7Page - Texas Instruments SN74ALVCH162841DGG Datasheet HTML 8Page - Texas Instruments SN74ALVCH162841DGG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SN74ALVCH162841
20-BIT BUS-INTERFACE D-TYPE LATCH
WITH 3-STATE OUTPUTS
SCES088D – OCTOBER 1996 – REVISED JUNE 1999
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 4)
MIN
MAX
UNIT
VCC
Supply voltage
1.65
3.6
V
VCC = 1.65 V to 1.95 V
0.65
× VCC
VIH
High-level input voltage
VCC = 2.3 V to 2.7 V
1.7
V
VCC = 2.7 V to 3.6 V
2
VCC = 1.65 V to 1.95 V
0.35
× VCC
VIL
Low-level input voltage
VCC = 2.3 V to 2.7 V
0.7
V
VCC = 2.7 V to 3.6 V
0.8
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
VCC = 1.65 V
–2
IOH
High level output current
VCC = 2.3 V
–6
mA
IOH
High-level output current
VCC = 2.7 V
–8
mA
VCC = 3 V
–12
VCC = 1.65 V
2
IOL
Low level output current
VCC = 2.3 V
6
mA
IOL
Low-level output current
VCC = 2.7 V
8
mA
VCC = 3 V
12
∆t/∆v
Input transition rise or fall rate
10
ns/V
TA
Operating free-air temperature
–40
85
°C
NOTE 4: All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.


Podobny numer części - SN74ALVCH162841DGG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ALVCH162841DL TI1-SN74ALVCH162841DL Datasheet
347Kb / 15P
[Old version datasheet]   20-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
More results

Podobny opis - SN74ALVCH162841DGG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ALVCH16841 TI1-SN74ALVCH16841_08 Datasheet
348Kb / 15P
[Old version datasheet]   20-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16841 TI-SN74ALVCH16841 Datasheet
132Kb / 10P
[Old version datasheet]   20-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH162841 TI1-SN74ALVCH162841_09 Datasheet
347Kb / 15P
[Old version datasheet]   20-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ALVCH16841 PHILIPS-74ALVCH16841 Datasheet
77Kb / 10P
   20-bit bus interface D-type latch 3-State
1998 Jul 27
logo
Texas Instruments
SN74ALS843 TI-SN74ALS843 Datasheet
90Kb / 6P
[Old version datasheet]   9-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC841A TI-SN74LVC841A Datasheet
136Kb / 9P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALS845 TI1-SN74ALS845_11 Datasheet
223Kb / 9P
[Old version datasheet]   8-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Nexperia B.V. All right...
74ALVCH16841 NEXPERIA-74ALVCH16841 Datasheet
215Kb / 12P
   20-bit bus interface D-type latch; 3-state
Rev. 3 - 12 September 2018
logo
Texas Instruments
SN74ALS845 TI-SN74ALS845 Datasheet
92Kb / 6P
[Old version datasheet]   8-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALS843 TI1-SN74ALS843_15 Datasheet
479Kb / 11P
[Old version datasheet]   9-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com