Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7846KN Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD7846KN
Szczegółowy opis  16-Bit Voltage Output DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7846KN Arkusz danych(HTML) 5 Page - Analog Devices

  AD7846KN Datasheet HTML 1Page - Analog Devices AD7846KN Datasheet HTML 2Page - Analog Devices AD7846KN Datasheet HTML 3Page - Analog Devices AD7846KN Datasheet HTML 4Page - Analog Devices AD7846KN Datasheet HTML 5Page - Analog Devices AD7846KN Datasheet HTML 6Page - Analog Devices AD7846KN Datasheet HTML 7Page - Analog Devices AD7846KN Datasheet HTML 8Page - Analog Devices AD7846KN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD7846
REV. E
–5–
PIN FUNCTION DESCRIPTION
Pin
Mnemonic
Description
1–3
DB2–DB0
Data I/O pins. DB0 is LSB.
4VDD
Positive supply for analog circuitry. This is
+15 V nominal.
5VOUT
DAC output voltage pin.
6RIN
Input to summing resistor of DAC output
amplifier. This is used to select output
voltage ranges. See Table I.
7VREF+
VREF+ Input. The DAC is specified for VREF+
= +5 V.
8VREF–
VREF– Input. For unipolar operation con-
nect VREF– to 0 V and for bipolar operation
connect it to –5 V. The device is specified
for both conditions.
9VSS
Negative supply for the analog circuitry.
This is –15 V nominal.
10–19 DB15–DB6
Data I/O pins. DB15 is MSB.
20
DGND
Ground pin for digital circuitry.
21
VCC
Positive supply for digital circuitry. This is
+5 V nominal.
22
R/
W
R/
W input. This can be used to load data to
the DAC or to read back the DAC latch
contents.
23
CS
Chip select input. This selects the device.
24
CLR
Clear input. The DAC can be cleared to
000 . . . 000 or 100 . . . 000. See Table II.
25
LDAC
Asynchronous load input to DAC.
26–28 DB5–DB3
Data I/O pins.
Table I. Output Voltage Ranges
Output Range
VREF+
VREF–
RIN
0 V to +5 V
+5 V
0 V
VOUT
0 V to +10 V
+5 V
0 V
0 V
+5 V to –5 V
+5 V
–5 V
VOUT
+5 V to –5 V
+5 V
0 V
+5 V
+10 V to –10 V
+5 V
–5 V
0 V
PIN CONFIGURATIONS
DIP
TOP VIEW
(Not to Scale)
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
AD7846
DB11
DB12
DB13
DB14
DB15
VSS
VREF–
DB2
DB1
DB0
VDD
VREF+
RIN
VOUT
DB10
DB9
DB8
DB7
DB6
DGND
DB3
DB4
DB5
LDAC
R/
W
CS
CLR
VCC
PLCC
25
24
23
22
21
20
19
5
6
7
8
9
10
11
4
3
2
1
28
27
26
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
12
13
14
15
16
17
18
LDAC
CLR
CS
R/
W
DGND
DB6
VOUT
RIN
VREF+
VREF–
VSS
DB15
DB14
AD7846
VCC


Podobny numer części - AD7846KN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7846KN AD-AD7846KN Datasheet
451Kb / 24P
   LC2MOS 16-Bit Voltage Output DAC
Rev. G
logo
List of Unclassifed Man...
AD7846KN ETC2-AD7846KN Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Analog Devices
AD7846KNZ AD-AD7846KNZ Datasheet
451Kb / 24P
   LC2MOS 16-Bit Voltage Output DAC
Rev. G
More results

Podobny opis - AD7846KN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7846 AD-AD7846_10 Datasheet
451Kb / 24P
   LC2MOS 16-Bit Voltage Output DAC
Rev. G
LTC2688 AD-LTC2688 Datasheet
2Mb / 42P
   16-Channel, 16-Bit Voltage Output SoftSpan DAC
logo
Linear Technology
LTC1650 LINER-LTC1650 Datasheet
253Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
logo
Texas Instruments
DAC161S055 TI1-DAC161S055 Datasheet
486Kb / 23P
[Old version datasheet]   Precision 16-Bit, Buffered Voltage-Output DAC
logo
Linear Technology
LTC1650 LINER-LTC1650_15 Datasheet
525Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
logo
Analog Devices
AD7846 AD-AD7846_15 Datasheet
451Kb / 24P
   LC MOS 16-Bit Voltage Output DAC
Rev. G
logo
Texas Instruments
DAC8551-Q1 TI1-DAC8551-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Automotive 16-Bit, Ultralow-Glitch, Voltage-Output DAC
logo
Analog Devices
AD5541A AD-AD5541A_18 Datasheet
435Kb / 20P
   Serial-Input, Voltage Output, Unbuffered 16-Bit DAC
AD5512A AD-AD5512A Datasheet
503Kb / 21P
   Serial-Input Voltage-Output, 12-/16-Bit DAC
logo
Texas Instruments
DAC161S055 TI-DAC161S055_13 Datasheet
918Kb / 27P
[Old version datasheet]   DAC161S055 Precision 16-Bit, Buffered Voltage-Output DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com