Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

C-13-1250-F-SLC2A-G5 Arkusz danych(PDF) 7 Page - Source Photonics, Inc.

Numer części C-13-1250-F-SLC2A-G5
Szczegółowy opis  1.25 Gbps Single Mode SFF LC Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SOURCE [Source Photonics, Inc.]
Strona internetowa  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-13-1250-F-SLC2A-G5 Arkusz danych(HTML) 7 Page - Source Photonics, Inc.

Back Button C-13-1250-F-SLC2A-G5 Datasheet HTML 3Page - Source Photonics, Inc. C-13-1250-F-SLC2A-G5 Datasheet HTML 4Page - Source Photonics, Inc. C-13-1250-F-SLC2A-G5 Datasheet HTML 5Page - Source Photonics, Inc. C-13-1250-F-SLC2A-G5 Datasheet HTML 6Page - Source Photonics, Inc. C-13-1250-F-SLC2A-G5 Datasheet HTML 7Page - Source Photonics, Inc. C-13-1250-F-SLC2A-G5 Datasheet HTML 8Page - Source Photonics, Inc. C-13-1250-F-SLC2A-G5 Datasheet HTML 9Page - Source Photonics, Inc. C-13-1250-F-SLC2A-G5 Datasheet HTML 10Page - Source Photonics, Inc. C-13-1250-F-SLC2A-G5 Datasheet HTML 11Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250-F-SLC(2)
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS828-Apr2406
Rev A.1
LUMINENTOIC.COM
Signal Detect (LVTTL output)
The C-13-1250(A)C-F-SLC(2) transceivers are equipped with LVTTL signal detect output. The standard LVTTL output
eliminates the
need for a LVPECL to LVTTL level shifter in most applications.
Power Coupling
A suggested layout for power and ground connections is given in figure 3A below. Connections are made via separate voltage and
ground planes. The mounting posts are at case ground and should not be connected to circuit ground. The mounting posts are at case ground
and should not be connected to circuit ground. The ferrite bead should provide a real impedance of 50 to 100 ohms at 100 to 1000 MHz. By-
pass capacitors should be placed as close to the 10-pin connector as possible.
R=130kor N.C
R1
Figure 2: Signal Detect
VALUES:
C1, C2 = 1000pF,
C3, = 0.1 uF
C4, = 10 uF,
L1, L2 = Real impednce of 50 to
100 Ohms to 1000 MHz.
L1
C3
C4
C1
C2
Vcc
L2
Figure 3: Suggested Power Coupling-Electrical Schematic


Podobny numer części - C-13-1250-F-SLC2A-G5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Source Photonics, Inc.
C-13-1250-F-SLC2A SOURCE-C-13-1250-F-SLC2A Datasheet
748Kb / 10P
   1.25 Gbps Single Mode SFF LC Transceiver
More results

Podobny opis - C-13-1250-F-SLC2A-G5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Source Photonics, Inc.
C-15-1250AC-FDFB-SLC3A-07 SOURCE-C-15-1250AC-FDFB-SLC3A-07 Datasheet
710Kb / 10P
   1.25 Gbps Single Mode SFF LC Transceiver
C-127-1250AC-FDFB-SLC2 SOURCE-C-127-1250AC-FDFB-SLC2 Datasheet
717Kb / 8P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250AC-FDFB-SLC2A-G5 SOURCE-C-13-1250AC-FDFB-SLC2A-G5 Datasheet
708Kb / 10P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250-F-SLC SOURCE-C-13-1250-F-SLC Datasheet
748Kb / 10P
   1.25 Gbps Single Mode SFF LC Transceiver
C-127-1250-FDFB-SLC2 SOURCE-C-127-1250-FDFB-SLC2 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250-FDFB-SLC2 SOURCE-C-13-1250-FDFB-SLC2 Datasheet
846Kb / 11P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250AC-F-SLCA-11-G5 SOURCE-C-13-1250AC-F-SLCA-11-G5 Datasheet
720Kb / 9P
   1.25 Gbps Single Mode SFF LC Transceiver
logo
Optoway Technology Inc
TRSL-7350CG OPTOWAY-TRSL-7350CG Datasheet
123Kb / 4P
   3.3V / 1550 nm / 1.25 Gbps SFF LC SINGLE-MODE TRANSCEIVER
TRSL-7350W-CXX0 OPTOWAY-TRSL-7350W-CXX0 Datasheet
158Kb / 5P
   3.3V / CWDM / 1.25 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-7380W-CXX0 OPTOWAY-TRSL-7380W-CXX0 Datasheet
157Kb / 5P
   3.3V / CWDM / 1.25 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com