Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

B-13-15-1250C-F-SSCAG5 Arkusz danych(PDF) 9 Page - Source Photonics, Inc.

Numer części B-13-15-1250C-F-SSCAG5
Szczegółowy opis  1.25 Gbps bi-directional SC Receptacle single Fiber Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SOURCE [Source Photonics, Inc.]
Strona internetowa  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

B-13-15-1250C-F-SSCAG5 Arkusz danych(HTML) 9 Page - Source Photonics, Inc.

Back Button B-13-15-1250C-F-SSCAG5 Datasheet HTML 2Page - Source Photonics, Inc. B-13-15-1250C-F-SSCAG5 Datasheet HTML 3Page - Source Photonics, Inc. B-13-15-1250C-F-SSCAG5 Datasheet HTML 4Page - Source Photonics, Inc. B-13-15-1250C-F-SSCAG5 Datasheet HTML 5Page - Source Photonics, Inc. B-13-15-1250C-F-SSCAG5 Datasheet HTML 6Page - Source Photonics, Inc. B-13-15-1250C-F-SSCAG5 Datasheet HTML 7Page - Source Photonics, Inc. B-13-15-1250C-F-SSCAG5 Datasheet HTML 8Page - Source Photonics, Inc. B-13-15-1250C-F-SSCAG5 Datasheet HTML 9Page - Source Photonics, Inc. B-13-15-1250C-F-SSCAG5 Datasheet HTML 10Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
1.25 Gbps bi-directional SC Receptacle
single Fiber Transceiver
B-1X/1X-1250C-F(DFB)-SSCx
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
LUMNDS796-Jan2407
Rev. A.3
Ordering Information
B - 1X/1X - 1250C - F(DFB) - S SC Tx Power Operating Temperature Shielding Finger RoHS compliance available
• Wavelength
13/15: Tx Wavelength=1310nm
Rx Wavelength=1550nm
15/13: Tx Wavelength=1550nm
Rx Wavelength=1310nm
• Communication protocol
(1.25 Gbps)
• Connector options
• +3.3 V SFF Transceiver
F= FP Laser transceiver
FDFB = DFB Laser transceiver
• Single mode fiber
• Tx Output Power
blank = -9 to -3 dBm
2 = -5 to 0 dBm
3 = -3 to +2 dBm
4 = 0 to +5 dBm
• Shielding Finger Option
Blank = No shielding finger
S = with Shielding finger
Part numbering Definition:
• RoHS compliance available
Blank = RoHS non-compliant product
G5 = RoHS 5/6-compliant product (lead exemption)
Available Options:
B-13/15-1250C-F-SSC(A)(S)(-G5)
B-13/15-1250C-FDFB-SSC(S)(-G5)
B-13/15-1250C-FDFB-SSC2(S)(-G5)
B-13/15-1250C-FDFB-SSC3(S)(-G5)
B-13/15-1250C-FDFB-SSC4(S)(-G5)
B-15/13-1250C-F-SSC(A)(S)(-G5)
B-15/13-1250C-FDFB-SSC(S)(-G5)
B-15/13-1250C-FDFB-SSC2(S)(-G5)
B-15/13-1250C-FDFB-SSC3(S)(-G5)
B-15/13-1250C-FDFB-SSC4(S)(-G5)
• Operating Temperature
blank = Commercial temperature (-5 to 70 ºC)
A = Industrial temperature (-40 to 85 ºC)


Podobny numer części - B-13-15-1250C-F-SSCAG5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Source Photonics, Inc.
B-13-15-1250C-T-SSCA2A SOURCE-B-13-15-1250C-T-SSCA2A Datasheet
558Kb / 6P
   1.25 Gbps Bi-directional Receptacle Single Fiber Transceiver
B-13-15-1250C-T3-SSC2 SOURCE-B-13-15-1250C-T3-SSC2 Datasheet
558Kb / 6P
   1.25 Gbps Bi-directional Receptacle Single Fiber Transceiver
More results

Podobny opis - B-13-15-1250C-F-SSCAG5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Source Photonics, Inc.
B-13-14-1250-T-SSC-G5 SOURCE-B-13-14-1250-T-SSC-G5 Datasheet
589Kb / 7P
   1.25 Gbps Bi-directional Receptacle Single Fiber Transceiver
B-13-15-1250-T-SSC2A SOURCE-B-13-15-1250-T-SSC2A Datasheet
558Kb / 6P
   1.25 Gbps Bi-directional Receptacle Single Fiber Transceiver
B-13-1250-TPM3-SSC-60 SOURCE-B-13-1250-TPM3-SSC-60 Datasheet
1Mb / 6P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-15-1250-TDPM-SSC-60 SOURCE-B-15-1250-TDPM-SSC-60 Datasheet
1Mb / 6P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-15-1250-TDPM3-SSC-60 SOURCE-B-15-1250-TDPM3-SSC-60 Datasheet
1Mb / 6P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-13-1250-TPM-S SOURCE-B-13-1250-TPM-S Datasheet
958Kb / 5P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-15-13-155-T-SSC4 SOURCE-B-15-13-155-T-SSC4 Datasheet
1Mb / 7P
   155 Mbps Bi-directional SC Receptacle Single Fiber Transceiver
logo
List of Unclassifed Man...
B-15-155-T-SSC4 ETC2-B-15-155-T-SSC4 Datasheet
1Mb / 7P
   155 Mbps Bi-directional SC Receptacle Single Fiber Transceiver
logo
Source Photonics, Inc.
B-15-13-155-FDFB-SSC5 SOURCE-B-15-13-155-FDFB-SSC5 Datasheet
697Kb / 9P
   155 Mbps bi-directional SC Receptacle Single Fiber Transceiver
B-13-15-155-T-SSC4 SOURCE-B-13-15-155-T-SSC4 Datasheet
944Kb / 6P
   155 Mbps Bi-directional SC Receptacle Single Fiber Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com