Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74ALVCHS162830DBB Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części SN74ALVCHS162830DBB
Szczegółowy opis  1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVCHS162830DBB Arkusz danych(HTML) 1 Page - Texas Instruments

  SN74ALVCHS162830DBB Datasheet HTML 1Page - Texas Instruments SN74ALVCHS162830DBB Datasheet HTML 2Page - Texas Instruments SN74ALVCHS162830DBB Datasheet HTML 3Page - Texas Instruments SN74ALVCHS162830DBB Datasheet HTML 4Page - Texas Instruments SN74ALVCHS162830DBB Datasheet HTML 5Page - Texas Instruments SN74ALVCHS162830DBB Datasheet HTML 6Page - Texas Instruments SN74ALVCHS162830DBB Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SN74ALVCHS162830
1-BIT TO 2-BIT ADDRESS DRIVER
WITH 3-STATE OUTPUTS
SCES097F – APRIL 1997 – REVISED JUNE 1999
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Member of the Texas Instruments
Widebus
™ Family
D EPIC ™ (Enhanced-Performance Implanted
CMOS) Submicron Process
D Output Ports Have Equivalent 26-Ω Series
Resistors, So No External Resistors Are
Required
D Diodes on Inputs Clamp Overshoot
D ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015; Exceeds 200 V
Using Machine Model (C = 200 pF, R = 0)
D Latch-Up Performance Exceeds 250 mA Per
JESD 17
D Bus Hold on Data Inputs Eliminates the
Need for External Pullup/Pulldown
Resistors
D Packaged in Thin Very Small-Outline
Package
NOTE: For order entry:
The DBB package is abbreviated to G.
For tape and reel:
The DBBR package is abbreviated to GR.
description
This 1-bit to 2-bit address driver is designed for
2.3-V to 3.6-V VCC operation.
Diodes to VCC have been added on the inputs to
clamp overshoot.
Active bus-hold circuitry is provided to hold
unused or floating data inputs at a valid logic level.
The outputs, which are designed to sink up to
12 mA, include equivalent 26-
Ω series resistors to
reduce overshoot and undershoot.
To ensure the high-impedance state during power
up or power down, the output-enable (OE) input
should be tied to VCC through a pullup resistor; the
minimum value of the resistor is determined by the
current-sinking capability of the driver.
The SN74ALVCHS162830 is characterized for
operation from –40
°C to 85°C.
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
EPIC and Widebus are trademarks of Texas Instruments Incorporated.
DBB PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
2Y2
1Y2
GND
2Y1
1Y1
VCC
A1
A2
GND
A3
A4
GND
A5
A6
VCC
A7
A8
GND
A9
OE1
OE2
A10
GND
A11
A12
VCC
A13
A14
GND
A15
A16
GND
A17
A18
VCC
2Y18
1Y18
GND
2Y17
1Y17
1Y3
2Y3
GND
1Y4
2Y4
VCC
1Y5
2Y5
GND
1Y6
2Y6
GND
1Y7
2Y7
VCC
1Y8
2Y8
GND
1Y9
2Y9
1Y10
2Y10
GND
1Y11
2Y11
VCC
1Y12
2Y12
GND
1Y13
2Y13
GND
1Y14
2Y14
VCC
1Y15
2Y15
GND
1Y16
2Y16


Podobny numer części - SN74ALVCHS162830DBB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ALVCHS162830DBBR TI1-SN74ALVCHS162830DBBR Datasheet
303Kb / 12P
[Old version datasheet]   1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
More results

Podobny opis - SN74ALVCHS162830DBB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
HD74ALVCH162830 HITACHI-HD74ALVCH162830 Datasheet
55Kb / 11P
   1-bit to 2-bit Address Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVCH162830 TI-SN74ALVCH162830 Datasheet
112Kb / 8P
[Old version datasheet]   1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH16830 HITACHI-HD74ALVCH16830 Datasheet
52Kb / 11P
   1-bit to 2-bit Address Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVCHS162830 TI1-SN74ALVCHS162830_08 Datasheet
303Kb / 12P
[Old version datasheet]   1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
74ALVCHS162830A TI1-74ALVCHS162830A_09 Datasheet
286Kb / 9P
[Old version datasheet]   1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
74ALVCHS162830A TI-74ALVCHS162830A Datasheet
136Kb / 8P
[Old version datasheet]   1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74ALVCH162830 RENESAS-HD74ALVCH162830 Datasheet
2Mb / 11P
   1-bit to 2-bit Address Driver with 3-state Outputs
logo
Hitachi Semiconductor
HD74ALVCHS162830 HITACHI-HD74ALVCHS162830 Datasheet
57Kb / 11P
   1-bit to 2-bit Address Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVCH162830 TI-SN74ALVCH162830_08 Datasheet
288Kb / 11P
[Old version datasheet]   1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16344 TI-SN74ALVCH16344_07 Datasheet
283Kb / 12P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com