Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

C-13-155-F-SLC5A-55-G5 Arkusz danych(PDF) 1 Page - Source Photonics, Inc.

Numer części C-13-155-F-SLC5A-55-G5
Szczegółowy opis  155 Mbps Single Mode SFF LC Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SOURCE [Source Photonics, Inc.]
Strona internetowa  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-13-155-F-SLC5A-55-G5 Arkusz danych(HTML) 1 Page - Source Photonics, Inc.

  C-13-155-F-SLC5A-55-G5 Datasheet HTML 1Page - Source Photonics, Inc. C-13-155-F-SLC5A-55-G5 Datasheet HTML 2Page - Source Photonics, Inc. C-13-155-F-SLC5A-55-G5 Datasheet HTML 3Page - Source Photonics, Inc. C-13-155-F-SLC5A-55-G5 Datasheet HTML 4Page - Source Photonics, Inc. C-13-155-F-SLC5A-55-G5 Datasheet HTML 5Page - Source Photonics, Inc. C-13-155-F-SLC5A-55-G5 Datasheet HTML 6Page - Source Photonics, Inc. C-13-155-F-SLC5A-55-G5 Datasheet HTML 7Page - Source Photonics, Inc. C-13-155-F-SLC5A-55-G5 Datasheet HTML 8Page - Source Photonics, Inc. C-13-155-F-SLC5A-55-G5 Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
155 Mbps Single Mode SFF LC Transceiver
C-13-155-F-SLCx(-55)-G5
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS1931-Aug0508
Rev A.0
LUMINENTOIC.COM
Features
• Duplex LC Single Mode Transceiver
• Small Form Factor Multi-sourced 2x5 Pin Package
• Ultra Long reach SONET OC-3/SDH STM-1 Compliant
• Single +3.3V Power Supply
• LVPECL Differential Inputs and Outputs
• LVPECL Signal Detection Output (C-13-155-F-SLCx)
• Temperature Range: -40 to 85 ºC [C-13-155-F-SLCxA]
• Class 1 Laser International Safety Standard IEC 825
Compliant
• Solder ability to MIL-STD-883, Method 2003
• Pin coating is Sn/Pb with minimum 2% Pb content
• Flammability to UL94V0
• Humidity RH 5-85% (5-95% short term) to IEC 68-2-3
• Complies with Telcordia(Bellcore) GR-468-CORE
• Uncooled laser diode with MQW structure
• EMI Shielding Finger Optional
• ATM 155 Mbps links
• RoHS compliance
Parameter
Symbol
Min.
Max.
Unit
Note
Power Supply Voltage
Vcc
0
3.6
V
Output Current
Iout
0
30
mA
Soldering Temperature
-
-
260
ºC
10 seconds on leads only
Operating Temperature
Topr
-40
85
ºC
C-13-155-F-SLCxA
Storage Temperature
Tstg
-40
85
ºC
Absolute Maximum Rating
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
Power Supply Voltage
Vcc
3.1
3.3
3.5
V
Operating Temperature (Case)
Topr
-40
-
85
ºC
C-13-155-F-SLCxA
Data Rate
-
-
155
-
Mbps
Recommended Operating Condition
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Optical
Optical Transmit Power
Po
-19
-
-12
dBm
C-13-155-F-SLC
Optical Transmit Power
Po
-15
-
-8
dBm
C-13-155-F-SLC3
Optical Transmit Power
Po
-5
-
0
dBm
C-13-155-F-SLC5
Output Center Wavelength
λp
1261
1310
1360
nm
C-13-155-F-SLC3
Output Center Wavelength
λp
1263
1310
1360
nm
C-13-155-F-SLC5
Output Spectrum Width
λrms
-
-
7.7
nm
RMS(
σ), C-13-155-F-SLC(3)
Output Spectrum Width
λrms
-
-
3
nm
RMS(
σ), C-13-155-F-SLC5
Extinction Ratio
ER
8.2
-
-
dB
C-13-155-F-SLC3
Extinction Ratio
ER
10
-
-
dB
C-13-155-F-SLC5
Output Eye
Compliant with Bellcore GR-253-CORE and ITU recommendation G.957
Optical Rise Time
tr
-
-
2
ns
10% to 90% Values
Optical Fall Time
tf
-
-
2
ns
10% to 90% Values
Relative Intensity Noise
RIN
-
-
-116
dB/Hz
Total Jitter
TJ
-
-
1.2
ns
Measured with 223-1 PRBS with 72 ones
and 72 zeros.
Transmitter Specifications


Podobny numer części - C-13-155-F-SLC5A-55-G5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Source Photonics, Inc.
C-13-155-F-SLC5A-12 SOURCE-C-13-155-F-SLC5A-12 Datasheet
758Kb / 10P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-F-SLC5A-12-G5 SOURCE-C-13-155-F-SLC5A-12-G5 Datasheet
758Kb / 10P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-F-SLC5A-GR SOURCE-C-13-155-F-SLC5A-GR Datasheet
880Kb / 11P
   155 Mbps Single Mode SFF LC Transceiver
More results

Podobny opis - C-13-155-F-SLC5A-55-G5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Source Photonics, Inc.
C-13-155-F-SLC3S-19 SOURCE-C-13-155-F-SLC3S-19 Datasheet
720Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-F-SLC3A-12 SOURCE-C-13-155-F-SLC3A-12 Datasheet
758Kb / 10P
   155 Mbps Single Mode SFF LC Transceiver
C-15-155-FDFB-SLC8A-G5 SOURCE-C-15-155-FDFB-SLC8A-G5 Datasheet
721Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
C-127-155-FDFB-SLC5 SOURCE-C-127-155-FDFB-SLC5 Datasheet
674Kb / 8P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-FDFB-SLC8A-G5 SOURCE-C-13-155-FDFB-SLC8A-G5 Datasheet
272Kb / 11P
   155 Mbps Single Mode SFF LC Transceiver
C-15-155-FDFB-SLC8 SOURCE-C-15-155-FDFB-SLC8 Datasheet
880Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-F-SLC SOURCE-C-13-155-F-SLC Datasheet
880Kb / 11P
   155 Mbps Single Mode SFF LC Transceiver
logo
Optoway Technology Inc
TRSL-3380W-CXX0G OPTOWAY-TRSL-3380W-CXX0G Datasheet
162Kb / 5P
   3.3V / CWDM / 155 Mbps SFF 2X10 LC SINGLE-MODE TRANSCEIVER
TRSL-33100W-CXX0G OPTOWAY-TRSL-33100W-CXX0G Datasheet
162Kb / 5P
   3.3V / CWDM / 155 Mbps SFF 2X10 LC SINGLE-MODE TRANSCEIVER
TRSL-33120W-CXX0G OPTOWAY-TRSL-33120W-CXX0G Datasheet
162Kb / 5P
   3.3V / CWDM / 155 Mbps SFF 2X10 LC SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com