Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

C-13-155-FDFB-SLC8A-G5 Arkusz danych(PDF) 7 Page - Source Photonics, Inc.

Numer części C-13-155-FDFB-SLC8A-G5
Szczegółowy opis  155 Mbps Single Mode SFF LC Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SOURCE [Source Photonics, Inc.]
Strona internetowa  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-13-155-FDFB-SLC8A-G5 Arkusz danych(HTML) 7 Page - Source Photonics, Inc.

Back Button C-13-155-FDFB-SLC8A-G5 Datasheet HTML 3Page - Source Photonics, Inc. C-13-155-FDFB-SLC8A-G5 Datasheet HTML 4Page - Source Photonics, Inc. C-13-155-FDFB-SLC8A-G5 Datasheet HTML 5Page - Source Photonics, Inc. C-13-155-FDFB-SLC8A-G5 Datasheet HTML 6Page - Source Photonics, Inc. C-13-155-FDFB-SLC8A-G5 Datasheet HTML 7Page - Source Photonics, Inc. C-13-155-FDFB-SLC8A-G5 Datasheet HTML 8Page - Source Photonics, Inc. C-13-155-FDFB-SLC8A-G5 Datasheet HTML 9Page - Source Photonics, Inc. C-13-155-FDFB-SLC8A-G5 Datasheet HTML 10Page - Source Photonics, Inc. C-13-155-FDFB-SLC8A-G5 Datasheet HTML 11Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
- 7 -
P/N: C-13-155(C)-FDFB-SLC8A-G5
155 Mbps Single Mode SFF LC Transceiver
DS1960 Oct1508-Rev A.0
Printed Circuit Board Layout Consideration
A fiber-optic receiver employs a very high gain, wide bandwidth transimpedance amplifier. This amplifier
detects and amplifies signals that are only tens of nA in amplitude when the receiver is operating near it’s limit.
Any unwanted signal current that couples into the receiver circuitry causes a decrease in the receiver’s sensitivity and
can also degrade the performance of the receiver’s signal detect (SD) circuit. To minimize the coupling of unwanted
noise into the receiver, careful attention must be given to the printed circuit board.
At a minimum, a double-sided printed circuit board(PCB) with a large component side ground plane beneath
the transceiver must be used. In applications that include many other high speed devices, a multi-layer PCB is highly
recommended. This permits the placement of power and ground on separate layers, wich allows them to be isolated
from the signal lines. Multilayer construction also permits the routing of signal traces away from high level, high
speed sinal lines. To minimize the possibility of coupling noise into the receiver section, high level, high speed
signals such as transmitter inputs and clock lines should be routed as far away as possible from the receiver pins.
Noise that couples into the receiver through the power supply pins can also degrade performance. It is
recommended that a pi filter be used in both transmitter and receiver power supplies.
EMI and ESD Consideration
Source Photonics’ transceivers offer a metalized plastic case and a special chassis grounding clip. As shown
in the drawing, this clip connects the module case to chassis ground then installs flush through the panel cutout.
This way, the grounding clip brushes the edge of the cutout in order to make a proper contact. The use of a
grounding clip also provides increased electrostatic protection and helps reduce radiated emission from the module
or the host circuit board through the chassis faceplate. The attaching posts are at case potential and may be
connected to chassis ground. They should not be connected to circuit ground.
Plastic optical subassemblies are used to further reduce the possibility of radiated emission by eliminating the
metal from the transmitter and receiver diode housings, which extend into connector space. By providing a
non-metal receptacle for the optical cable ferrule, the gigabit speed RF electrical signal is isolated from the
connector area thus preventing radiated energy leakage from these surfaces to the outside of the panel.


Podobny numer części - C-13-155-FDFB-SLC8A-G5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Source Photonics, Inc.
C-13-155-F-SLC SOURCE-C-13-155-F-SLC Datasheet
880Kb / 11P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-F-SLC-G5 SOURCE-C-13-155-F-SLC-G5 Datasheet
880Kb / 11P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-F-SLC3 SOURCE-C-13-155-F-SLC3 Datasheet
880Kb / 11P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-F-SLC3-G5 SOURCE-C-13-155-F-SLC3-G5 Datasheet
880Kb / 11P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-F-SLC3A SOURCE-C-13-155-F-SLC3A Datasheet
880Kb / 11P
   155 Mbps Single Mode SFF LC Transceiver
More results

Podobny opis - C-13-155-FDFB-SLC8A-G5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Source Photonics, Inc.
C-13-155-F-SLC3S-19 SOURCE-C-13-155-F-SLC3S-19 Datasheet
720Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-F-SLC3A-12 SOURCE-C-13-155-F-SLC3A-12 Datasheet
758Kb / 10P
   155 Mbps Single Mode SFF LC Transceiver
C-15-155-FDFB-SLC8A-G5 SOURCE-C-15-155-FDFB-SLC8A-G5 Datasheet
721Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
C-127-155-FDFB-SLC5 SOURCE-C-127-155-FDFB-SLC5 Datasheet
674Kb / 8P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-F-SLCA-55-G5 SOURCE-C-13-155-F-SLCA-55-G5 Datasheet
866Kb / 10P
   155 Mbps Single Mode SFF LC Transceiver
C-15-155-FDFB-SLC8 SOURCE-C-15-155-FDFB-SLC8 Datasheet
880Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-F-SLC SOURCE-C-13-155-F-SLC Datasheet
880Kb / 11P
   155 Mbps Single Mode SFF LC Transceiver
logo
Optoway Technology Inc
TRSL-3380W-CXX0G OPTOWAY-TRSL-3380W-CXX0G Datasheet
162Kb / 5P
   3.3V / CWDM / 155 Mbps SFF 2X10 LC SINGLE-MODE TRANSCEIVER
TRSL-33100W-CXX0G OPTOWAY-TRSL-33100W-CXX0G Datasheet
162Kb / 5P
   3.3V / CWDM / 155 Mbps SFF 2X10 LC SINGLE-MODE TRANSCEIVER
TRSL-33120W-CXX0G OPTOWAY-TRSL-33120W-CXX0G Datasheet
162Kb / 5P
   3.3V / CWDM / 155 Mbps SFF 2X10 LC SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com