Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74CBTLV3251 Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74CBTLV3251
Szczegółowy opis  LOW-VOLTAGE 1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74CBTLV3251 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button SN74CBTLV3251 Datasheet HTML 2Page - Texas Instruments SN74CBTLV3251 Datasheet HTML 3Page - Texas Instruments SN74CBTLV3251 Datasheet HTML 4Page - Texas Instruments SN74CBTLV3251 Datasheet HTML 5Page - Texas Instruments SN74CBTLV3251 Datasheet HTML 6Page - Texas Instruments SN74CBTLV3251 Datasheet HTML 7Page - Texas Instruments SN74CBTLV3251 Datasheet HTML 8Page - Texas Instruments SN74CBTLV3251 Datasheet HTML 9Page - Texas Instruments SN74CBTLV3251 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
74CBTLV3251DBQRE4
ACTIVE
SSOP/
QSOP
DBQ
16
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1YEAR
74CBTLV3251DGVRE4
ACTIVE
TVSOP
DGV
16
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
74CBTLV3251PWRE4
ACTIVE
TSSOP
PW
16
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
74CBTLV3251RGYRG4
ACTIVE
QFN
RGY
16
1000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1YEAR
SN74CBTLV3251D
ACTIVE
SOIC
D
16
40
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74CBTLV3251DBQR
ACTIVE
SSOP/
QSOP
DBQ
16
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1YEAR
SN74CBTLV3251DE4
ACTIVE
SOIC
D
16
40
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74CBTLV3251DGVR
ACTIVE
TVSOP
DGV
16
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74CBTLV3251DR
ACTIVE
SOIC
D
16
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74CBTLV3251DRE4
ACTIVE
SOIC
D
16
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74CBTLV3251PWR
ACTIVE
TSSOP
PW
16
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74CBTLV3251RGYR
ACTIVE
QFN
RGY
16
1000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1YEAR
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
25-Oct-2005
Addendum-Page 1


Podobny numer części - SN74CBTLV3251

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74CBTLV3251 TI-SN74CBTLV3251 Datasheet
739Kb / 17P
[Old version datasheet]   LOW-VOLTAGE 1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBTLV3251 TI-SN74CBTLV3251 Datasheet
911Kb / 19P
[Old version datasheet]   LOW-VOLTAGE 1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBTLV3251D TI-SN74CBTLV3251D Datasheet
739Kb / 17P
[Old version datasheet]   LOW-VOLTAGE 1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBTLV3251D TI-SN74CBTLV3251D Datasheet
911Kb / 19P
[Old version datasheet]   LOW-VOLTAGE 1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBTLV3251DBQR TI-SN74CBTLV3251DBQR Datasheet
739Kb / 17P
[Old version datasheet]   LOW-VOLTAGE 1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
More results

Podobny opis - SN74CBTLV3251

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74CBTLV3251 TI-SN74CBTLV3251_07 Datasheet
739Kb / 17P
[Old version datasheet]   LOW-VOLTAGE 1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
74CBTLV3251PWRG4 TI-74CBTLV3251PWRG4 Datasheet
911Kb / 19P
[Old version datasheet]   LOW-VOLTAGE 1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74CBTLV3251 UTC-U74CBTLV3251 Datasheet
321Kb / 7P
   LOW-VOLTAGE 1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
logo
Texas Instruments
SN74CBT3251 TI-SN74CBT3251 Datasheet
365Kb / 12P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74CBT3251 UTC-U74CBT3251 Datasheet
196Kb / 6P
   1-OF-8 FET MULTIPLEXER / DEMULTIPLEXER
logo
Toshiba Semiconductor
TC7MB3251FK TOSHIBA-TC7MB3251FK Datasheet
94Kb / 7P
   1-of-8 FET Multiplexer/Demultiplexer
logo
Unisonic Technologies
U74CBT3251 UTC-U74CBT3251_15 Datasheet
224Kb / 6P
   1-OF-8 FET MULTIPLEXER DEMULTIPLEXER
logo
Toshiba Semiconductor
TC7MB3251FK TOSHIBA-TC7MB3251FK_07 Datasheet
171Kb / 7P
   1-of-8 FET Multiplexer/Demultiplexer
TC7MB3251FT TOSHIBA-TC7MB3251FT Datasheet
130Kb / 8P
   1-of-8 FET Multiplexer/Demultiplexer
logo
Nexperia B.V. All right...
CBT3251 NEXPERIA-CBT3251 Datasheet
227Kb / 11P
   1-of-8 FET multiplexer/demultiplexer
Rev. 4 - 24 March 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com