Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74743-0015 Arkusz danych(PDF) 1 Page - Molex Electronics Ltd.

Numer części 74743-0015
Szczegółowy opis  4 Gbps SFP Cable Assemblies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

74743-0015 Arkusz danych(HTML) 1 Page - Molex Electronics Ltd.

  74743-0015 Datasheet HTML 1Page - Molex Electronics Ltd. 74743-0015 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES AND SPECIFICATIONS
4 Gbps SFP Cable Assemblies
74742 Passive Assemblies
74743 Active Assemblies
SPECIFICATIONS
Designed to meet Fibre Channel, InfiniBand and
Gigabit Ethernet standards to ensure transceivers
are compliant with SFP MSA
Hot pluggable transceivers allow insertion and
removable of plug without powering down the
system
Unique thumb latch provides intuitive squeeze and
pull-latching mechanism
Zinc diecast backshells provide 360° Electro
Magnetic Interference (EMI) shielding
Improved PCB design matches impedance to reduce
reflection at higher speeds
Serial ID allows serial identification of each SFP
transceiver
Features and Benefits
Molex expands SFP product offering; 4 Gbps cable assemblies address continued market demands
for high-speed network requirements
Molex’s 4 Gbps cable assemblies integrate Small Form-
factor Pluggable (SFP) passive and active transceivers
into a high-performance cable assembly. The cables
are designed to meet and support high-speed data
rates up to 4.25 Gbps.
The SFP system follows the function of standard Gigabit
Interface Converter (GBIC) products, with reduced
size and increased data-transfer rates. The SFP 4
Gbps cables, along with all Molex SFP products, are
multi-sourced, industry-standard products, featuring
a common design interface for use with multiple data
transfer protocols, including Fibre Channel, Gigabit
Ethernet and InfiniBand.*
Active assemblies permit cable lengths up to 15.0m
(49.21’). Passive assemblies meet eye-pattern
specifications up to 3.0m (9.84’). Individual modules
are not sold separately at this time.
Molex provides an extensive and rapidly expanding
line of SFP interconnect products to meet the need
for denser and faster packaging for high-speed serial
interfaces. For more detailed information, please visit:
www.molex.com/product/sfp.html.
Reference Information
Packaging: Bag and Box
UL File No.: E72548 vol. 1C
Mates With: Series 74441
Electrical
Voltage: 3.3V
Current:
Passive: 30 milliamps max.
Active: 175 milliamps max.
Mechanical
Durability: 250 cycles
Physical
Housing: Zinc (Zn) die cast
Housing Plating: Nickel (Ni)
PCB Contact: Gold (Au)
Operating Temperature: 0 to +70° C
*InfiniBand is a registered trademark of the InfiniBand Trade Association


Podobny numer części - 74743-0015

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
7474 FAIRCHILD-7474 Datasheet
51Kb / 5P
   Dual Positive-Edge-Triggered D-Type Flip-Flops with Preset, Clear and Complementary Outputs
logo
Molex Electronics Ltd.
74740-0001 MOLEX-74740-0001 Datasheet
261Kb / 11P
   1000Base-T RJ-45 Gigabit Ethernet GBIC Copper Transceiver
74740-0002 MOLEX-74740-0002 Datasheet
261Kb / 11P
   1000Base-T RJ-45 Gigabit Ethernet GBIC Copper Transceiver
74740-0003 MOLEX-74740-0003 Datasheet
261Kb / 11P
   1000Base-T RJ-45 Gigabit Ethernet GBIC Copper Transceiver
74741 MOLEX-74741 Datasheet
128Kb / 2P
   1000Base-T RJ-45 Gigabit Ethernet SFP Copper Transceiver
More results

Podobny opis - 74743-0015

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
0747430003 MOLEX1-0747430003 Datasheet
31Kb / 1P
   Small Form-factor Pluggable (SFP) Cable Assembly, Active, 4 Gbps, 3.0m Length
0747420002 MOLEX1-0747420002 Datasheet
31Kb / 1P
   Small Form-factor Pluggable (SFP) Cable Assembly, Passive, 4 Gbps, 2.0m Length
0747430001 MOLEX1-0747430001 Datasheet
31Kb / 1P
   Small Form-factor Pluggable (SFP) Cable Assembly, Active, 4 Gbps, 1.0m Length
0747430002 MOLEX1-0747430002 Datasheet
31Kb / 1P
   Small Form-factor Pluggable (SFP) Cable Assembly, Active, 4 Gbps, 2.0m Length
logo
Bel Fuse Inc.
MRJ21 BEL-MRJ21 Datasheet
1Mb / 2P
   Cable Assemblies
logo
Samtec, Inc
BNC SAMTEC-BNC Datasheet
416Kb / 2P
   Cable Assemblies
Rev 22FEB22
MCX SAMTEC-MCX Datasheet
220Kb / 1P
   Cable Assemblies
MMCX SAMTEC-MMCX Datasheet
156Kb / 1P
   Cable Assemblies
Rev 01MAY21
logo
Pulse A Technitrol Comp...
NMOKHFCX PULSE-NMOKHFCX Datasheet
1Mb / 4P
   CABLE ASSEMBLIES/MOUNTS
logo
ERNI Electronics
839000 ERNI-839000 Datasheet
49Kb / 2P
   Flat Cable Assemblies
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com