Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74F543DB Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części SN74F543DB
Szczegółowy opis  OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74F543DB Arkusz danych(HTML) 4 Page - Texas Instruments

  SN74F543DB Datasheet HTML 1Page - Texas Instruments SN74F543DB Datasheet HTML 2Page - Texas Instruments SN74F543DB Datasheet HTML 3Page - Texas Instruments SN74F543DB Datasheet HTML 4Page - Texas Instruments SN74F543DB Datasheet HTML 5Page - Texas Instruments SN74F543DB Datasheet HTML 6Page - Texas Instruments SN74F543DB Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SN74F543
OCTAL REGISTERED TRANSCEIVER
WITH 3-STATE OUTPUTS
SDFS025B – D2942, MARCH 1987 – REVISED OCTOBER 1993
2–4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = – 18 mA
– 1.2
V
A1 A8
IOH = – 1 mA
2.5
3.4
A1 – A8
VCC =4 5V
IOH = – 3 mA
2.4
3.3
VOH
B1 B8
VCC = 4.5 V
IOH = – 3 mA
2.4
3.3
V
B1 – B8
IOH = – 15 mA
2
3.1
Any output
VCC = 4.75 V,
IOH = – 1 mA to – 3 mA
2.7
VOL
A1 – A8
VCC =4 5V
IOL = 24 mA
0.3
0.5
V
VOL
B1 – B8
VCC = 4.5 V
IOL = 64 mA
0.42
0.55
V
II
OE, LE, and CE
VCC =5 5V
VI = 7 V
0.1
mA
II
A and B ports
VCC = 5.5 V
VI = 5.5 V
1
mA
I
OE, LE, and CE
VCC =5 5V
VI =2 7V
20
µA
IIH‡
A and B ports
VCC = 5.5 V,
VI = 2.7 V
70
µA
I ‡
OE, LE, and CE
VCC =5 5V
VI =0 5V
– 1.2
mA
IIL‡
A and B ports
VCC = 5.5 V,
VI = 0.5 V
– 0.65
mA
I
§
A1 – A8
VCC =5 5V
VO =0
–60
– 150
mA
IOS§
B1 – B8
VCC = 5.5 V,
VO = 0
– 100
– 225
mA
ICCH
VCC = 5.5 V
67
100
mA
ICCL
VCC = 5.5 V
83
125
mA
ICCZ
VCC = 5.5 V
83
125
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ For I/O ports, the parameters IIH and IIL include the off-state output current.
§ Not more than one output should be shorted at a time, and the duration of the short circuit should not exceed one second.
timing requirements
VCC = 5 V,
TA = 25°C
VCC = 4.5 V to 5.5 V,
TA = MIN to MAX¶
UNIT
MIN
MAX
MIN
MAX
tw
Pulse duration
5
5
ns
tsu
Setup time, data before latch enable
High or low
3
3.5
ns
th
Hold time, data after latch enable
High or low
3
3.5
ns
¶ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.


Podobny numer części - SN74F543DB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74F543DBLE TI1-SN74F543DBLE Datasheet
506Kb / 13P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74F543DBR TI1-SN74F543DBR Datasheet
506Kb / 13P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Podobny opis - SN74F543DB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ABT543A TI-SN74ABT543A Datasheet
108Kb / 7P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC543A TI-SN74LVC543A Datasheet
150Kb / 10P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
74ACT11543 TI1-74ACT11543_11 Datasheet
379Kb / 12P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74F543 TI1-SN74F543_15 Datasheet
506Kb / 13P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC543A TI1-SN74LVC543A_16 Datasheet
823Kb / 16P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
74ACT11543 TI-74ACT11543 Datasheet
101Kb / 7P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC543 TI-SN74LVC543 Datasheet
99Kb / 6P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
74ACT11544 TI1-74ACT11544 Datasheet
117Kb / 8P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT543 FAIRCHILD-74ABT543 Datasheet
78Kb / 8P
   Octal Registered Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74LVC543A TI-SN74LVC543A_06 Datasheet
202Kb / 12P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com