Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74FB2031 Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części SN74FB2031
Szczegółowy opis  9-BIT TTL/BTL ADDRESS/DATA TRANSCEIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74FB2031 Arkusz danych(HTML) 5 Page - Texas Instruments

  SN74FB2031 Datasheet HTML 1Page - Texas Instruments SN74FB2031 Datasheet HTML 2Page - Texas Instruments SN74FB2031 Datasheet HTML 3Page - Texas Instruments SN74FB2031 Datasheet HTML 4Page - Texas Instruments SN74FB2031 Datasheet HTML 5Page - Texas Instruments SN74FB2031 Datasheet HTML 6Page - Texas Instruments SN74FB2031 Datasheet HTML 7Page - Texas Instruments SN74FB2031 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SN74FB2031
9-BIT TTL/BTL ADDRESS/DATA TRANSCEIVER
SCBS176K – NOVEMBER 1991 – REVISED SEPTEMBER 1999
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
live-insertion specifications over recommended operating free-air temperature range
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
ICC (BIAS VCC)
VCC = 0 to 4.5 V
VB =0to2V
VI (BIAS VCC)=4 5Vto5 5V
450
µA
ICC (BIAS VCC)
VCC = 4.5 V to 5.5 V
VB = 0 to 2 V,
VI (BIAS VCC) = 4.5 V to 5.5 V
10
µA
VO
B port
VCC = 0,
VI (BIAS VCC) = 5 V
1.62
2.1
V
VCC = 0,
VB = 1 V,
VI (BIAS VCC) = 4.5 V to 5.5 V
–1
IO
B port
VCC = 0 to 5.5 V,
OEB = 0 to 0.8 V
100
µA
VCC = 0 to 2.2 V,
OEB = 0 to 5 V
100
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
MIN
MAX
UNIT
fclock
Clock frequency
150
MHz
tw
Pulse duration
LCA or LCB
3.3
ns
Clock mode
Data before LCA
1.4
t
Setup time
Clock mode
Data before LCB
2.8
ns
tsu
Setup time
Latch mode
Data before LCA
1.1
ns
Latch mode
Data before LCB
2.4
Clock mode
Data after LCA
0.6
th
Hold time
Clock mode
Data after LCB
0
ns
th
Hold time
Latch mode
Data after LCA
0.9
ns
Latch mode
Data after LCB
0


Podobny numer części - SN74FB2031

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74FB2031 TI1-SN74FB2031 Datasheet
708Kb / 13P
[Old version datasheet]   9-BIT TTL/BTL ADDRESS/DATA TRANSCEIVER
SN74FB2031RC TI1-SN74FB2031RC Datasheet
708Kb / 13P
[Old version datasheet]   9-BIT TTL/BTL ADDRESS/DATA TRANSCEIVER
SN74FB2031RCG3 TI1-SN74FB2031RCG3 Datasheet
708Kb / 13P
[Old version datasheet]   9-BIT TTL/BTL ADDRESS/DATA TRANSCEIVER
SN74FB2031RCR TI1-SN74FB2031RCR Datasheet
708Kb / 13P
[Old version datasheet]   9-BIT TTL/BTL ADDRESS/DATA TRANSCEIVER
SN74FB2031RCRG3 TI1-SN74FB2031RCRG3 Datasheet
708Kb / 13P
[Old version datasheet]   9-BIT TTL/BTL ADDRESS/DATA TRANSCEIVER
More results

Podobny opis - SN74FB2031

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74FB2031 TI1-SN74FB2031_14 Datasheet
708Kb / 13P
[Old version datasheet]   9-BIT TTL/BTL ADDRESS/DATA TRANSCEIVER
SN74FB2032 TI-SN74FB2032 Datasheet
146Kb / 10P
[Old version datasheet]   9-BIT TTL/BTL COMPETITION TRANSCEIVER
logo
National Semiconductor ...
DS3883A NSC-DS3883A Datasheet
130Kb / 9P
   BTL 9-Bit Data Transceiver
DS3886A NSC-DS3886A Datasheet
187Kb / 11P
   BTL 9-Bit Latching Data Transceiver
logo
NXP Semiconductors
74F8965 PHILIPS-74F8965 Datasheet
119Kb / 11P
   9-Bit address/data Futurebus transceiver, ADT
December 19, 1990
logo
Texas Instruments
SN74FB2040 TI-SN74FB2040 Datasheet
136Kb / 9P
[Old version datasheet]   8-BIT TTL/BTL TRANSCEIVER
SN74FB2041A TI-SN74FB2041A Datasheet
149Kb / 10P
[Old version datasheet]   7-BIT TTL/BTL TRANSCEIVER
DS38C86A TI1-DS38C86A Datasheet
203Kb / 12P
[Old version datasheet]   DS38C86A CMOS BTL 9-Bit Latching Data Transceiver
SN74FB2033A TI-SN74FB2033A Datasheet
196Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033K TI-SN74FB2033K Datasheet
197Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com