Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STF0402100YZF Arkusz danych(PDF) 5 Page - Superworld Electronics

Numer części STF0402100YZF
Szczegółowy opis  COMMON MODE CHOKE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUPERWORLD [Superworld Electronics]
Strona internetowa  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

STF0402100YZF Arkusz danych(HTML) 5 Page - Superworld Electronics

  STF0402100YZF Datasheet HTML 1Page - Superworld Electronics STF0402100YZF Datasheet HTML 2Page - Superworld Electronics STF0402100YZF Datasheet HTML 3Page - Superworld Electronics STF0402100YZF Datasheet HTML 4Page - Superworld Electronics STF0402100YZF Datasheet HTML 5Page - Superworld Electronics STF0402100YZF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 5
09.05.2008
COMMON MODE CHOKE
STF0402 SERIES
WITH FRESH SOLDER.
FLUX : ROSIN
30 MINUTES
85±2°C
-25±2°C
30 MINUTES
RESISTANCE TEST
HIGH TEMP.
APPLIED CURRENT : PER SPEC.
TIME : 500 HOURS
TEMPERATURE : 85±2°C
TIME : 500 HOURS
HUMIDITY
RESISTANCE TEST
THERMAL SHOCK
TEST
( TEMP. CYCLE )
APPLIED CURRENT : PER SPEC.
TEMPERATURE : 40±2°C
HUMIDITY : 90 ~ 95%
TOTAL : 50 CYCLES
15 MINUTES
INDUCTANCE SHALL
NOT CHANGE MORE
THAN ±20%
ROOM TEMP.
ROOM TEMP.
15 MINUTES
DIP TIME : 4±1 SECONDS
SOLDER : 99%Sn/0.3%Ag/0.7%Cu OR EQUIVALENT
9. RELIABILTY AND TEST CONDITION :
SOLDERABILITY
TEST ITEM
MORE THAN 90% OF THE
TERMINAL ELECTRODE
SHALL BE COVERED
SPECIFICATION
PREHEAT : 125±25°C FOR 60 SECONDS
SOLDER TEMP. : 245±5°C
TEST CONDITION


Podobny numer części - STF0402100YZF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SamHop Microelectronics...
STF06N20 SAMHOP-STF06N20 Datasheet
212Kb / 11P
   Super high dense cell design for low RDS(ON).
logo
Superworld Electronics
STF0703 SUPERWORLD-STF0703 Datasheet
524Kb / 6P
   COMMON MODE CHOKE
STF0703101YZF SUPERWORLD-STF0703101YZF Datasheet
524Kb / 6P
   COMMON MODE CHOKE
STF0703151YZF SUPERWORLD-STF0703151YZF Datasheet
524Kb / 6P
   COMMON MODE CHOKE
STF0703250YZF SUPERWORLD-STF0703250YZF Datasheet
524Kb / 6P
   COMMON MODE CHOKE
More results

Podobny opis - STF0402100YZF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
XF0306-01S ETC-XF0306-01S Datasheet
34Kb / 1P
   COMMON MODE CHOKE
logo
ice Components, Ins.
C01-0150-02-00 ICE-C01-0150-02-00 Datasheet
373Kb / 2P
   Common Mode Choke
CSO2 ICE-CSO2 Datasheet
307Kb / 2P
   Common Mode Choke
logo
List of Unclassifed Man...
CMK08M02SM ETC-CMK08M02SM Datasheet
57Kb / 1P
   Common-Mode Choke
logo
PCA ELECTRONICS INC.
EPA3685-1 PCA-EPA3685-1 Datasheet
69Kb / 1P
   Common Mode Choke
EPA3482S PCA-EPA3482S Datasheet
78Kb / 1P
   Common Mode Choke
logo
MPS Industries, Inc.
P52TM12 MPSIND-P52TM12 Datasheet
195Kb / 1P
   COMMON MODE CHOKE
logo
XFMRS Inc.
XF0063-EE35CMC XFMRS-XF0063-EE35CMC Datasheet
95Kb / 2P
   COMMON MODE CHOKE
XF0086-02SM XFMRS-XF0086-02SM Datasheet
41Kb / 1P
   COMMON MODE CHOKE
XF0103-HO2 XFMRS-XF0103-HO2 Datasheet
36Kb / 1P
   Common Mode Choke
XF0103-HPCMC XFMRS-XF0103-HPCMC Datasheet
92Kb / 2P
   Common Mode Choke
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com