Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STF07036R0YZF Arkusz danych(PDF) 6 Page - Superworld Electronics

Numer części STF07036R0YZF
Szczegółowy opis  COMMON MODE CHOKE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUPERWORLD [Superworld Electronics]
Strona internetowa  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

STF07036R0YZF Arkusz danych(HTML) 6 Page - Superworld Electronics

  STF07036R0YZF Datasheet HTML 1Page - Superworld Electronics STF07036R0YZF Datasheet HTML 2Page - Superworld Electronics STF07036R0YZF Datasheet HTML 3Page - Superworld Electronics STF07036R0YZF Datasheet HTML 4Page - Superworld Electronics STF07036R0YZF Datasheet HTML 5Page - Superworld Electronics STF07036R0YZF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 6
09.05.2008
GUANGDONG CHINA
Mtl Dsg
BC
Coating Type
Type
ANSI
__
__
__
__
TC
TI
STF0703 SERIES
COMMON MODE CHOKE
10. UL CARD :
R
130
130
130
94V-0
BK
0.99
AM-1120,
AM-3131,
AM-300
AM-3000,
AM-1140,
AM-1130,
AM-1130,
AM-113
AM112
0
00
130
130
94V-0
130
3.0
0.74
BK
94V-0
130
130
130
94V-0
130
1.5
3.0
1.5
1.1
ALL
BK
130
94V-0
94V-0
130
94V-0
130
0.40
1.1
0.75
BK
ALL
BK,GN
130
94V-0
94V-0
94V-0
130
130
1
0
130
130
130
130
130
130
130
130
0
1
0
1
1
0
0
130
130
130
130
130
130
2
0
1
0
AM - 3130A
0.99
3.0
ALL
130
94V-0
94V-0
130
130
130
130
130
03
2
0
0
5
0
5
0
5


Podobny numer części - STF07036R0YZF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Superworld Electronics
STF0402 SUPERWORLD-STF0402 Datasheet
493Kb / 6P
   COMMON MODE CHOKE
STF0402100YZF SUPERWORLD-STF0402100YZF Datasheet
493Kb / 6P
   COMMON MODE CHOKE
STF0402151YZF SUPERWORLD-STF0402151YZF Datasheet
493Kb / 6P
   COMMON MODE CHOKE
STF0402221YZF SUPERWORLD-STF0402221YZF Datasheet
493Kb / 6P
   COMMON MODE CHOKE
STF0402400YZF SUPERWORLD-STF0402400YZF Datasheet
493Kb / 6P
   COMMON MODE CHOKE
More results

Podobny opis - STF07036R0YZF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
XF0306-01S ETC-XF0306-01S Datasheet
34Kb / 1P
   COMMON MODE CHOKE
logo
ice Components, Ins.
C01-0150-02-00 ICE-C01-0150-02-00 Datasheet
373Kb / 2P
   Common Mode Choke
CSO2 ICE-CSO2 Datasheet
307Kb / 2P
   Common Mode Choke
logo
List of Unclassifed Man...
CMK08M02SM ETC-CMK08M02SM Datasheet
57Kb / 1P
   Common-Mode Choke
logo
PCA ELECTRONICS INC.
EPA3685-1 PCA-EPA3685-1 Datasheet
69Kb / 1P
   Common Mode Choke
EPA3482S PCA-EPA3482S Datasheet
78Kb / 1P
   Common Mode Choke
logo
MPS Industries, Inc.
P52TM12 MPSIND-P52TM12 Datasheet
195Kb / 1P
   COMMON MODE CHOKE
logo
XFMRS Inc.
XF0063-EE35CMC XFMRS-XF0063-EE35CMC Datasheet
95Kb / 2P
   COMMON MODE CHOKE
XF0086-02SM XFMRS-XF0086-02SM Datasheet
41Kb / 1P
   COMMON MODE CHOKE
XF0103-HO2 XFMRS-XF0103-HO2 Datasheet
36Kb / 1P
   Common Mode Choke
XF0103-HPCMC XFMRS-XF0103-HPCMC Datasheet
92Kb / 2P
   Common Mode Choke
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com