Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CSD-5224B7 Arkusz danych(PDF) 3 Page - China Semiconductor Corporation

Numer części CSD-5224B7
Szczegółowy opis  0.52 Inch Dual Digits Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CHINASEMI [China Semiconductor Corporation]
Strona internetowa  
Logo CHINASEMI - China Semiconductor Corporation

CSD-5224B7 Arkusz danych(HTML) 3 Page - China Semiconductor Corporation

  CSD-5224B7 Datasheet HTML 1Page - China Semiconductor Corporation CSD-5224B7 Datasheet HTML 2Page - China Semiconductor Corporation CSD-5224B7 Datasheet HTML 3Page - China Semiconductor Corporation CSD-5224B7 Datasheet HTML 4Page - China Semiconductor Corporation CSD-5224B7 Datasheet HTML 5Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Internal Circuit Diagrams -
Absolute Maximum Rating -
(Ta=25 )
Symbol
Unit
Pd
mW
IAF
mA
IPF
mA
-
mA/
VR
V
Topr
Tstg
Page
2/4
Peak Current Per Dice(Duty cycle 1/10,1KHz)
Continuous Forward Current Per Dice
Derating Linear From 25
Per Dice
0.4
Operating Temp.
Storage Temp.
-35 ~ +85
Solder temperature 1/16 inch below seating plane for 3 seconds at 260
Reverse Voltage Per Dice
-35 ~ +85
http://www.csctw.com.tw
5
100
30
Parameter
Rating
PS-ND-08071918
A
120
Model No CSD-524/525B7
Power Dissipation Per Dice


Podobny numer części - CSD-5224B7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
China Semiconductor Cor...
CSD-5224A9 CHINASEMI-CSD-5224A9 Datasheet
171Kb / 5P
   0.52 Inch Dual Digits Display
CSD-5224E CHINASEMI-CSD-5224E Datasheet
171Kb / 5P
   0.52 Inch Dual Digits Display
CSD-5224G CHINASEMI-CSD-5224G Datasheet
171Kb / 5P
   0.52 Inch Dual Digits Display
CSD-5224M9 CHINASEMI-CSD-5224M9 Datasheet
171Kb / 5P
   0.52 Inch Dual Digits Display
CSD-5224S CHINASEMI-CSD-5224S Datasheet
171Kb / 5P
   0.52 Inch Dual Digits Display
More results

Podobny opis - CSD-5224B7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
China Semiconductor Cor...
CSD-5224M9 CHINASEMI-CSD-5224M9 Datasheet
171Kb / 5P
   0.52 Inch Dual Digits Display
CSD-5224V9 CHINASEMI-CSD-5224V9 Datasheet
171Kb / 5P
   0.52 Inch Dual Digits Display
CSD-5224G CHINASEMI-CSD-5224G Datasheet
171Kb / 5P
   0.52 Inch Dual Digits Display
CSD-5224A9 CHINASEMI-CSD-5224A9 Datasheet
171Kb / 5P
   0.52 Inch Dual Digits Display
CSD-5224S CHINASEMI-CSD-5224S Datasheet
171Kb / 5P
   0.52 Inch Dual Digits Display
CSD-5224E CHINASEMI-CSD-5224E Datasheet
171Kb / 5P
   0.52 Inch Dual Digits Display
CST-5234S CHINASEMI-CST-5234S Datasheet
197Kb / 6P
   0.52 Inch Triad Digits Display
logo
Ningbo Foryard Optoelec...
FYT-5231EX-00 FORYARD-FYT-5231EX-00 Datasheet
532Kb / 5P
   0.52 Inch (13.20mm) digit height Three Digits Display
FYT-5231AX-00 FORYARD-FYT-5231AX-00 Datasheet
529Kb / 5P
   0.52 Inch (13.20mm) digit height Three Digits Display
FYT-5231CX-00 FORYARD-FYT-5231CX-00 Datasheet
516Kb / 5P
   0.52 Inch (13.20mm) digit height Three Digits Display
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com