Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVC1GU04DBVTE4 Arkusz danych(PDF) 2 Page - Texas Instruments

Numer części 74LVC1GU04DBVTE4
Szczegółowy opis  SINGLE INVERTER GATE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

74LVC1GU04DBVTE4 Arkusz danych(HTML) 2 Page - Texas Instruments

  74LVC1GU04DBVTE4 Datasheet HTML 1Page - Texas Instruments 74LVC1GU04DBVTE4 Datasheet HTML 2Page - Texas Instruments 74LVC1GU04DBVTE4 Datasheet HTML 3Page - Texas Instruments 74LVC1GU04DBVTE4 Datasheet HTML 4Page - Texas Instruments 74LVC1GU04DBVTE4 Datasheet HTML 5Page - Texas Instruments 74LVC1GU04DBVTE4 Datasheet HTML 6Page - Texas Instruments 74LVC1GU04DBVTE4 Datasheet HTML 7Page - Texas Instruments 74LVC1GU04DBVTE4 Datasheet HTML 8Page - Texas Instruments 74LVC1GU04DBVTE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
www.ti.com
A
Y
2
4
A
Y
1
3
SN74LVC1GU04
SINGLE INVERTER GATE
SCES215T – APRIL 1999 – REVISED JANUARY 2007
ORDERING INFORMATION
TOP-SIDE
TA
PACKAGE(1)
ORDERABLE PART NUMBER
MARKING(2)
NanoFree™ – WCSP (DSBGA)
0.23-mm Large Bump – YZP
SN74LVC1GU04YZPR
_ _ _CD_
(Pb-free)
Reel of 3000
NanoFree™ – WCSP (DSBGA)
_ _ _ _
0.23-mm Large Bump – YZV
SN74LVC1GU04YZVR
CD
(Pb-free)
–40
°C to 85°C
Reel of 3000
SN74LVC1GU04DBVR
SOT (SOT-23) – DBV
CU4_
Reel of 250
SN74LVC1GU04DBVT
Reel of 3000
SN74LVC1GU04DCKR
SOT (SC-70) – DCK
CD_
Reel of 250
SN74LVC1GU04DCKT
SOT (SOT-553) – DRL
Reel of 4000
SN74LVC1GU04DRLR
CD_
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
DBV/DCK/DRL: The actual top-side marking has one additional character that designates the assembly/test site.
YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition (1 = SnPb,
• = Pb-free).
YZV: The actual top-side marking is on two lines. Line 1 has four characters to denote year, month, day, and assembly/test site. Line 2
has two characters which show the family and function code. Pin 1 identifier indicates solder-bump composition (1 = SnPb,
• = Pb-free).
FUNCTION TABLE
INPUT
OUTPUT
A
Y
H
L
L
H
LOGIC DIAGRAM (POSITIVE LOGIC)
DBV, DCK, DRL, and YZP PACKAGE
YZV PACKAGE
2
Submit Documentation Feedback


Podobny numer części - 74LVC1GU04DBVTE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74LVC1GU04DBVTE4 TI-74LVC1GU04DBVTE4 Datasheet
643Kb / 16P
[Old version datasheet]   SINGLE INVERTER GATE
74LVC1GU04DBVTE4 TI-74LVC1GU04DBVTE4 Datasheet
709Kb / 16P
[Old version datasheet]   SINGLE INVERTER GATE
More results

Podobny opis - 74LVC1GU04DBVTE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AHCT1G04-Q1 TI-SN74AHCT1G04-Q1 Datasheet
147Kb / 7P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1 Datasheet
362Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04MDBVREP TI1-SN74LVC1G04MDBVREP Datasheet
495Kb / 14P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74LVC1G04_1010 DIODES-74LVC1G04_1010 Datasheet
243Kb / 14P
   SINGLE INVERTER GATE
DS32198 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G04 TI1-SN74LVC1G04_18 Datasheet
2Mb / 45P
[Old version datasheet]   Single Inverter Gate
logo
Unisonic Technologies
U74LVC1G04 UTC-U74LVC1G04_15 Datasheet
170Kb / 5P
   SINGLE INVERTER GATE
logo
Texas Instruments
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1_15 Datasheet
866Kb / 16P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74LVC1G04 DIODES-74LVC1G04 Datasheet
199Kb / 11P
   SINGLE INVERTER GATE
DS32198 Rev. 1 - 2
logo
Texas Instruments
SN74AUC1GU04 TI-SN74AUC1GU04_10 Datasheet
445Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74AHC1G04 DIODES-74AHC1G04_11 Datasheet
180Kb / 8P
   SINGLE INVERTER GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com