Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CSD-S30228B7 Arkusz danych(PDF) 2 Page - China Semiconductor Corporation

Numer części CSD-S30228B7
Szczegółowy opis  0.3 Inch Dual Digit SMD Display
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CHINASEMI [China Semiconductor Corporation]
Strona internetowa  
Logo CHINASEMI - China Semiconductor Corporation

CSD-S30228B7 Arkusz danych(HTML) 2 Page - China Semiconductor Corporation

  CSD-S30228B7 Datasheet HTML 1Page - China Semiconductor Corporation CSD-S30228B7 Datasheet HTML 2Page - China Semiconductor Corporation CSD-S30228B7 Datasheet HTML 3Page - China Semiconductor Corporation CSD-S30228B7 Datasheet HTML 4Page - China Semiconductor Corporation CSD-S30228B7 Datasheet HTML 5Page - China Semiconductor Corporation CSD-S30228B7 Datasheet HTML 6Page - China Semiconductor Corporation CSD-S30228B7 Datasheet HTML 7Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Features -
1. 0.3 inch (7.62mm) digit height.
3. RoHS compliant.
4. Low power consumption.
5. ESD 1KV(HBM).
6. Easy mounting on P.C. board.
Device Selection Guide -
Mechanical Dimensions -
Page
1/6
http://www.csctw.com.tw
CSD-S30229B7
InGaN
A
Description
2. Qualified according to JEDEC moisture sensitivity Level 2a.
PS-DD-S30228/S30229B7
Super Bright Blue
Model No CSD-S30228/S30229B7
Model No.
Chip
Emitting Color
Common Anode
Super Bright Blue
Material
CSD-S30228B7
InGaN
Common Cathode


Podobny numer części - CSD-S30228B7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
China Semiconductor Cor...
CSD-S30228A9 CHINASEMI-CSD-S30228A9 Datasheet
248Kb / 7P
   0.3 Inch Dual Digit SMD Display
CSD-S30228G CHINASEMI-CSD-S30228G Datasheet
245Kb / 7P
   0.3 Inch Dual Digit SMD Display
CSD-S30228M9 CHINASEMI-CSD-S30228M9 Datasheet
241Kb / 7P
   0.3 Inch Dual Digit SMD Display
CSD-S30228S CHINASEMI-CSD-S30228S Datasheet
243Kb / 7P
   0.3 Inch Dual Digit SMD Display
CSD-S30228T9 CHINASEMI-CSD-S30228T9 Datasheet
245Kb / 7P
   0.3 Inch Dual Digit SMD Display
More results

Podobny opis - CSD-S30228B7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
China Semiconductor Cor...
CSD-S30228M9 CHINASEMI-CSD-S30228M9 Datasheet
241Kb / 7P
   0.3 Inch Dual Digit SMD Display
CSD-S30228V9 CHINASEMI-CSD-S30228V9 Datasheet
236Kb / 7P
   0.3 Inch Dual Digit SMD Display
CSD-S30228A9 CHINASEMI-CSD-S30228A9 Datasheet
248Kb / 7P
   0.3 Inch Dual Digit SMD Display
CSD-S30228G CHINASEMI-CSD-S30228G Datasheet
245Kb / 7P
   0.3 Inch Dual Digit SMD Display
CSD-S30228S CHINASEMI-CSD-S30228S Datasheet
243Kb / 7P
   0.3 Inch Dual Digit SMD Display
CSD-S30228T9 CHINASEMI-CSD-S30228T9 Datasheet
245Kb / 7P
   0.3 Inch Dual Digit SMD Display
CST-S30320A9 CHINASEMI-CST-S30320A9 Datasheet
258Kb / 7P
   0.3 Inch Triad Digit SMD Display
CST-S30320G CHINASEMI-CST-S30320G Datasheet
254Kb / 7P
   0.3 Inch Triad Digit SMD Display
CSS-S30120V9 CHINASEMI-CSS-S30120V9 Datasheet
231Kb / 7P
   0.3 Inch Single Digit SMD Display
CSS-S30120B7 CHINASEMI-CSS-S30120B7 Datasheet
234Kb / 7P
   0.3 Inch Single Digit SMD Display
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com