Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74LVCH32374A Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części SN74LVCH32374A
Szczegółowy opis  32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74LVCH32374A Arkusz danych(HTML) 6 Page - Texas Instruments

  SN74LVCH32374A Datasheet HTML 1Page - Texas Instruments SN74LVCH32374A Datasheet HTML 2Page - Texas Instruments SN74LVCH32374A Datasheet HTML 3Page - Texas Instruments SN74LVCH32374A Datasheet HTML 4Page - Texas Instruments SN74LVCH32374A Datasheet HTML 5Page - Texas Instruments SN74LVCH32374A Datasheet HTML 6Page - Texas Instruments SN74LVCH32374A Datasheet HTML 7Page - Texas Instruments SN74LVCH32374A Datasheet HTML 8Page - Texas Instruments SN74LVCH32374A Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SN74LVCH32374A
32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP
WITH 3-STATE OUTPUTS
SCAS619A – OCTOBER 1998 – REVISED JUNE 1999
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VCC = 1.8 V ± 0.15 V
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VOH
VOL
th
tsu
From Output
Under Test
CL = 30 pF
(see Note A)
LOAD CIRCUIT
S1
Open
GND
1 k
1 k
Output
Control
(low-level
enabling)
Output
Waveform 1
S1 at 2
× VCC
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
tPZL
tPZH
tPLZ
tPHZ
0 V
VOL + 0.15 V
VOH – 0.15 V
0 V
VCC
0 V
0 V
tw
VCC
VCC
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PULSE DURATION
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
Timing
Input
Data
Input
Input
tpd
tPLZ/tPZL
tPHZ/tPZH
Open
2
× VCC
GND
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2 ns, tf ≤ 2 ns.
D. The outputs are measured one at a time with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd.
0 V
VCC
VCC/2
tPHL
VCC/2
VCC/2
VCC
0 V
VOH
VOL
Input
Output
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
VCC/2
VCC/2
tPLH
2
× VCC
VCC
Figure 1. Load Circuit and Voltage Waveforms


Podobny numer części - SN74LVCH32374A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74LVCH32374A TI1-SN74LVCH32374A Datasheet
811Kb / 14P
[Old version datasheet]   32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVCH32374AGKER TI1-SN74LVCH32374AGKER Datasheet
811Kb / 14P
[Old version datasheet]   32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVCH32374AZKER TI1-SN74LVCH32374AZKER Datasheet
811Kb / 14P
[Old version datasheet]   32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVCH32374A TI1-SN74LVCH32374A_16 Datasheet
811Kb / 14P
[Old version datasheet]   32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP
More results

Podobny opis - SN74LVCH32374A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AUC32374 TI1-SN74AUC32374 Datasheet
412Kb / 13P
[Old version datasheet]   32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVCH32374 TI-SN74ALVCH32374 Datasheet
131Kb / 9P
[Old version datasheet]   32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVCH32374 TI1-SN74ALVCH32374_13 Datasheet
791Kb / 12P
[Old version datasheet]   32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AUCH32374 TI-SN74AUCH32374 Datasheet
285Kb / 11P
[Old version datasheet]   32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC32374A TI1-SN74LVC32374A Datasheet
413Kb / 13P
[Old version datasheet]   32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVTH32237 TI-SN74LVTH32237 Datasheet
266Kb / 9P
[Old version datasheet]   3.3V ABT 32 BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3 STATE OUTPUTS
SN74ALVCH162374 TI-SN74ALVCH162374_04 Datasheet
318Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC16374 TI-SN74LVC16374 Datasheet
97Kb / 6P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AVC16374 TI-SN74AVC16374_06 Datasheet
369Kb / 18P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVCH16374A TI1-SN74LVCH16374A_14 Datasheet
918Kb / 24P
[Old version datasheet]   16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com