Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74740-0002 Arkusz danych(PDF) 8 Page - Molex Electronics Ltd.

Numer części 74740-0002
Szczegółowy opis  1000Base-T RJ-45 Gigabit Ethernet GBIC Copper Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

74740-0002 Arkusz danych(HTML) 8 Page - Molex Electronics Ltd.

Back Button 74740-0002 Datasheet HTML 3Page - Molex Electronics Ltd. 74740-0002 Datasheet HTML 4Page - Molex Electronics Ltd. 74740-0002 Datasheet HTML 5Page - Molex Electronics Ltd. 74740-0002 Datasheet HTML 6Page - Molex Electronics Ltd. 74740-0002 Datasheet HTML 7Page - Molex Electronics Ltd. 74740-0002 Datasheet HTML 8Page - Molex Electronics Ltd. 74740-0002 Datasheet HTML 9Page - Molex Electronics Ltd. 74740-0002 Datasheet HTML 10Page - Molex Electronics Ltd. 74740-0002 Datasheet HTML 11Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Module Specifications – Recommended Operating Conditions
1000Base-T RJ-45 Gigabit
Ethernet GBIC Copper
Transceiver
ACTIVE PERFORMANCE SPECIFICATIONS
PARAMETERS
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Storage Temperature
Tstg
-40
85
ºC
Ambient Operating Temperature
Ta
0
70
ºC
Supply Voltage
V
DDR, VDDT
4.75
5.25
Vdc
Vcc-ground
Supply Current
Icc
350
mA
Surge Current
Isurge
55
mA
Surge above steady state value
GBIC Host Serial Interface (TX/RX)
Data Input/Output Type
LVDS, AC coupled
Impedance (SERDES Interface)
150
ohms
Differential
Transm itter (Input to GBIC)
Input Voltage
400
2400
mVpp
Receiver (Output to SERDES)
Output Voltage
875
1525
mVpp
Max Off Voltage
170
mVpp
Rise Time, 20%–80%
85
350
ps
Total Jitter
192
ps
Skew
175
ps
Link Dropout
74740-0001
100
200
msec
From detection of loss of signal to SERDES
disable
Loss of Signal Timing
74740-0002, 74740-0003
RX_LOS assert delay
t_loss_on
100
200
msec
From detection of loss of signal to assertion of
RX_LOS
RX_LOS negate delay
t_loss_off
3
3.5
sec
From detection of presence of signal to negation
of RX_LOS


Podobny numer części - 74740-0002

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
7474 FAIRCHILD-7474 Datasheet
51Kb / 5P
   Dual Positive-Edge-Triggered D-Type Flip-Flops with Preset, Clear and Complementary Outputs
logo
Molex Electronics Ltd.
74741 MOLEX-74741 Datasheet
128Kb / 2P
   1000Base-T RJ-45 Gigabit Ethernet SFP Copper Transceiver
74741 MOLEX-74741 Datasheet
74Kb / 4P
   1000Base-T RJ-45 Gigabit Ethernet SFP Copper Transceiver
74741-0001 MOLEX-74741-0001 Datasheet
74Kb / 4P
   1000Base-T RJ-45 Gigabit Ethernet SFP Copper Transceiver
74741-0002 MOLEX-74741-0002 Datasheet
74Kb / 4P
   1000Base-T RJ-45 Gigabit Ethernet SFP Copper Transceiver
More results

Podobny opis - 74740-0002

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
74741 MOLEX-74741_04 Datasheet
74Kb / 4P
   1000Base-T RJ-45 Gigabit Ethernet SFP Copper Transceiver
74741 MOLEX-74741 Datasheet
128Kb / 2P
   1000Base-T RJ-45 Gigabit Ethernet SFP Copper Transceiver
logo
Bel Fuse Inc.
SFP-1GBT-02 BEL-SFP-1GBT-02_12 Datasheet
380Kb / 5P
   SFP Copper Transceiver 1000Base-T GBIC
SFP-1GBT-06 BEL-SFP-1GBT-06_12 Datasheet
381Kb / 5P
   SFP Copper Transceiver 1000Base-T GBIC
SFP-1GBT-06 BEL-SFP-1GBT-06_17 Datasheet
498Kb / 3P
   SFP Copper Transceiver 1000Base-T to GBIC
logo
Finisar Corporation.
FCM-8520-3 FINISAR-FCM-8520-3 Datasheet
165Kb / 7P
   1000BASE-T Copper GBIC Transceivers
FCL-8520-3 FINISAR-FCL-8520-3 Datasheet
151Kb / 7P
   1000BASE-T Copper GBIC Transceivers
FCL-8520 FINISAR-FCL-8520 Datasheet
156Kb / 7P
   1000BASE-T Copper GBIC Transceivers
logo
Broadcom Corporation.
BCM5421S BOARDCOM-BCM5421S Datasheet
127Kb / 1P
   10/100/1000BASE-T GIGABIT COPPER TRANSCEIVER
BCM5461 BOARDCOM-BCM5461 Datasheet
227Kb / 2P
   10/100/1000BASE-T GIGABIT COPPER TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com