Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74SSTL16847 Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części SN74SSTL16847
Szczegółowy opis  20-BIT SSTL_3 INTERFACE BUFFER WITH 3-STATE OUTPUTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74SSTL16847 Arkusz danych(HTML) 1 Page - Texas Instruments

  SN74SSTL16847 Datasheet HTML 1Page - Texas Instruments SN74SSTL16847 Datasheet HTML 2Page - Texas Instruments SN74SSTL16847 Datasheet HTML 3Page - Texas Instruments SN74SSTL16847 Datasheet HTML 4Page - Texas Instruments SN74SSTL16847 Datasheet HTML 5Page - Texas Instruments SN74SSTL16847 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SN74SSTL16847
20-BIT SSTL_3 INTERFACE BUFFER
WITH 3-STATE OUTPUTS
SCBS709A – OCTOBER 1997 – REVISED MAY 1998
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Member of the Texas Instruments
Widebus
™ Family
D Supports SSTL_3 Signal Inputs and
Outputs
D Flow-Through Architecture Optimizes PCB
Layout
D Meets SSTL_3 Class I and Class II
Specifications
D ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015; Exceeds 200 V
Using Machine Model (C = 200 pF, R = 0)
D Latch-Up Performance Exceeds 250 mA Per
JESD 17
D Packaged in Plastic Thin Shrink
Small-Outline Package
description
This 20-bit buffer is designed for 3-V to 3.6-V VCC
operation and SSTL_3 input levels.
Data flow from A to Y is controlled by the
output-enable (OE). When OE is high, the outputs
are in the high-impedance state.
To ensure the high-impedance state during power
up or power down, OE should be tied to VCC
through a pullup resistor; the minimum value of
the resistor is determined by the current-sinking
capability of the driver.
The
SN74SSTL16847
is
characterized
for
operation from 0
°C to 70°C.
Copyright
© 1998, Texas Instruments Incorporated
Widebus is a trademark of Texas Instruments Incorporated.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
DGG PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
Y1
Y2
GND
Y3
Y4
VDDQ
Y5
Y6
GND
Y7
Y8
VDDQ
Y9
Y10
GND
OE
VREF
GND
Y11
Y12
VDDQ
Y13
Y14
GND
Y15
Y16
VDDQ
Y17
Y18
GND
Y19
Y20
A1
A2
GND
A3
A4
VCC
A5
A6
GND
A7
A8
VCC
A9
A10
GND
NC
NC
GND
A11
A12
VCC
A13
A14
GND
A15
A16
VCC
A17
A18
GND
A19
A20
NC – No internal connection
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Podobny numer części - SN74SSTL16847

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74SSTL16837 TI-SN74SSTL16837 Datasheet
93Kb / 6P
[Old version datasheet]   20-BIT SSTL_3 INTERFACE UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74SSTL16837A TI-SN74SSTL16837A Datasheet
93Kb / 6P
[Old version datasheet]   20-BIT SSTL_3 INTERFACE UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74SSTL16837ADGG TI-SN74SSTL16837ADGG Datasheet
93Kb / 6P
[Old version datasheet]   20-BIT SSTL_3 INTERFACE UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74SSTL16857 TI-SN74SSTL16857 Datasheet
93Kb / 7P
[Old version datasheet]   14-BIT SSTL_2 REGISTERED BUFFER
SN74SSTL16857DGG TI-SN74SSTL16857DGG Datasheet
93Kb / 7P
[Old version datasheet]   14-BIT SSTL_2 REGISTERED BUFFER
More results

Podobny opis - SN74SSTL16847

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74SSTL16837A TI-SN74SSTL16837A Datasheet
93Kb / 6P
[Old version datasheet]   20-BIT SSTL_3 INTERFACE UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVC16828 TI-SN74ALVC16828 Datasheet
208Kb / 4P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AVC16827DGGR TI-SN74AVC16827DGGR Datasheet
316Kb / 15P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH162827 PERICOM-PI74ALVCH162827 Datasheet
330Kb / 4P
   20-Bit Buffer Driver with 3-STATE Outputs
PI74ALVCH16827 PERICOM-PI74ALVCH16827 Datasheet
296Kb / 4P
   20-Bit Buffer/Driver with 3-STATE Outputs
logo
Texas Instruments
SN74ALVCH16827-EP TI1-SN74ALVCH16827-EP Datasheet
286Kb / 12P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162827 TI-SN74ALVCH162827 Datasheet
152Kb / 10P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16827 TI-SN74ALVCH16827 Datasheet
122Kb / 9P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AVC16827DGVR TI-SN74AVC16827DGVR Datasheet
338Kb / 15P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162827 TI1-SN74ALVCH162827_08 Datasheet
345Kb / 13P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com