Zakładka z wyszukiwarką danych komponentów |
|
TC241-20 Arkusz danych(PDF) 4 Page - Texas Instruments |
|
TC241-20 Arkusz danych(HTML) 4 Page - Texas Instruments |
4 / 18 page TC241 780- × 488-PIXEL CCD IMAGE SENSOR SOCS006C – AUGUST 1986 – REVISED DECEMBER 1991 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 detailed description The TC241 consists of four basic functional blocks: (1) the image-sensing area, (2) the image-storage area, (3) the multiplexer with serial registers and transfer gates, and (4) the buffer amplifier with charge-detection nodes. The location of each of these blocks is shown in the functional block diagram. image-sensing storage areas Cross sections with potential-well diagrams and top views of image-sensing and storage-area elements are shown in Figure 1 and Figure 2. As light enters the silicon in the image-sensing area, free electrons are generated and collected in the potential wells of the sensing elements. During this time, the antiblooming gate is activated by the application of a burst of pulses every horizontal-blanking interval. This prevents blooming caused by the spilling of charge from overexposed elements into neighboring elements. After the completion of integration, the signal charge is transferred into the storage area. To generate the dark reference necessary in subsequent video-processing circuits for restoration of the video-black level, 23 full columns and one half-column of elements at the left edge of the image-sensing area are shielded from incident light. Two full columns and one half-column of elements at the right of the image-sensing area are also shielded from incident light. The total number of elements per row is 780 (753 active elements plus 25 shielded elements and 2 transitional elements). multiplexer with transfer gates and serial registers The multiplexer and transfer-gates transfer charge line by line from the image-element columns into the corresponding serial register and prepare it for readout. Multiplexing is activated during the horizontal-blanking interval by applying appropriate pulses to the transfer gates and serial registers. The required pulse timing is shown in Figure 3. A drain is included in this area to provide the capability to quickly clear the image-sensing and storage areas of unwanted charge. Such charge can accumulate in the imager during the start-up of operation or under special circumstances when nonstandard TV operation is desired. buffer amplifier with charge-detection nodes The buffer amplifier converts charge into a video signal. Figure 4 shows the circuit diagram of a charge-detection node and one of the three amplifiers. As charge is transferred into the detection node, the potential of this node changes in proportion to the amount of signal received. This change is sensed by an MOS transistor and, after proper buffering, the signal is supplied to the output terminal of the image sensor. After the potential change has been sensed, the node is reset to a reference voltage supplied by an on-chip reference generator. The reset is accomplished by a reset gate that is connected internally to the serial register. The detection nodes and corresponding amplifiers are located some distance from the edge of the storage area; six dummy elements are used to span this distance. The location of the dummy elements is shown in the functional block diagram. ABG IAG 11.5 µm Clocked Barrier Virtual Barrier Antiblooming Gate Virtual Well Clocked Well Light Antiblooming Clocking Levels Accumulated Charge 27 µm Figure 1. Charge-Accumulation Process |
Podobny numer części - TC241-20 |
|
Podobny opis - TC241-20 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |