Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

93070-2501 Arkusz danych(PDF) 1 Page - Molex Electronics Ltd.

Numer części 93070-2501
Szczegółowy opis  RAST 2.5 Vertical Male Headers 2.50 and 5.00mm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

93070-2501 Arkusz danych(HTML) 1 Page - Molex Electronics Ltd.

  93070-2501 Datasheet HTML 1Page - Molex Electronics Ltd. 93070-2501 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES AND SPECIFICATIONS
Features and Benefits
SPECIFICATIONS
Reference Information
Packaging: Box
UL File No.: pending
CSA File No.: pending
VDE file No: pending
93070 Mates With: 91716,93050,90871
93071 Mates with: 91717, 93051, 90872, 91627
Electrical
Voltage (max.):
Series 93070: 32V
Series 93071: 250V
Current (max.): 6.0A
Contact Resistance: 10 milliohms max.
Dielectric Withstanding Voltage: 1000V
Insulation Resistance: >109 Ohms
n
Housing material is 750C Glow Wire compatible
and meets European safety standards
n
Housing material is designed to meet UL 94V-0
requirements and meets US safety standards
n
Footprint compatible with competitor’s parts allows
drop-in replacement and no barrier to design in
n
Multiple coding options available allows specific
coding for each header on the PCB
Designed to the European RAST standard, Molex now offers a comprehensive offering of
Glow-Wire compatible RAST connectors and headers for white good applications
RAST, the European standard connector for home
appliances, is now being adopted by appliance
manufacturers. The connector family incorporates a
range for crimp and IDT connectors and PCB headers.
With the addition of the RAST 2.50mm (.098”)
headers, Molex now offers a comprehensive range for
both connectors and headers to our customers.
Series 93070 performs at 32V on a 2.50mm (.098”)
pitch and Series 93071 headers are designed with a
5.00mm (.197”) pitch to perform to 240V. RAST is
an acronym for the German words Raster Anschluss
RAST 2.5 Vertical Male Headers
2.50 and 5.00mm
(.098 and .197”) Pitch
93070 2.50mm (.098”) Pitch
93071 5.00mm (.197”) Pitch
Steck Technik (roughly translated as Pitch Connection
Plug Technology). Generally, RAST is followed by a
numerical value which represents the contact centerline
spacing (in millimeters) for the interconnection.
The RAST vertical header housing material meets the
IEC 60335 Glow-Wire standard for 750C and meets
UL 94V-0 flammability requirements. The header is
designed to the RAST standard interface and can mate
with female connectors from the main RAST suppliers.
For more information on RAST2.5, please visit:
www.molex.com/link/rast25.html.
Mechanical
Contact Retention to Housing: >20N
Physical
Housing: Nylon 6
Contact: Brass
Plating:
Contact Area — 3 to 7µm Tin (Sn)
Solder Tail Area — 3 to 7µm Tin (Sn)
Underplating — 1µm Nickel, (Ni)
PCB Thickness: 1.50mm (.059”) +/-
Operating Temperature: -20 to +120°C
Left: 8-Circuit 2.50mm (.098”) Pitch Header (Series 93070)
Right: 3-Circuit 2.50mm (.098”) Pitch Header (Series 93070)
8-Circuit Header (Series 93070)


Podobny numer części - 93070-2501

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
93070-2501 MOLEX11-93070-2501 Datasheet
407Kb / 5P
   2.50mm (.098") Pitch Appli-Mate RAST 2.5 Header, Vertical, 8 Circuits, Glow Wire Compatible, with Latch
More results

Podobny opis - 93070-2501

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
0930711004 MOLEX11-0930711004 Datasheet
198Kb / 4P
   5.00mm (.197") Pitch Appli-Mate RAST 2.5 Header, Vertical, 3 Circuits, Reference K00, Glow
0945294107 MOLEX11-0945294107 Datasheet
130Kb / 2P
   5.00mm (.197") Pitch RAST
0930713001 MOLEX11-0930713001 Datasheet
199Kb / 4P
   5.00mm (.197") Pitch Appli-Mate RAST 2.5 Header, Vertical, 5 Circuits, Reference K00, Glow Wire
0930716001 MOLEX11-0930716001 Datasheet
199Kb / 4P
   5.00mm (.197") Pitch Appli-Mate RAST 2.5 Header, Vertical, 8 Circuits, Reference K00, Glow Wire Compatible
0930711005 MOLEX11-0930711005 Datasheet
198Kb / 4P
   5.00mm (.197") Pitch Appli-Mate RAST 2.5 Header, Vertical, 3 Circuits, Reference K00, Glow Wire Compatible
0930710001 MOLEX11-0930710001 Datasheet
199Kb / 4P
   5.00mm (.197") Pitch Appli-Mate RAST 2.5 Header, Vertical, 2 Circuits, Reference K00, Glow Wire Compatible
0930712001 MOLEX11-0930712001 Datasheet
199Kb / 4P
   5.00mm (.197") Pitch Appli-Mate RAST 2.5 Header, Vertical, 4 Circuits, Reference K00, Glow Wire Compatible
0930711001 MOLEX11-0930711001 Datasheet
199Kb / 4P
   5.00mm (.197") Pitch Appli-Mate RAST 2.5 Header, Vertical, 3 Circuits, Reference K00, Glow Wire Compatible
0930715001 MOLEX11-0930715001 Datasheet
199Kb / 4P
   5.00mm (.197") Pitch Appli-Mate RAST 2.5 Header, Vertical, 7 Circuits, Reference K00, Glow Wire Compatible
0930714001 MOLEX11-0930714001 Datasheet
199Kb / 4P
   5.00mm (.197") Pitch Appli-Mate RAST 2.5 Header, Vertical, 6 Circuits, Reference K00, Glow Wire Compatible
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com