Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL064B Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części TL064B
Szczegółowy opis  LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TL064B Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button TL064B Datasheet HTML 2Page - Texas Instruments TL064B Datasheet HTML 3Page - Texas Instruments TL064B Datasheet HTML 4Page - Texas Instruments TL064B Datasheet HTML 5Page - Texas Instruments TL064B Datasheet HTML 6Page - Texas Instruments TL064B Datasheet HTML 7Page - Texas Instruments TL064B Datasheet HTML 8Page - Texas Instruments TL064B Datasheet HTML 9Page - Texas Instruments TL064B Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
TL061, TL061A, TL061B, TL061Y, TL062, TL062A
TL062B, TL062Y, TL064, TL064A, TL064B, TL064Y
LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
SLOS078F – NOVEMBER 1978 – REVISED JANUARY 1999
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TL064Y chip information
This chip, when properly assembled, has characteristics similar to the TL064. Thermal compression or
ultrasonic bonding can be used on the doped-aluminum bonding pads. The chips can be mounted with
conductive epoxy or a gold-silicon preform.
Bonding-Pad Assignments
Chip Thickness: 15 Mils Typical
Bonding Pads: 4
× 4 Mils Minimum
TJ(max) = 150°C
Tolerances Are
±10%.
All Dimensions Are in Mils.
Pin (11) is Internally Connected
to Backside of Chip.
+
1OUT
1IN+
1IN–
VCC+
(4)
(6)
(3)
(2)
(5)
(1)
+
(7)
2IN+
2IN–
2OUT
(11)
VCC–
+
4OUT
4IN+
4IN–
(13)
(10)
(9)
(12)
(8)
+
(14)
3OUT
3IN+
3IN–
60
110
(13)
(14)
(1)
(2)
(3)
(5)
(6)
(7)
(8)
(9)
(10)
(12)
(11)
(4)


Podobny numer części - TL064B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TL064B STMICROELECTRONICS-TL064B Datasheet
113Kb / 10P
   LOW POWER J-FET QUAD OPERATIONAL AMPLIFIERS
TL064B STMICROELECTRONICS-TL064B Datasheet
237Kb / 10P
   LOW POWER J-FET QUAD OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL064B TI-TL064B Datasheet
975Kb / 39P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL064B TI-TL064B Datasheet
1Mb / 42P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL064B TI-TL064B Datasheet
1Mb / 42P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
More results

Podobny opis - TL064B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL061 TI-TL061_09 Datasheet
1Mb / 42P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC35181 MOTOROLA-MC35181 Datasheet
417Kb / 9P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LF441C ONSEMI-LF441C Datasheet
209Kb / 10P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
1996 Rev 0
logo
Texas Instruments
TL061 TI-TL061_10 Datasheet
1Mb / 42P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
TL062 MOTOROLA-TL062 Datasheet
207Kb / 12P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL061 TI1-TL061 Datasheet
2Mb / 52P
[Old version datasheet]   Low-Power JFET-Input Operational Amplifiers
TL061 TI-TL061_06 Datasheet
975Kb / 39P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
TL062 ONSEMI-TL062 Datasheet
207Kb / 12P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
1996 REV 5
logo
Texas Instruments
TL061 TI-TL061_V01 Datasheet
2Mb / 52P
[Old version datasheet]   TL06xx Low-Power JFET-Input Operational Amplifiers
logo
ON Semiconductor
TL071C ONSEMI-TL071C Datasheet
169Kb / 8P
   LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
1997 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com