Zakładka z wyszukiwarką danych komponentów |
|
TL783CKC Arkusz danych(PDF) 11 Page - Texas Instruments |
|
TL783CKC Arkusz danych(HTML) 11 Page - Texas Instruments |
11 / 13 page TL783 HIGH-VOLTAGE ADJUSTABLE REGULATOR SLVS036E – SEPTEMBER 1981 – REVISED FEBRUARY 2000 11 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION VI = 125 V TL783 IN OUT ADJ 1 µF† 0 to 8 k Ω 10 µF † Needed if device is more than 4 inches from filter capacitor R2 R1 82 Ω + + V O + Vref 1 ) R2 R1 Figure 17. 1.25-V to 115-V Adjustable Regulator Figure 18. 125-V Short-Circuit-Protected Off-Line Regulator 10 µF 0.1 µF IN OUT ADJ R2 8.2 k Ω, 2W 125 V 120 V, 1.5 W 7.5 k Ω, 1 W VI = 145 to 200 V TIP150 TL783 R1 82 Ω + 50 µF 82 Ω + VI = 70 to 125 V 10 Ω 1 k Ω TIP30C TIPL762 VO = 50 V at 0.5 A TL783 3.3 k Ω, 1W 10 k Ω Figure 19. 50-V Regulator With Current Boost IN OUT ADJ Figure 20. Adjustable Regulator With Current Boost and Current Limit 50 µF + 125 V 10 Ω 1 k Ω TIPL762 1 Ω R2 TL783 R1 82 Ω 10 k Ω IN OUT ADJ V O + Vref 1 ) R2 R1 |
Podobny numer części - TL783CKC |
|
Podobny opis - TL783CKC |