Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BAT43WS Arkusz danych(PDF) 1 Page - SynSemi, Inc.

Numer części BAT43WS
Szczegółowy opis  SCHOTTKY BARRIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SYNSEMI [SynSemi, Inc.]
Strona internetowa  http://www.synsemi.com
Logo SYNSEMI - SynSemi, Inc.

BAT43WS Arkusz danych(HTML) 1 Page - SynSemi, Inc.

  BAT43WS Datasheet HTML 1Page - SynSemi, Inc. BAT43WS Datasheet HTML 2Page - SynSemi, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAT42WS - BAT43WS
SCHOTTKY BARRIER DIODES
FEATURES :
* Low forward voltage drop
* Fast switching
* Ultra-small surface mount package
* Pb / RoHS Free
MECHANICAL DATA :
* Case : SOD-323 plastic Case
* Weight : approx. 0.004 g
* BAT42WS Marking Code : X9
* BAT43WS Marking Code : Y9
Maximum Ratings and Thermal Characteristics (Rating at 25°C ambient temperature unless otherwise specified.)
Symbol
Value
Unit
Repetitive Peak Reverse Voltage
VRRM
30
V
Average Rectified Output Current
IO
100
mA
Continuous Forward Current
IF
200
mA
Repetitive Peak Forward Current at tp < 1 s
IFRM
500
mA
Non-repetitive Peak Forward Surge Current at tp < 10 ms
IFSM
4A
Power Dissipation
Ptot
200
mW
Thermal Resistance Junction to Ambient Air
RθJA
625
°C/W
Junction Temperature
TJ
-55 to + 125
°C
Storage temperature range
TSTG
-55 to + 125
°C
Electrical Characteristics (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Min
Typ
Max
Unit
Reverse Breakdown Voltage
V(BR)R
30
-
-
V
VR = 25 V
-
-
0.5
VR = 25 V , TJ = 100 °C
-
-
100
IF = 200 mA
-
-
1.00
BAT42WS
IF = 10 mA
-
-
0.40
BAT42WS
IF = 50 mA
-
-
0.65
BAT43WS
IF = 2 mA
0.26
-
0.33
BAT43WS
IF = 15 mA
-
-
0.45
Total Capacitance
CT
VR = 1 V, f = 1MHz
-
-
10
pF
IF = 10mA, IR = 10mA ,
Irr = 1mA, RL = 100 Ω
Page 1 of 2
Rev. 03 : May 8, 2006
V
IR = 100 µA (pulsed)
µA
Reverse Recovery Time
Trr
-
-
5
ns
Test Condition
Parameter
VF
IR
Forward Voltage Drop
Peak Reverse Current
2.80
2.30
1.80
1.60
Dimensions in millimeters
SOD-323


Podobny numer części - BAT43WS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shunye Enterprise
BAT43WS SHUNYE-BAT43WS Datasheet
931Kb / 2P
   SCHOTTKY DIODES
logo
Pan Jit International I...
BAT43WS PANJIT-BAT43WS Datasheet
113Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
logo
Guangdong Kexin Industr...
BAT43WS KEXIN-BAT43WS Datasheet
34Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Shenzhen Luguang Electr...
BAT43WS LUGUANG-BAT43WS Datasheet
291Kb / 3P
   Schottky Diodes
logo
Microdiode Electronics ...
BAT43WS CHENDA-BAT43WS Datasheet
573Kb / 2P
   SCHOTTKY DIODES
More results

Podobny opis - BAT43WS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
logo
Formosa MS
FM0520-M FORMOSA-FM0520-M Datasheet
80Kb / 2P
   Chip Schottky Barrier Diodes - Chip Schottky Barrier Diodes
logo
Leshan Radio Company
MMBD101LT1 LRC-MMBD101LT1 Datasheet
52Kb / 2P
   Schottky Barrier Diodes
RB721Q LRC-RB721Q Datasheet
20Kb / 1P
   SCHOTTKY BARRIER DIODES
logo
ON Semiconductor
BAT54AWT1 ONSEMI-BAT54AWT1 Datasheet
49Kb / 4P
   Schottky Barrier Diodes
October, 2005 ??Rev. 1
logo
TRANSYS Electronics Lim...
RB420D TEL-RB420D Datasheet
72Kb / 1P
   Schottky barrier Diodes
RB520S-30 TEL-RB520S-30 Datasheet
90Kb / 2P
   Schottky barrier Diodes
RB521S-30 TEL-RB521S-30 Datasheet
88Kb / 2P
   Schottky barrier Diodes
RB751G-40 TEL-RB751G-40 Datasheet
99Kb / 2P
   Schottky barrier Diodes
logo
E-Tech Electronics LTD
BAT54RCLT1 ETL-BAT54RCLT1 Datasheet
78Kb / 1P
   Schottky Barrier Diodes
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com