Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMAJ6.0A Arkusz danych(PDF) 2 Page - SynSemi, Inc.

Numer części SMAJ6.0A
Szczegółowy opis  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SYNSEMI [SynSemi, Inc.]
Strona internetowa  http://www.synsemi.com
Logo SYNSEMI - SynSemi, Inc.

SMAJ6.0A Arkusz danych(HTML) 2 Page - SynSemi, Inc.

  SMAJ6.0A Datasheet HTML 1Page - SynSemi, Inc. SMAJ6.0A Datasheet HTML 2Page - SynSemi, Inc. SMAJ6.0A Datasheet HTML 3Page - SynSemi, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (Rating at 25°C ambient temperature unless otherwise specified)
Working Peak
Maximum
Maximum
Maximum
Breakdown Voltage @ IT
(1)
Reverse
Reverse
Peak Pulse
Clamping
Voltage
Leakage
Surge Current
Voltage @ IPPM
@ VWM
VBR (V)
IT
VWM
ID
IPPM
VC
Min.
Max.
(mA)
(V)
(
µA)
(A)
(V)
SMAJ5.0A
SMAJ5.0CA
(4)
6.40
7.07
10
5.0
800
43.5
9.2
SMAJ6.0A
SMAJ6.0CA
6.67
7.37
10
6.0
800
38.8
10.3
SMAJ6.5A
SMAJ6.5CA
7.22
7.98
10
6.5
500
35.7
11.2
SMAJ7.0A
SMAJ7.0CA
7.78
8.6
10
7.0
200
33.3
12.0
SMAJ7.5A
SMAJ7.5CA
8.33
9.21
1.0
7.5
100
31.0
12.9
SMAJ8.0A
SMAJ8.0CA
8.89
9.83
1.0
8.0
50
29.4
13.6
SMAJ8.5A
SMAJ8.5CA
9.44
10.4
1.0
8.5
10
27.8
14.4
SMAJ9.0A
SMAJ9.0CA
10.0
11.1
1.0
9.0
5.0
26.0
15.4
SMAJ10A
SMAJ10CA
11.1
12.3
1.0
10
5.0
23.5
17.0
SMAJ11A
SMAJ11CA
12.2
13.5
1.0
11
5.0
22.0
18.2
SMAJ12A
SMAJ12CA
13.3
14.7
1.0
12
5.0
20.1
19.9
SMAJ13A
SMAJ13CA
14.4
15.9
1.0
13
5.0
18.6
21.5
SMAJ14A
SMAJ14CA
15.6
17.2
1.0
14
5.0
17.2
23.2
SMAJ15A
SMAJ15CA
16.7
18.5
1.0
15
5.0
16.4
24.4
SMAJ16A
SMAJ16CA
17.8
19.7
1.0
16
5.0
15.4
26.0
SMAJ17A
SMAJ17CA
18.9
20.9
1.0
17
5.0
14.5
27.6
SMAJ18A
SMAJ18CA
20.0
22.1
1.0
18
5.0
13.7
29.2
SMAJ20A
SMAJ20CA
22.2
24.5
1.0
20
5.0
12.3
32.4
SMAJ22A
SMAJ22CA
24.4
26.9
1.0
22
5.0
11.3
35.5
SMAJ24A
SMAJ24CA
26.7
29.5
1.0
24
5.0
10.3
38.9
SMAJ26A
SMAJ26CA
28.9
31.9
1.0
26
5.0
9.5
42.1
SMAJ30A
SMAJ30CA
33.3
36.8
1.0
30
5.0
8.3
48.4
SMAJ33A
SMAJ33CA
36.7
40.6
1.0
33
5.0
7.5
53.3
SMAJ36A
SMAJ36CA
40.0
44.2
1.0
36
5.0
6.9
58.1
SMAJ40A
SMAJ40CA
44.4
49.1
1.0
40
5.0
6.2
64.5
SMAJ43A
SMAJ43CA
47.8
52.8
1.0
43
5.0
5.7
69.4
SMAJ45A
SMAJ45CA
50.0
55.3
1.0
45
5.0
5.5
72.7
SMAJ48A
SMAJ48CA
53.3
58.9
1.0
48
5.0
5.2
77.4
SMAJ51A
SMAJ51CA
56.7
62.7
1.0
51
5.0
4.9
82.4
SMAJ54A
SMAJ54CA
60.0
66.3
1.0
54
5.0
4.6
87.1
SMAJ58A
SMAJ58CA
64.4
71.2
1.0
58
5.0
4.3
93.6
SMAJ60A
SMAJ60CA
66.7
73.7
1.0
60
5.0
4.1
96.8
SMAJ64A
SMAJ64CA
71.1
78.6
1.0
64
5.0
3.9
103
SMAJ70A
SMAJ70CA
77.8
86
1.0
70
5.0
3.5
113
SMAJ75A
SMAJ75CA
83.3
92.1
1.0
75
5.0
3.3
121
SMAJ78A
SMAJ78CA
86.7
95.8
1.0
78
5.0
3.2
126
SMAJ85A
SMAJ85CA
94.4
104
1.0
85
5.0
2.2
137
SMAJ90A
SMAJ90CA
100
111
1.0
90
5.0
2.1
146
SMAJ100A
SMAJ100CA
111
123
1.0
100
5.0
1.9
162
SMAJ110A
SMAJ110CA
122
135
1.0
110
5.0
1.7
177
SMAJ120A
SMAJ120CA
133
147
1.0
120
5.0
1.6
193
SMAJ130A
SMAJ130CA
144
159
1.0
130
5.0
1.4
209
SMAJ150A
SMAJ150CA
167
185
1.0
150
5.0
1.2
243
SMAJ160A
SMAJ160CA
178
197
1.0
160
5.0
1.2
259
SMAJ170A
SMAJ170CA
189
209
1.0
170
5.0
1.09
275
SMAJ188A
SMAJ188CA
209
231
1.0
188
5.0
0.91
328
Notes:
(1) Pulse test : tp <50 ms.
(2) For bidirectional use C or CA suffix.
(3) For bi-directional types have VWM of 10 Volts and less , the ID limit is doubled
(4) For the bi-directional SMAJ5.0CA, the maximum VBR is 7.25V
(5) "SMAJ" will be omitted in marking on the diode.
Page 2 of 3
Rev. 02 : February 3, 2004
Type No.
Bi-directional
Uni-directional


Podobny numer części - SMAJ6.0A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MERITEK ELECTRONICS COR...
SMAJ6.0A MERITEK-SMAJ6.0A Datasheet
284Kb / 4P
   Transient Voltage Suppressors
logo
First Silicon Co., Ltd
SMAJ6.0A FS-SMAJ6.0A Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Jinan Gude Electronic D...
SMAJ6.0A JGD-SMAJ6.0A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Nanjing International G...
SMAJ6.0A DGNJDZ-SMAJ6.0A Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
SMAJ6.0A LUGUANG-SMAJ6.0A Datasheet
192Kb / 4P
   600Watts Surface Mount Transient Voltage Suppressor
More results

Podobny opis - SMAJ6.0A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com