Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADN4663 Arkusz danych(PDF) 1 Page - Analog Devices

Numer części ADN4663
Szczegółowy opis  High Speed Differential Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADN4663 Arkusz danych(HTML) 1 Page - Analog Devices

  ADN4663 Datasheet HTML 1Page - Analog Devices ADN4663 Datasheet HTML 2Page - Analog Devices ADN4663 Datasheet HTML 3Page - Analog Devices ADN4663 Datasheet HTML 4Page - Analog Devices ADN4663 Datasheet HTML 5Page - Analog Devices ADN4663 Datasheet HTML 6Page - Analog Devices ADN4663 Datasheet HTML 7Page - Analog Devices ADN4663 Datasheet HTML 8Page - Analog Devices ADN4663 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Dual, 3 V, CMOS, LVDS
High Speed Differential Driver
ADN4663
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
±15 kV ESD protection on output pins
600 Mbps (300 MHz) switching rates
Flow-through pinout simplifies PCB layout
300 ps typical differential skew
700 ps maximum differential skew
1.5 ns maximum propagation delay
3.3 V power supply
±355 mV differential signaling
Low power dissipation: 23 mW typical
Interoperable with existing 5 V LVDS receivers
Conforms to TIA/EIA-644 LVDS standard
Industrial operating temperature range (−40°C to +85°C)
Available in surface-mount (SOIC) package
APPLICATIONS
Backplane data transmission
Cable data transmission
Clock distribution
FUNCTIONAL BLOCK DIAGRAM
DIN1
DOUT1+
DOUT1–
VCC
ADN4663
DIN2
DOUT2+
DOUT2–
GND
Figure 1.
GENERAL DESCRIPTION
The ADN4663 is a dual, CMOS, low voltage differential
signaling (LVDS) line driver offering data rates of over
600 Mbps (300 MHz), and ultralow power consumption.
It features a flow-through pinout for easy PCB layout and
separation of input and output signals.
The device accepts low voltage TTL/CMOS logic signals and
converts them to a differential current output of typically
±3.1 mA for driving a transmission medium such as a
twisted-pair cable. The transmitted signal develops a differential
voltage of typically ±355 mV across a termination resistor at the
receiving end, and this is converted back to a TTL/CMOS logic
level by a line receiver.
The ADN4663 and a companion receiver offer a new solution
to high speed point-to-point data transmission, and a low
power alternative to emitter-coupled logic (ECL) or positive
emitter-coupled logic (PECL).


Podobny numer części - ADN4663

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADN4663 AD-ADN4663 Datasheet
593Kb / 12P
   LVDS and M-LVDS Circuit Implementation Guide
REV. 0
ADN4663 AD-ADN4663 Datasheet
249Kb / 12P
   Dual, 3 V, CMOS, LVDS High Speed Differential Driver
REV. 0
ADN4663BRZ AD-ADN4663BRZ Datasheet
249Kb / 12P
   Dual, 3 V, CMOS, LVDS High Speed Differential Driver
REV. 0
ADN4663BRZ AD-ADN4663BRZ Datasheet
249Kb / 12P
   Dual, 3 V, CMOS, LVDS High Speed Differential Driver
REV. 0
ADN4663BRZ AD-ADN4663BRZ Datasheet
249Kb / 12P
   Dual, 3 V, CMOS, LVDS High Speed Differential Driver
Rev. 0
More results

Podobny opis - ADN4663

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN65LVDM31 TI-SN65LVDM31 Datasheet
103Kb / 7P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDM31 TI-SN65LVDM31_06 Datasheet
130Kb / 8P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
logo
NXP Semiconductors
PTN3341 PHILIPS-PTN3341 Datasheet
256Kb / 14P
   High speed differential line driver
Rev. 01-6 August 2002
logo
Texas Instruments
SN55LVDS31-SP TI1-SN55LVDS31-SP Datasheet
229Kb / 13P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDS31-EP TI1-SN65LVDS31-EP Datasheet
203Kb / 13P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
logo
NXP Semiconductors
PTN3331 PHILIPS-PTN3331 Datasheet
228Kb / 14P
   High speed differential line driver
Rev. 01-06 August 2002
logo
Texas Instruments
SN65LVDS31-EP TI1-SN65LVDS31-EP_15 Datasheet
231Kb / 15P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDM31 TI1-SN65LVDM31_08 Datasheet
133Kb / 8P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
logo
Analog Devices
AD8131 AD-AD8131_05 Datasheet
378Kb / 20P
   Low Cost, High Speed Differential Driver
REV. B
logo
National Semiconductor ...
DS90LV017 NSC-DS90LV017 Datasheet
480Kb / 4P
   LVDS Single High Speed Differential Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com