Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SC4617PT Arkusz danych(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

Numer części 2SC4617PT
Szczegółowy opis  General Purpose NPN Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CHENMKO [Chenmko Enterprise Co. Ltd.]
Strona internetowa  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

2SC4617PT Arkusz danych(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  2SC4617PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. 2SC4617PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. 2SC4617PT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SC4617PT
CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT
General Purpose NPN Transistor
VOLTAGE 50 Volts
CURRENT 0.15 Ampere
APPLICATION
FEATURE
* Surface mount package. (SC-75/SOT-416)
* Low saturation voltage VCE(sat)=0.4V(max.)(IC=50mA)
* Low cob. Cob=2.0pF(Typ.)
CONSTRUCTION
* NPN Silicon Transistor
* Epitaxial planner type
* Small Power Amplifier .
2003-12
* PC= 150mW (Collector power dissipation).
CIRCUIT
E
C
B
Note
1. Transistor mounted on ceramic substrate 50mmX50mmx0.8t.
2. Measured at Pulse Width 300 us, Duty Cycle 2%.
THERMAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
NOTES :
CHARACTERISTICS
CONDITION
SYMBOL
UNITS
357
oC / W
Thermal Resistance (Junction to Ambient)
Note 1
MAXIMUM RATINGES ( At TA = 25
oC unless otherwise noted )
RATINGS
CONDITION
Collector - Base Voltage
Collector - Emitter Voltage
Emitter - Base Voltage
Open Emitter
Open Base
Open Collector
Collector Current DC
Collector Power Dissipation
TA
25OC
Storage Temperature
Junction Temperature
SYMBOL
VCBO
VCEO
VEBO
R JA
TJ
TSTG
IC
MIN.
MAX.
UNITS
-
60
Volts
Volts
Volts
mAmps
mW
oC
oC
-
50
-
7
-
150
-
150
-55
+150
-
+150
VALUE
PTOT
1. Transistor mounted on an FR4 printed-circuit board 1.6"X1.6"X0.06".
2. Measured at Pulse Width 300 us, Duty Cycle 2%.
SC-75/SOT-416
(2)
(1)
(3)
MARKING
* hFE(Q): UX
* hFE(R): UY
* hFE(S): UZ
Dimensions in millimeters
SC-75/SOT-416
0.5
0.5
1.0±0.1
1.6±0.2
0.6~0.9
0.3±
0.15±0.05
0.8±0.1
1.6±0.2
0.1Min.
0.1
0.05
0.2±0.1
0.05
0.2±0.1
0.05
0~0.1


Podobny numer części - 2SC4617PT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
2SC4617 MOTOROLA-2SC4617 Datasheet
128Kb / 6P
   NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
logo
Unisonic Technologies
2SC4617 UTC-2SC4617 Datasheet
257Kb / 5P
   GENERAL PURPOSE TRANSISTOR
logo
SHIKUES Electronics
2SC4617 SKTECHNOLGY-2SC4617 Datasheet
675Kb / 3P
   Plastic-Encapsulate Transistors
logo
ON Semiconductor
2SC4617 ONSEMI-2SC4617 Datasheet
128Kb / 6P
   General Purpose Amplifier Transistors(NPN Silicon)
November, 2001 ??Rev. 3
logo
SeCoS Halbleitertechnol...
2SC4617 SECOS-2SC4617 Datasheet
345Kb / 2P
   NPN Silicon General Purpose Transistor
More results

Podobny opis - 2SC4617PT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
   NPN general purpose transistor
logo
Pan Jit International I...
BC546 PANJIT-BC546 Datasheet
160Kb / 5P
   NPN GENERAL PURPOSE TRANSISTOR
logo
Weitron Technology
BC337 WEITRON-BC337 Datasheet
256Kb / 4P
   NPN General Purpose Transistor
logo
Rohm
BC848BW ROHM-BC848BW Datasheet
149Kb / 6P
   NPN General Purpose Transistor
logo
NXP Semiconductors
2PC4617J PHILIPS-2PC4617J Datasheet
40Kb / 8P
   NPN general purpose transistor
1999 May 04
2PC1815 PHILIPS-2PC1815 Datasheet
42Kb / 8P
   NPN general purpose transistor
1999 May 28
2PC4617 PHILIPS-2PC4617 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 May 21
MPSA06 PHILIPS-MPSA06 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 Apr 27
2PD1820A NXP-2PD1820A Datasheet
107Kb / 6P
   NPN general purpose transistor
1997 May 22
PMBTA06 NXP-PMBTA06 Datasheet
102Kb / 6P
   NPN general purpose transistor
2004 Jan 22
logo
Shenzhen Ping Sheng Ele...
BC846 PFS-BC846 Datasheet
210Kb / 4P
   NPN general purpose Transistor
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com