Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD4148APT Arkusz danych(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

Numer części BD4148APT
Szczegółowy opis  SWITCHING DIODE VOLTAGE 75 Volts CURRENT 0.15 Ampere
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CHENMKO [Chenmko Enterprise Co. Ltd.]
Strona internetowa  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

BD4148APT Arkusz danych(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  BD4148APT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. BD4148APT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BD4148APT
CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT
SWITCHING DIODE
VOLTAGE 75 Volts
CURRENT 0.15 Ampere
APPLICATION
FEATURE
* SmaBD surface mounting type. (SOT-23)
* High speed. (TRR=4.0nSec Typ.)
* Suitable for high packing density.
CONSTRUCTION
* Silicon epitaxial planar
* Ultra high speed switching
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
NOTES :
2002-5
Maximum Average Reverse Current
CHARACTERISTICS
SYMBOL
nAmps
Volts
Maximum Instantaneous Forward Voltage at IF= 10 mA
MAXIMUM RATINGES ( At TA = 25
oC unless otherwise noted )
RATINGS
Maximum Non-Repetitive Peak Reverse Voltage
Maximum Working Peak Reverse Voltage
Maximum DC Blocking Voltage
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum Average Forward Rectified Current
Peak Forward Surge Current at 1uSec.
Typical Junction Capacitance between Terminal (Note 1)
Maximum Operating and Storage Temperaturd Range
Maximum Thermal Resistance
SYMBOL
VRM
VRWM
VDC
VRRM
VRMS
IO
CJ
VF
IR
TJ,TSTG
IFSM
BD4148APT
BD4148APT
UNITS
100
Volts
Volts
Volts
Amps
75
53
0.15
4.0
350
-65 to +150
Amps
pF
Maximum Reverse Recovery Time (Note 2)
trr
4.0
nSec
oC/W
oC
1. Measured at 1.0 MHZ and applied reverse voltage of 0 volts.
2. Measured at applied froward current of 10 mA, reverse current of 1.0 mA, Reverse voltage of 6.0 volts and RL= 100 ohms.
3. ESD sensitive product handling required.
* Maximum total power disspation is 300mW.
@1Sec
@1.0uSec
VR= 75V @TJ=25
oC
VR= 20V @TJ=25
oC
25
50
1.0
1.0
2.0
R JA
CIRCUIT
uAmps
Dimensions in millimeters
SOT-23
SOT-23
.102 (2.60)
.028 (0.70)
.020 (0.50)
.055 (1.40)
.047 (1.20)
.045 (1.15)
R0.05
(.002)
.033 (0.85)
.094 (2.40)
(B)
(A)
(C)
SOT-23
UNITS
(1)
(2)
(3)
MARKING
* 5I-
.103 (2.64)
.028 (0.70)
.020 (0.50)
.055 (1.40)
.047 (1.20)
.045 (1.15)
.033 (0.85)
.086 (2.20)
(1)
(2)
(3)
Dimensions in inches and (millimeters)
SOT-23


Podobny numer części - BD4148APT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Chenmko Enterprise Co. ...
BD4148CPT CHENMKO-BD4148CPT Datasheet
90Kb / 2P
   SWITCHING DIODE VOLTAGE 75 Volts CURRENT 0.15 Ampere
BD4148FPT CHENMKO-BD4148FPT Datasheet
100Kb / 2P
   SWITCHING DIODE VOLTAGE 75 Volts CURRENT 0.15 Ampere
BD4148N1APT CHENMKO-BD4148N1APT Datasheet
91Kb / 2P
   SWITCHING DIODE VOLTAGE 75 Volts CURRENT 0.15 Ampere
BD4148N1PT CHENMKO-BD4148N1PT Datasheet
89Kb / 2P
   SWITCHING DIODE VOLTAGE 75 Volts CURRENT 0.15 Ampere
BD4148PT CHENMKO-BD4148PT Datasheet
82Kb / 2P
   VOLTAGE 75 Volts CURRENT 0.15 Ampere
More results

Podobny opis - BD4148APT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Chenmko Enterprise Co. ...
BD4148N1APT CHENMKO-BD4148N1APT Datasheet
91Kb / 2P
   SWITCHING DIODE VOLTAGE 75 Volts CURRENT 0.15 Ampere
1N4148PT CHENMKO-1N4148PT Datasheet
66Kb / 2P
   SWITCHING DIODE VOLTAGE 75 Volts CURRENT 0.15 Ampere
BAV70TPT CHENMKO-BAV70TPT Datasheet
71Kb / 2P
   SWITCHING DIODE VOLTAGE 75 Volts CURRENT 0.15 Ampere
BAV70N1PT CHENMKO-BAV70N1PT Datasheet
84Kb / 2P
   SWITCHING DIODE VOLTAGE 75 Volts CURRENT 0.15 Ampere
BAV70WPT CHENMKO-BAV70WPT Datasheet
86Kb / 2P
   SWITCHING DIODE VOLTAGE 75 Volts CURRENT 0.15 Ampere
BD4148FPT CHENMKO-BD4148FPT Datasheet
100Kb / 2P
   SWITCHING DIODE VOLTAGE 75 Volts CURRENT 0.15 Ampere
BD4148SPT CHENMKO-BD4148SPT Datasheet
93Kb / 2P
   SWITCHING DIODE VOLTAGE 75 Volts CURRENT 0.15 Ampere
BD4148N1PT CHENMKO-BD4148N1PT Datasheet
89Kb / 2P
   SWITCHING DIODE VOLTAGE 75 Volts CURRENT 0.15 Ampere
BAV70PT CHENMKO-BAV70PT Datasheet
78Kb / 2P
   SWITCHING DIODE VOLTAGE 75 Volts CURRENT 0.15 Ampere
BD4148CPT CHENMKO-BD4148CPT Datasheet
90Kb / 2P
   SWITCHING DIODE VOLTAGE 75 Volts CURRENT 0.15 Ampere
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com