Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC856AWT1 Arkusz danych(PDF) 4 Page - Motorola, Inc

Numer części BC856AWT1
Szczegółowy opis  CASE 419-02, STYLE 3 SOT-323/SC-70
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BC856AWT1 Arkusz danych(HTML) 4 Page - Motorola, Inc

  BC856AWT1 Datasheet HTML 1Page - Motorola, Inc BC856AWT1 Datasheet HTML 2Page - Motorola, Inc BC856AWT1 Datasheet HTML 3Page - Motorola, Inc BC856AWT1 Datasheet HTML 4Page - Motorola, Inc BC856AWT1 Datasheet HTML 5Page - Motorola, Inc BC856AWT1 Datasheet HTML 6Page - Motorola, Inc BC856AWT1 Datasheet HTML 7Page - Motorola, Inc BC856AWT1 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
BC856AWT1,BWT1 BC857AWT1,BWT1 BC858AWT1,BWT1,CWT1
4
Motorola Small–Signal Transistors, FETs and Diodes Device Data
BC856
Figure 7. DC Current Gain
IC, COLLECTOR CURRENT (AMP)
Figure 8. “On” Voltage
IC, COLLECTOR CURRENT (mA)
–0.8
–1.0
–0.6
–0.2
–0.4
1.0
2.0
–0.1
–1.0
–10
–200
–0.2
0.2
0.5
–0.2
–1.0
–10
–200
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE @ VCE = –5.0 V
Figure 9. Collector Saturation Region
IB, BASE CURRENT (mA)
Figure 10. Base–Emitter Temperature Coefficient
IC, COLLECTOR CURRENT (mA)
–1.0
–1.2
–1.6
–2.0
–0.02
–1.0
–10
0
–20
–0.1
–0.4
–0.8
–0.2
–2.0
–10
–200
–1.0
TJ = 25°C
IC =
–10 mA
VCE = –5.0 V
TA = 25°C
0
–0.5
–2.0
–5.0
–20
–50
–100
–0.05
–0.2
–0.5
–2.0
–5.0
–100 mA
–20 mA
–1.4
–1.8
–2.2
–2.6
–3.0
–0.5
–5.0
–20
–50
–100
–55
°C to 125°C
θVB for VBE
–2.0 –5.0
–20
–50 –100
Figure 11. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
40
Figure 12. Current–Gain – Bandwidth Product
IC, COLLECTOR CURRENT (mA)
–0.1 –0.2
–1.0
–50
2.0
–2.0
–10
–100
100
200
500
50
20
20
10
6.0
4.0
–1.0
–10
–100
VCE = –5.0 V
–0.5
–5.0
–20
TJ = 25°C
Cob
Cib
8.0
–50 mA
–200 mA


Podobny numer części - BC856AWT1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
BC856AWT1 ONSEMI-BC856AWT1 Datasheet
178Kb / 8P
   General Purpose Transistors(PNP Silicon)
logo
Leshan Radio Company
BC856AWT1 LRC-BC856AWT1 Datasheet
217Kb / 5P
   General Purpose Transistors(PNP Silicon)
More results

Podobny opis - BC856AWT1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
BC846AWT1 MOTOROLA-BC846AWT1 Datasheet
207Kb / 6P
   CASE 419-02, STYLE 3 SOT-323/SC-70
BAS16WT1 MOTOROLA-BAS16WT1 Datasheet
98Kb / 6P
   CASE 419-02, STYLE 2 SC-70/SOT-323
BAV70WT1 MOTOROLA-BAV70WT1 Datasheet
99Kb / 6P
   CASE 419-02, STYLE 5 SC-70/SOT-323
BAV99WT1 MOTOROLA-BAV99WT1 Datasheet
128Kb / 6P
   SC-70/SOT-323 Dual Series Switching Diode
logo
Agilent(Hewlett-Packard...
HSMP-381B HP-HSMP-381B Datasheet
91Kb / 12P
   Surface Mount PIN Diodes in SOT-323 (SC-70 3-Lead)
logo
Motorola, Inc
DTC114YE MOTOROLA-DTC114YE Datasheet
144Kb / 6P
   CASE 463-01, STYLE 1 SOT-416/SC-90
DTA143EE MOTOROLA-DTA143EE Datasheet
93Kb / 4P
   CASE 463-01, STYLE 1 SOT-416/SC-90
DTC114TE MOTOROLA-DTC114TE Datasheet
91Kb / 4P
   CASE 463-01, STYLE 1 SOT-416/SC-90
logo
ON Semiconductor
MMBF2201NT1 ONSEMI-MMBF2201NT1_06 Datasheet
57Kb / 4P
   Power MOSFET 300 mAmps, 20 Volts N-Channel SC-70/SOT-323
January, 2006 ??Rev. 4
MMBF2201NT1 ONSEMI-MMBF2201NT1 Datasheet
60Kb / 8P
   Power MOSFET 300 mAmps, 20 Volts N-Channel SC-70/SOT-323
November, 2000 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com