Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC856BLT1 Arkusz danych(PDF) 1 Page - Motorola, Inc

Numer części BC856BLT1
Szczegółowy opis  CASE 318-08, STYLE 6 SOT-23 (TO-236AB)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BC856BLT1 Arkusz danych(HTML) 1 Page - Motorola, Inc

  BC856BLT1 Datasheet HTML 1Page - Motorola, Inc BC856BLT1 Datasheet HTML 2Page - Motorola, Inc BC856BLT1 Datasheet HTML 3Page - Motorola, Inc BC856BLT1 Datasheet HTML 4Page - Motorola, Inc BC856BLT1 Datasheet HTML 5Page - Motorola, Inc BC856BLT1 Datasheet HTML 6Page - Motorola, Inc BC856BLT1 Datasheet HTML 7Page - Motorola, Inc BC856BLT1 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
General Purpose Transistors
PNP Silicon
MAXIMUM RATINGS
Rating
Symbol
BC856
BC857
BC858
Unit
Collector – Emitter Voltage
VCEO
–65
–45
–30
V
Collector – Base Voltage
VCBO
–80
–50
–30
V
Emitter – Base Voltage
VEBO
–5.0
–5.0
–5.0
V
Collector Current — Continuous
IC
–100
–100
–100
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR– 5 Board, (1)
TA = 25°C
Derate above 25
°C
PD
225
1.8
mW
mW/
°C
Thermal Resistance, Junction to Ambient
RqJA
556
°C/W
Total Device Dissipation
Alumina Substrate, (2) TA = 25°C
Derate above 25
°C
PD
300
2.4
mW
mW/
°C
Thermal Resistance, Junction to Ambient
RqJA
417
°C/W
Junction and Storage Temperature
TJ, Tstg
– 55 to +150
°C
DEVICE MARKING
BC856ALT1 = 3A; BC856BLT1 = 3B; BC857ALT1 = 3E; BC857BLT1 = 3F;
BC857CLT1 = 3G; BC858ALT1 = 3J; BC858BLT1 = 3K; BC858CLT1 = 3L
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector – Emitter Breakdown Voltage
BC856 Series
(IC = –10 mA)
BC857 Series
BC858 Series
V(BR)CEO
–65
–45
–30
V
Collector – Emitter Breakdown Voltage
BC856 Series
(IC = –10 µA, VEB = 0)
BC857 Series
BC858 Series
V(BR)CES
–80
–50
–30
V
Collector – Base Breakdown Voltage
BC856 Series
(IC = –10 mA)
BC857 Series
BC858 Series
V(BR)CBO
–80
–50
–30
V
Emitter – Base Breakdown Voltage
BC856 Series
(IE = –1.0 mA)
BC857 Series
BC858 Series
V(BR)EBO
–5.0
–5.0
–5.0
V
Collector Cutoff Current (VCB = –30 V)
Collector Cutoff Current (VCB = –30 V, TA = 150°C)
ICBO
–15
–4.0
nA
µA
1. FR–5 = 1.0 x 0.75 x 0.062 in
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
Thermal Clad is a registered trademark of the Bergquist Company.
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by BC856ALT1/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
BC856ALT1,BLT1
BC857ALT1,
BLT1,CLT1
BC858ALT1,BLT1,
CLT1
Motorola Preferred Devices
1
2
3
CASE 318 – 08, STYLE 6
SOT– 23 (TO – 236AB)
© Motorola, Inc. 1996
COLLECTOR
3
1
BASE
2
EMITTER


Podobny numer części - BC856BLT1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Leshan Radio Company
BC856BLT1 LRC-BC856BLT1 Datasheet
211Kb / 5P
   General Purpose Transistors(PNP Silicon)
logo
ON Semiconductor
BC856BLT1 ONSEMI-BC856BLT1 Datasheet
109Kb / 8P
   General Purpose Transistors
June, 2004 ??Rev. 8
BC856BLT1G ONSEMI-BC856BLT1G Datasheet
109Kb / 8P
   General Purpose Transistors
June, 2004 ??Rev. 8
BC856BLT1G ONSEMI-BC856BLT1G Datasheet
172Kb / 7P
   General Purpose Transistors PNP Silicon
August, 2009 ??Rev. 11
BC856BLT1G ONSEMI-BC856BLT1G Datasheet
154Kb / 7P
   General Purpose Transistors
October, 2016 ??Rev. 15
More results

Podobny opis - BC856BLT1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
BC846ALT1 MOTOROLA-BC846ALT1 Datasheet
220Kb / 6P
   CASE 318-08, STYLE 6 SOT-23 (TO-236AB)
BC81716LT1 MOTOROLA-BC81716LT1 Datasheet
90Kb / 4P
   CASE 318-08, STYLE 6 SOT-23 (TO-236AB)
BAL99LT1 MOTOROLA-BAL99LT1 Datasheet
70Kb / 4P
   CASE 318-08, STYLE 18 SOT-23 (TO-236AB)
BAS4006LT1 MOTOROLA-BAS4006LT1 Datasheet
76Kb / 4P
   CASE 318-08, STYLE 11 SOT-23 (TO-236AB)
BAS21LT1 MOTOROLA-BAS21LT1 Datasheet
66Kb / 4P
   CASE 318 08, STYLE 8 SOT 23 (TO 236AB)
BAS40LT1 MOTOROLA-BAS40LT1 Datasheet
73Kb / 4P
   CASE 318-08, STYLE 8 SOT-23 TO-236AB
2N7002LT1 MOTOROLA-2N7002LT1 Datasheet
94Kb / 6P
   CASE 318-08, STYLE 21 SOT-23 (TO-236AB)
BAS4004LT1 MOTOROLA-BAS4004LT1 Datasheet
75Kb / 4P
   CASE 318 08, STYLE 12 SOT 23 (TO 236AB)
BAS7004LT1 MOTOROLA-BAS7004LT1 Datasheet
74Kb / 4P
   CASE 318-08, STYLE 12 SOT-23 TO-236AB
BAS70LT1 MOTOROLA-BAS70LT1 Datasheet
72Kb / 4P
   CASE 318 08, STYLE 8 SOT 23 (TO 236AB)
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com