Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FP-8987-02-1001DF Arkusz danych(PDF) 2 Page - IRC - a TT electronics Company.

Numer części FP-8987-02-1001DF
Szczegółowy opis  TaNFilm짰 Precision Flat Pack Networks
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRCTT [IRC - a TT electronics Company.]
Strona internetowa  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

FP-8987-02-1001DF Arkusz danych(HTML) 2 Page - IRC - a TT electronics Company.

  FP-8987-02-1001DF Datasheet HTML 1Page - IRC - a TT electronics Company. FP-8987-02-1001DF Datasheet HTML 2Page - IRC - a TT electronics Company. FP-8987-02-1001DF Datasheet HTML 3Page - IRC - a TT electronics Company. FP-8987-02-1001DF Datasheet HTML 4Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Schematics
R1
R1
12
3
4
5
6
7
8
9
10
11
12
13
14
1
234
5
6
7
8
9
10
11
12
13
14
Model 8989
RZ 030, RZ 150
Schematic A
Model 8987
RZ 030, RZ 150
Schematic B
R1
R1
12
3
4
5
6
7
8
9
10
11
12
13
14
1
234
5
6
7
8
9
10
11
12
13
14
Model 8999
RZ 100
Schematic A
Model 8998
RZ 100
Schematic B
Schematic
Package Power
Power Derating
Voltage
Rating
Temperature
Range
Substrate
Lead Finish
Noise
14-pin
16-pin
100% from 0°C
to 70°C derated
linearly to 0%
at 125°C
PxR
not to
exceed 50V
-65°C to +125°C
99.6%
Alumina
Gold Plate
(60/40 Sn/Pb
available)
<-30dB
A
350
400
B
325
375
_____
Package Specification Data (MIL and Commercial)
TaNFilm® Precision
Flat Pack Networks
Specification
Size
Schematic
Resistance Range (
Ω)
Absolute Tolerance (%)
Characteristic
MIL-PRF-83401/03
MIL-PRF-83401/15
14-Pin
A, B
20 - 121K
F, G, J
K, M
100 - 100K
B, D, F, G, J
H, K, M
MIL-PRF-83401/10
16-Pin
A, B
100 - 100K
B, D, F, G, J
H, K, M
MIL-PRF-83401 Qualification Data
8900 Series Issue April 2009 Sheet 2 of 4


Podobny numer części - FP-8987-02-1001DF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
IRC - a TT electronics ...
FP-8987SQ-04-1001-BB-1 IRCTT-FP-8987SQ-04-1001-BB-1 Datasheet
385Kb / 3P
   Space Flight Surface Mount Flat Packs Resistor Networks
FP-8987SQ-04-1001-BD-1 IRCTT-FP-8987SQ-04-1001-BD-1 Datasheet
385Kb / 3P
   Space Flight Surface Mount Flat Packs Resistor Networks
FP-8987SQ-04-1001-BF-0 IRCTT-FP-8987SQ-04-1001-BF-0 Datasheet
385Kb / 3P
   Space Flight Surface Mount Flat Packs Resistor Networks
FP-8987SQ-04-1001-BG-0 IRCTT-FP-8987SQ-04-1001-BG-0 Datasheet
385Kb / 3P
   Space Flight Surface Mount Flat Packs Resistor Networks
FP-8987SQ-04-1001-FB-1 IRCTT-FP-8987SQ-04-1001-FB-1 Datasheet
385Kb / 3P
   Space Flight Surface Mount Flat Packs Resistor Networks
More results

Podobny opis - FP-8987-02-1001DF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TT Electronics.
8900 TTELEC-8900_17 Datasheet
568Kb / 4P
   Flat Pack Networks
logo
Welwyn Components Limit...
SON WELWYN-SON Datasheet
351Kb / 3P
   TaNFilm짰 Flat Precision Resistor Array
logo
IRC - a TT electronics ...
1900HT IRCTT-1900HT Datasheet
526Kb / 3P
   TaNFilm짰 High Temperature DIP and SIP Networks
logo
Welwyn Components Limit...
PFC WELWYN-PFC Datasheet
67Kb / 2P
   TaNFilm짰 Precision Chip Resistors
logo
Vishay Siliconix
DFP14121K00GD05 VISHAY-DFP14121K00GD05 Datasheet
275Kb / 3P
   Thick Film Resistor Networks Flat Pack, 11, 12 Schematics
Revision: 08-Sep-04
DFP14 VISHAY-DFP14 Datasheet
117Kb / 2P
   Thick Film Resistor Networks Flat Pack, 11, 12 Schematics
Revision: 08-Sep-04
logo
RHOPOINT COMPONENTS
T912-A10K-010-02 RHOPOINT-T912-A10K-010-02 Datasheet
340Kb / 1P
   Precision Resistor Networks
logo
IRC - a TT electronics ...
1900 IRCTT-1900 Datasheet
489Kb / 3P
   TaNFilm짰 Precision DIP Network Commercial and MIL Qualified
4700 IRCTT-4700 Datasheet
312Kb / 4P
   TaNFilm짰 Precision SIP Network Commercial and MIL Qualified
logo
Riedon Powertron
FPN3-4916 RIEDON-FPN3-4916 Datasheet
493Kb / 5P
   FPN FHN Networks Precision Shunt Networks
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com