Zakładka z wyszukiwarką danych komponentów |
|
CAR5LFD6K8WB Arkusz danych(PDF) 2 Page - IRC - a TT electronics Company. |
|
CAR5LFD6K8WB Arkusz danych(HTML) 2 Page - IRC - a TT electronics Company. |
2 / 2 page • 4222 South Staples Street • Corpus Christi Texas 78411 USA © IRC Advanced Film Division Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com CAR5LF C 6K8 B B IRC Type CAR5LF, CAR6LF, CAR7LF TCR (see electrical data for code) Value (USE IEC 62 code) Tolerance F = ±1.0%, D = ±0.50%, C = ±0.25%, B = ±0.10%, W = ±0.05%, P = ±0.02%, L = ±0.01% Packaging details A = Ammo Pack; B = Bulk; T = Tape and Reel Ultra Precision Metal Film Resistor The standard packaging is loose in boxes. Taped resistors (on reel or in ammo pack) can also be supplied by special request. A detail taping specification is available on request. Packaging Data Type CAR5LF CAR6LF CAR7LF Bulk Ammo Reel 250 1000 1000 125 1000 2500 50 N/A N/A Standard Quantities Physical Data Dimensions (inches) Style L (max) D diameter (max) CL to CL d (diameter nominal) Lead Length LL CAR5LF CAR6LF CAR7LF 0.400 0.416 0.600 0.150 0.161 0.200 0.450 0.450 0.685 0.025 AWG #22 0.025 AWG #22 0.025 AWG #22 1.50 ± 0.125 1.50 ± 0.125 1.50 ± 0.125 Ordering Data CAR Series Issue December 2008 Sheet 2 of 2 Sample Part No. |
Podobny numer części - CAR5LFD6K8WB |
|
Podobny opis - CAR5LFD6K8WB |