Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAF-2 Arkusz danych(PDF) 1 Page - IRC - a TT electronics Company.

Numer części CAF-2
Szczegółowy opis  Commercial Grade Axial Lead Power Wirewound & Film Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRCTT [IRC - a TT electronics Company.]
Strona internetowa  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

CAF-2 Arkusz danych(HTML) 1 Page - IRC - a TT electronics Company.

  CAF-2 Datasheet HTML 1Page - IRC - a TT electronics Company. CAF-2 Datasheet HTML 2Page - IRC - a TT electronics Company. CAF-2 Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Commercial Grade Axial Lead
Power Wirewound & Film
Resistor
Electrical Data
CAW/CAF Series
Power ratings from 2W to 10W
Non-inductive winding available
Standard tolerance ±5% and ±10%
Resistance range from 0.1
Ω to 200KΩ
Flameproof ceramic case with inorganic potting material
IRC Type
Power
Rating at
25°C (W)
Resistance
Range*
(Ohms)
Tolerance
(±%)
Temperature Coefficient of Resistance
(±ppm/°C)
Wirewound Type (CAW)
CAW-2
2
0.1 - 27
5, 10
400 (<20
Ω)
350 (
≥20Ω)
CAW-3
3
0.1 - 39
5, 10
CAW-5
5
0.1 - 47
5, 10
CAW-7
7
0.1 - 680
5, 10
CAW-10
10
0.1 - 910
5, 10
CAW-15
15
1.0 - 1K
5, 10
CAW-20
20
2.0 - 1.2K
5, 10
CAW-25
25
2.0 - 1.2K
5, 10
CAW-2A
2
0.1 - 27
5, 10
CAW-5A
5
0.1 - 47
5, 10
CAW-7A
7
0.1 - 680
5, 10
CAW-10A
10
0.1 - 910
5, 10
Film Type (CAF)
CAF-2
2
28 - 33K
5, 10
400 (<20
Ω)
350 (
≥20Ω)
CAF-3
3
40 - 56K
5, 10
CAF-5
5
48 - 100K
5, 10
CAF-7
7
681 - 200K
5, 10
CAF-10
10
911 - 200K
5, 10
CAF-15
15
1.1K - 200K
5, 10
CAF-20
20
1.3K - 200K
5, 10
CAF-2A
2
28 - 33K
5, 10
CAF-5A
5
48 - 100K
5, 10
CAF-7A
7
681 - 200K
5, 10
CAF-10A
10
911 - 200K
5, 10
CAW/CAF Series Issue August 2008 Sheet 1 of 3


Podobny numer części - CAF-2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nuvotem Talema
CAF-2.0-1.0 TALEMA-CAF-2.0-1.0 Datasheet
118Kb / 3P
   Common Mode Toroidal Chokes
CAF-2.0-10 TALEMA-CAF-2.0-10 Datasheet
118Kb / 3P
   Common Mode Toroidal Chokes
CAF-2.0-3.3 TALEMA-CAF-2.0-3.3 Datasheet
118Kb / 3P
   Common Mode Toroidal Chokes
CAF-2.0-5.6 TALEMA-CAF-2.0-5.6 Datasheet
118Kb / 3P
   Common Mode Toroidal Chokes
CAF-2.0-56 TALEMA-CAF-2.0-56 Datasheet
118Kb / 3P
   Common Mode Toroidal Chokes
More results

Podobny opis - CAF-2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TT Electronics.
CCW TTELEC-CCW Datasheet
300Kb / 3P
   Commercial Grade Power Axial Wirewound Resistor
logo
IRC - a TT electronics ...
CCW IRCTT-CCW Datasheet
322Kb / 3P
   Commercial Grade Power Axial Wirewound Resistor
logo
Vishay Siliconix
MRP VISHAY-MRP Datasheet
87Kb / 3P
   Wirewound Resistor, Commercial Power, Silicone Coated, Axial Lead
AMW VISHAY-AMW Datasheet
152Kb / 7P
   Wirewound/Metal Film Resistors, Commercial Power, Axial Lead
14-Feb-08
AMWS VISHAY-AMWS Datasheet
138Kb / 6P
   Wirewound/Metal Film Resistors, Commercial Power, Axial Lead
19-Feb-08
CPW VISHAY-CPW Datasheet
99Kb / 3P
   Wirewound Resistors, Commercial Power, Axial Lead
Revision: 09-Jan-12
CA0001 VISHAY-CA0001 Datasheet
86Kb / 3P
   Wirewound Resistors, Commercial Power, Axial Lead
CA VISHAY-CA Datasheet
98Kb / 3P
   Wirewound Resistors, Commercial Power, Axial Lead
18-Feb-2022
logo
IRC - a TT electronics ...
CVF21000JLFTR IRCTT-CVF21000JLFTR Datasheet
129Kb / 3P
   Commercial Grade Vertical Mount Power Wirewound & Film Resistors
logo
Vishay Siliconix
CPHV VISHAY-CPHV Datasheet
90Kb / 3P
   Wirewound/Metal Oxide Resistors, Commercial Power, Axial Lead
Revision: 14-Aug-12
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com