Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC847BWT1 Arkusz danych(PDF) 6 Page - Motorola, Inc

Numer części BC847BWT1
Szczegółowy opis  CASE 419-02, STYLE 3 SOT-323/SC-70
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BC847BWT1 Arkusz danych(HTML) 6 Page - Motorola, Inc

  BC847BWT1 Datasheet HTML 1Page - Motorola, Inc BC847BWT1 Datasheet HTML 2Page - Motorola, Inc BC847BWT1 Datasheet HTML 3Page - Motorola, Inc BC847BWT1 Datasheet HTML 4Page - Motorola, Inc BC847BWT1 Datasheet HTML 5Page - Motorola, Inc BC847BWT1 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
BC846AWT1,BWT1 BC847AWT1,BWT1,CWT1 BC848AWT1,BWT1,CWT1
6
Motorola Small–Signal Transistors, FETs and Diodes Device Data
PACKAGE DIMENSIONS
CASE 419–02
ISSUE G
SOT–323/SC–70
STYLE 3:
PIN 1. BASE
2. EMITTER
3. COLLECTOR
C
R
N
A
L
D
G
V
S
B
H
J
K
3
1
2
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.071
0.087
1.80
2.20
B
0.045
0.053
1.15
1.35
C
0.035
0.049
0.90
1.25
D
0.012
0.016
0.30
0.40
G
0.047
0.055
1.20
1.40
H
0.000
0.004
0.00
0.10
J
0.004
0.010
0.10
0.25
K
0.017 REF
0.425 REF
L
0.026 BSC
0.650 BSC
N
0.028 REF
0.700 REF
R
0.031
0.039
0.80
1.00
S
0.079
0.087
2.00
2.20
V
0.012
0.016
0.30
0.40
0.05 (0.002)
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit,
and specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters can and do vary in different
applications. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. Motorola does
not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in
systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of
the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such
unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless
against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part.
Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
How to reach us:
USA/EUROPE: Motorola Literature Distribution;
JAPAN: Nippon Motorola Ltd.; Tatsumi–SPD–JLDC, Toshikatsu Otsuki,
P.O. Box 20912; Phoenix, Arizona 85036. 1–800–441–2447
6F Seibu–Butsuryu–Center, 3–14–2 Tatsumi Koto–Ku, Tokyo 135, Japan. 03–3521–8315
MFAX: RMFAX0@email.sps.mot.com – TOUCHTONE (602) 244–6609
HONG KONG: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park,
INTERNET: http://Design–NET.com
51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852–26629298
BC846AWT1/D
*BC846AWT1/D*


Podobny numer części - BC847BWT1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
BC847BWT1 ONSEMI-BC847BWT1 Datasheet
147Kb / 6P
   General Purpose Transistors(NPN Silicon)
logo
Leshan Radio Company
BC847BWT1 LRC-BC847BWT1 Datasheet
185Kb / 4P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
BC847BWT1G ONSEMI-BC847BWT1G Datasheet
111Kb / 13P
   General Purpose Transistors
April, 2015 ??Rev. 12
More results

Podobny opis - BC847BWT1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
BC856AWT1 MOTOROLA-BC856AWT1 Datasheet
251Kb / 8P
   CASE 419-02, STYLE 3 SOT-323/SC-70
BAS16WT1 MOTOROLA-BAS16WT1 Datasheet
98Kb / 6P
   CASE 419-02, STYLE 2 SC-70/SOT-323
BAV70WT1 MOTOROLA-BAV70WT1 Datasheet
99Kb / 6P
   CASE 419-02, STYLE 5 SC-70/SOT-323
BAV99WT1 MOTOROLA-BAV99WT1 Datasheet
128Kb / 6P
   SC-70/SOT-323 Dual Series Switching Diode
logo
Agilent(Hewlett-Packard...
HSMP-381B HP-HSMP-381B Datasheet
91Kb / 12P
   Surface Mount PIN Diodes in SOT-323 (SC-70 3-Lead)
logo
Motorola, Inc
DTC114YE MOTOROLA-DTC114YE Datasheet
144Kb / 6P
   CASE 463-01, STYLE 1 SOT-416/SC-90
DTA143EE MOTOROLA-DTA143EE Datasheet
93Kb / 4P
   CASE 463-01, STYLE 1 SOT-416/SC-90
DTC114TE MOTOROLA-DTC114TE Datasheet
91Kb / 4P
   CASE 463-01, STYLE 1 SOT-416/SC-90
logo
ON Semiconductor
MMBF2201NT1 ONSEMI-MMBF2201NT1_06 Datasheet
57Kb / 4P
   Power MOSFET 300 mAmps, 20 Volts N-Channel SC-70/SOT-323
January, 2006 ??Rev. 4
MMBF2201NT1 ONSEMI-MMBF2201NT1 Datasheet
60Kb / 8P
   Power MOSFET 300 mAmps, 20 Volts N-Channel SC-70/SOT-323
November, 2000 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com