Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAR5LFV6K8PT Arkusz danych(PDF) 1 Page - IRC - a TT electronics Company.

Numer części CAR5LFV6K8PT
Szczegółowy opis  Ultra Precision Metal Film Resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRCTT [IRC - a TT electronics Company.]
Strona internetowa  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

CAR5LFV6K8PT Arkusz danych(HTML) 1 Page - IRC - a TT electronics Company.

  CAR5LFV6K8PT Datasheet HTML 1Page - IRC - a TT electronics Company. CAR5LFV6K8PT Datasheet HTML 2Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
CAR Series
RoHS Compliant
High stability metal film
Low noise, high reliability
Ultra low temperature coefficient
Matched tolerance and TCR sets available - contact factory
Ultra Precision
Metal Film Resistor
Electrical Data
Commercial
CAR5LF
CAR6LF
CAR7LF
Power Rating @70°C (W)
0.25
0.33
0.50
Power Rating @85°C (W)
0.125
0.25
0.25
Resistance Range (Ω)
10R0-1M00
10R0-1M00
50R0-1M50
Rated Operating Voltage
(not to exceed PxR (V)
400
400
500
TCR
-20°C to +85°C
(ppm/°C)
V = ±5, T = ±10, Y = ±15, D = ±25
Resistance Tolerance (%)
L = ±0.01, P = ±0.02, W = ±0.05, B = ±0.10, C = ±0.25, D = ±0.50, F = ±1.0
Operating Temperature Range
-55°C to +155°C
Lead Material
OFHC Tin Coating
_____
Test Conditions
Typical Performance
Load Life
1000 Hour, Rated Power +85°C
±0.02%
Humidity
EIA RS-186
±0.04%
Thermal Shock
EIA RS-186
±0.01%
Short Time Overload
EIA RS-186
±0.01%
Dielectric Withstanding Voltage
EIA RS-186
±0.01%
Noise Index
EIA RS-186
<-30dB
Insulation
EIA RS-186
>10000M
Shelf Life
EIA RS-186
<50ppm/year
Environmental Data
CAR Series Issue December 2008 Sheet 1 of 2


Podobny numer części - CAR5LFV6K8PT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TT Electronics.
CAR5LFV3162PA TTELEC-CAR5LFV3162PA Datasheet
395Kb / 3P
   Ultra Precision Metal Film Resistors
More results

Podobny opis - CAR5LFV6K8PT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
IRC - a TT electronics ...
RC-RC55LFB6K8FA IRCTT-RC-RC55LFB6K8FA Datasheet
225Kb / 3P
   Precision Metal Film Resistor
logo
C&B ELECTRONICS (SHENZH...
MMFR RESI-MMFR Datasheet
533Kb / 7P
   Precision Metal Film Molded Resistor
logo
Riedon Powertron
MF4200 RIEDON-MF4200 Datasheet
336Kb / 1P
   Precision Metal Film Resistor Networks
MF4115 RIEDON-MF4115 Datasheet
330Kb / 1P
   Precision Metal Film Resistor Networks
logo
Willow Technologies Ltd
MF4115 WILLOW-MF4115 Datasheet
394Kb / 1P
   Precision Metal Film Resistor Networks
logo
Riedon Powertron
MF4200 RIEDON-MF4200_13 Datasheet
174Kb / 1P
   Precision Metal Film Resistor Networks
MF4115 RIEDON-MF4115_13 Datasheet
182Kb / 1P
   Precision Metal Film Resistor Networks
logo
Stackpole Electronics, ...
RNS SEI-RNS Datasheet
286Kb / 5P
   Ultra Miniature Metal Film Resistor
10/22/2020
logo
KOA Speer Electronics, ...
MRPL03EAD103BA KOA-MRPL03EAD103BA Datasheet
401Kb / 2P
   precision metal film resistor SIP networks
MRPL03EA KOA-MRPL03EA Datasheet
109Kb / 2P
   precision metal film resistor SIP network
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com