Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC848CLT1 Arkusz danych(PDF) 6 Page - Motorola, Inc

Numer części BC848CLT1
Szczegółowy opis  CASE 318-08, STYLE 6 SOT-23 (TO-236AB)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BC848CLT1 Arkusz danych(HTML) 6 Page - Motorola, Inc

  BC848CLT1 Datasheet HTML 1Page - Motorola, Inc BC848CLT1 Datasheet HTML 2Page - Motorola, Inc BC848CLT1 Datasheet HTML 3Page - Motorola, Inc BC848CLT1 Datasheet HTML 4Page - Motorola, Inc BC848CLT1 Datasheet HTML 5Page - Motorola, Inc BC848CLT1 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
BC846ALT1, BLT1 BC847ALT1, BLT1, CLT1 thru BC850ALT1, BLT1, CLT1
6
Motorola Small–Signal Transistors, FETs and Diodes Device Data
PACKAGE DIMENSIONS
D
J
K
L
A
C
B S
H
G
V
3
1
2
CASE 318–08
ISSUE AE
SOT–23 (TO–236AB)
STYLE 6:
PIN 1. BASE
2. EMITTER
3. COLLECTOR
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
0.1102
0.1197
2.80
3.04
INCHES
B
0.0472
0.0551
1.20
1.40
C
0.0350
0.0440
0.89
1.11
D
0.0150
0.0200
0.37
0.50
G
0.0701
0.0807
1.78
2.04
H
0.0005
0.0040
0.013
0.100
J
0.0034
0.0070
0.085
0.177
K
0.0180
0.0236
0.45
0.60
L
0.0350
0.0401
0.89
1.02
S
0.0830
0.0984
2.10
2.50
V
0.0177
0.0236
0.45
0.60
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. MAXIMUM LEAD THICKNESS INCLUDES LEAD
FINISH THICKNESS. MINIMUM LEAD THICKNESS
IS THE MINIMUM THICKNESS OF BASE
MATERIAL.
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit,
and specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters can and do vary in different
applications. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. Motorola does
not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in
systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of
the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such
unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless
against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part.
Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
How to reach us:
USA/EUROPE: Motorola Literature Distribution;
JAPAN: Nippon Motorola Ltd.; Tatsumi–SPD–JLDC, Toshikatsu Otsuki,
P.O. Box 20912; Phoenix, Arizona 85036. 1–800–441–2447
6F Seibu–Butsuryu–Center, 3–14–2 Tatsumi Koto–Ku, Tokyo 135, Japan. 03–3521–8315
MFAX: RMFAX0@email.sps.mot.com – TOUCHTONE (602) 244–6609
HONG KONG: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park,
INTERNET: http://Design–NET.com
51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852–26629298
BC846ALT1/D
*BC846ALT1/D*


Podobny numer części - BC848CLT1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
BC848CLT1 ONSEMI-BC848CLT1 Datasheet
160Kb / 6P
   General Purpose Transistors(NPN Silicon)
June, 2004 ??Rev. 6
logo
Leshan Radio Company
BC848CLT1 LRC-BC848CLT1 Datasheet
183Kb / 4P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
BC848CLT1G ONSEMI-BC848CLT1G Datasheet
160Kb / 6P
   General Purpose Transistors(NPN Silicon)
June, 2004 ??Rev. 6
BC848CLT1G ONSEMI-BC848CLT1G Datasheet
137Kb / 13P
   General Purpose Transistors
October, 2010 ??Rev. 10
BC848CLT1G ONSEMI-BC848CLT1G Datasheet
178Kb / 13P
   General Purpose Transistors
November, 2011 ??Rev. 11
More results

Podobny opis - BC848CLT1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
BC856ALT1 MOTOROLA-BC856ALT1 Datasheet
249Kb / 8P
   CASE 318-08, STYLE 6 SOT-23 (TO-236AB)
BC81716LT1 MOTOROLA-BC81716LT1 Datasheet
90Kb / 4P
   CASE 318-08, STYLE 6 SOT-23 (TO-236AB)
BAL99LT1 MOTOROLA-BAL99LT1 Datasheet
70Kb / 4P
   CASE 318-08, STYLE 18 SOT-23 (TO-236AB)
BAS4006LT1 MOTOROLA-BAS4006LT1 Datasheet
76Kb / 4P
   CASE 318-08, STYLE 11 SOT-23 (TO-236AB)
BAS21LT1 MOTOROLA-BAS21LT1 Datasheet
66Kb / 4P
   CASE 318 08, STYLE 8 SOT 23 (TO 236AB)
BAS40LT1 MOTOROLA-BAS40LT1 Datasheet
73Kb / 4P
   CASE 318-08, STYLE 8 SOT-23 TO-236AB
2N7002LT1 MOTOROLA-2N7002LT1 Datasheet
94Kb / 6P
   CASE 318-08, STYLE 21 SOT-23 (TO-236AB)
BAS4004LT1 MOTOROLA-BAS4004LT1 Datasheet
75Kb / 4P
   CASE 318 08, STYLE 12 SOT 23 (TO 236AB)
BAS7004LT1 MOTOROLA-BAS7004LT1 Datasheet
74Kb / 4P
   CASE 318-08, STYLE 12 SOT-23 TO-236AB
BAS70LT1 MOTOROLA-BAS70LT1 Datasheet
72Kb / 4P
   CASE 318 08, STYLE 8 SOT 23 (TO 236AB)
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com