Zakładka z wyszukiwarką danych komponentów |
|
TC6-15D1215 Arkusz danych(PDF) 1 Page - Tumbler Technologies + TRUMPower |
|
TC6-15D1215 Arkusz danych(HTML) 1 Page - Tumbler Technologies + TRUMPower |
|
1 / 1 page Rev. C -1/2008- TC6 Series 2:1 Input, 15 Watt *MODEL NUMBER OUTPUT VOLTAGE OUTPUT CURRENT OUTPUT POWER 14.8W 15W 15W 15W 15W 15W 15W 4500 mA 3000 mA 1250 mA 1000 mA ±1500 mA ±625 mA ±500 mA 3.3 VDC 5 VDC 12 VDC 15 VDC ±5 VDC ±12 VDC ±15 VDC TC6-15S123.3 TC6-15S1205 TC6-15S1212 TC6-15S1215 TC6-15D1205 TC6-15D1212 TC6-15D1215 TC6-15S483.3 TC6-15S4805 TC6-15S4812 TC6-15S4815 TC6-15D4805 TC6-15D4812 TC6-15D4815 TC6-15S243.3 TC6-15S2405 TC6-15S2412 TC6-15S2415 TC6-15D2405 TC6-15D2412 TC6-15D2415 18-36 VDC IN 36-72 VDC IN 9-18 VDC IN Tumbler Technologies + TRUMPower • Santa Clara, CA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com TRUMPower DC/DC CONVERTERS T Other input/output combinations available. *Add suffix "R" for "remote on/off" option. *Add suffix "A" for "external trim adjustment" option. ELECTRICAL SPECIFICATIONS All Specifications Typical @+25°C, Nominal Line, and Full Load Unless Otherwise Noted. INPUT SPECIFICATIONS Nominal Line, 9-18V Input..................................12 VDC 18-36V Input..................................24 VDC 36-72V Input.................................48 VDC Input Filter............................................................Pi Filter OUTPUT SPECIFICATIONS Voltage Accuracy.............................................±2%, Max. Voltage Balance, Dual Output..........................±1%, Max. Line Regulation, HL-LL..................................±0.5%, Max. Load Regulation, FL-25%FL............................±1%, Max. Ripple and Noise, 20MHz BW.......Single, 50mVp-p, Max. Dual, 75mVp-p, Max. Short Circuit Protection.................... .............Continuous Remote On/Off Control, Optional......................Suffix "R" External Trim Adjustment, Optional; Suffix "A"...... ±10% GENERAL SPECIFICATIONS Efficiency........................................................83% - 87% Isolation Voltage, Input to Output..............500 VDC, Min. Switching Frequency...................................250 kHz, Typ. EMI/RFI....................................Meets EN55022 Class A Operating Temperature Range................-25°C to +71°C Storage Temperature Range.................-40°C to +100°C Case Temperature.....................................+100°C, Max. Cooling.............................................Free Air Convection Weight.................................................1.2 oz. (34 grams) Case Material...............Metal with Non-Conductive Base 0.40 (10.2) 2.00 (50.8) 0.60 (15.2) *NP (NO PIN) ON SINGLE OUTPUT MODELS PIN SIZE: 0.04 INCH (1.0 mm) DIA. ALL DIMENSIONS IN INCHES (mm) +IN -IN -OUT +OUT 0.80 (20.3) 0.20 (5.1) 0.60 (15.2) 1.00 (25.4) BOTTOM VIEW COM /NP* /TRIM 0.10 (2.54) 0.22 (5.6) Min. 0.40 (10.2) 0.40 (10.2) NP*/ Remote Option |
Podobny numer części - TC6-15D1215 |
|
Podobny opis - TC6-15D1215 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |