Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMP55-D24 Arkusz danych(PDF) 2 Page - Tumbler Technologies + TRUMPower

Numer części TMP55-D24
Szczegółowy opis  55 WATT MEDICAL POWER ADAPTERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRUMPOWER [Tumbler Technologies + TRUMPower]
Strona internetowa  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TMP55-D24 Arkusz danych(HTML) 2 Page - Tumbler Technologies + TRUMPower

  TMP55-D24 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TMP55-D24 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MEDICAL GRADE
TMP55 SERIES
OUTPUT VOLTAGE/CURRENT RATING CHART
Maximum
Output #1
Output #2
Output #3
Output
Product No.
Vnom.
Imin.
Imax.
Tol.
Vnom.
Imin.
Imax.
Tol.
Vnom.
Imin.
Imax.
Tol.
Power
TMP55-S05
5-6V
0A
8.0A
5%
(N/A)
(N/A)
40W
TMP55-S06
6-8V
0A
7.5A
5%
(N/A)
(N/A)
45W
TMP55-S09
9-11V
0A
5.0A
5%
(N/A)
(N/A)
50W
TMP55-S12
11-13V
0A
4.6A
5%
(N/A)
(N/A)
55W
TMP55-S15
13-17V
0A
3.7A
3%
(N/A)
(N/A)
55W
TMP55-S19
17-21V
0A
3.1A
3%
(N/A)
(N/A)
55W
TMP55-S24
21-27V
0A
2.3A
3%
(N/A)
(N/A)
55W
TMP55-S30
27-33V
0A
1.9A
3%
(N/A)
(N/A)
55W
TMP55-S36
33-39V
0A
1.6A
3%
(N/A)
(N/A)
55W
TMP55-S48
48V
0A
1.2A
3%
(N/A)
(N/A)
55W
TMP55-D23
+5V
1A
5.0A
5%
+12V
0.5A
3.0A
5%
(N/A)
45W
TMP55-D24
+5V
1A
5.0A
5%
+15V
0.4A
2.5A
5%
(N/A)
45W
TMP55-D25
+5V
1A
5.0A
5%
+24V
0.3A
2.0A
5%
(N/A)
45W
TMP55-T31
+5V
1A
5.0A
5%
+12V
0.5A
3.0A
5%
-12V
0.1A
0.5A
10%
45W
TMP55-T32
+5V
1A
5.0A
5%
+15V
0.4A
2.5A
5%
-15V
0.1A
0.5A
10%
45W
Notes:
(1)
The output voltage of a single output model, except TMP55-S48, can be adjusted by user in the stated range, or set by factory to a
wanted value in the range at the request of a user when ordering.
(2)
The output voltages of a multiple output model may go outside of the stated tolerance when an output load current is out of stated limits.
All models may be operated at no-load without damage.
MECHANICAL SPECIFICATIONS
NOTES:
1.
Dimensions show in inch [mm]
2.
Tolerance 0.02 [0.5] maximum
3.
Weight: 700 grams approx.
4.
Standard output connector is a 5-pin at
180º male DIN plug. For other output
connector options, please consult
TRUMPower.
5.
To order a model with on/off switch, add
suffix “S”, e.g. TMP55-S12-S
PIN CHART
PIN
Product No.
1
2
3
4
5
TMP55-S05
TMP55-S06
TMP55-S09
TMP55-S12
TMP55-S15
TMP55-S19
TMP55-S24
TMP55-S30
TMP55-S36
TMP55-S48
DC
RETURN
DC
RETURN
DC
OUTPUT
DC
RETURN
DC
OUTPUT
TMP55-D23
TMP55-D24
TMP55-D25
COMMOM
RETURN
COMMOM
RETURN
OUTPUT
#1
COMMOM
RETURN
OUTPUT
#2
TMP55-T31
TMP55-T32
COMMOM
RETURN
COMMOM
RETURN
OUTPUT
#1
OUTPUT
#3
OUTPUT
#2
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
● Fax: 408-988-6622 ● email: sales@trumpower.com ● Website: www.TRUMPower.com


Podobny numer części - TMP55-D24

ProducentNumer częściArkusz danychSzczegółowy opis
logo
FOTEK CONTROLS CO., LTD...
TMP50-2D FOTEK-TMP50-2D Datasheet
775Kb / 4P
   Multifunction Digital timer
TMP50-3D FOTEK-TMP50-3D Datasheet
775Kb / 4P
   Multifunction Digital timer
TMP50-4D FOTEK-TMP50-4D Datasheet
775Kb / 4P
   Multifunction Digital timer
logo
Texas Instruments
TMP512 TI-TMP512 Datasheet
1Mb / 52P
[Old version datasheet]   Temperature and Power Supply System Monitors
TMP512 TI-TMP512 Datasheet
1Mb / 54P
[Old version datasheet]   Temperature and Power Supply System Monitors
More results

Podobny opis - TMP55-D24

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tumbler Technologies + ...
TMP30 TRUMPOWER-TMP30 Datasheet
191Kb / 2P
   30 WATT MEDICAL POWER ADAPTERS
TMP110 TRUMPOWER-TMP110 Datasheet
169Kb / 2P
   110 WATT MEDICAL POWER ADAPTERS
TMP150 TRUMPOWER-TMP150 Datasheet
172Kb / 2P
   150 WATT MEDICAL POWER ADAPTERS
TMP120 TRUMPOWER-TMP120 Datasheet
178Kb / 2P
   120 WATT MEDICAL POWER ADAPTERS
TMP130 TRUMPOWER-TMP130 Datasheet
183Kb / 2P
   130 WATT MEDICAL POWER ADAPTERS
TMP180 TRUMPOWER-TMP180 Datasheet
78Kb / 2P
   180 WATT MEDICAL POWER ADAPTERS
TRM15 TRUMPOWER-TRM15_16 Datasheet
126Kb / 1P
   10-15 Watt Medical Power Adapters
TRM24 TRUMPOWER-TRM24 Datasheet
127Kb / 1P
   12-24 Watt Medical Power Adapters
TRM15 TRUMPOWER-TRM15 Datasheet
126Kb / 1P
   10-15 Watt Medical Power Adapters
TMP60 TRUMPOWER-TMP60 Datasheet
241Kb / 2P
   30-60 WATT MEDICAL POWER ADAPTERS
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com