Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA102DGN Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA102DGN
Szczegółowy opis  150-mW STEREO AUDIO POWER AMPLIFIER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA102DGN Arkusz danych(HTML) 5 Page - Texas Instruments

  TPA102DGN Datasheet HTML 1Page - Texas Instruments TPA102DGN Datasheet HTML 2Page - Texas Instruments TPA102DGN Datasheet HTML 3Page - Texas Instruments TPA102DGN Datasheet HTML 4Page - Texas Instruments TPA102DGN Datasheet HTML 5Page - Texas Instruments TPA102DGN Datasheet HTML 6Page - Texas Instruments TPA102DGN Datasheet HTML 7Page - Texas Instruments TPA102DGN Datasheet HTML 8Page - Texas Instruments TPA102DGN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
TPA102
150-mW STEREO AUDIO POWER AMPLIFIER
SLOS213C – AUGUST 1998 – REVISED MARCH 2000
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 1
0.1
0.01
0.001
1
10
20
100
1k
10k
20k
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
FREQUENCY
AV =– 10 V/V
AV = –5 V/V
f – Frequency – Hz
AV = –1 V/V
VDD = 3.3 V
PO = 30 mW
CB = 1 µ F
RL = 32 Ω
Figure 2
0.1
0.01
0.001
1
10
20
100
1k
10k
20k
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
FREQUENCY
VDD = 3.3 V
AV = –1 V/V
RL = 32 Ω
CB = 1 µ F
PO = 10 mW
f – Frequency – Hz
PO = 15 mW
PO = 30 mW
Figure 3
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
OUTPUT POWER
10 kHz
0.1
0.01
1
10
PO – Output Power – mW
110
50
VDD = 3.3 V
RL = 32 Ω
AV = –1 V/V
CB = 1 µF
20 kHz
1 kHz
20 Hz
Figure 4
0.1
0.01
0.001
1
10
20
100
1k
10k
20k
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
FREQUENCY
VDD = 5 V
PO = 60 mW
RL = 32 Ω
CB = 1 µF
AV = –10 V/V
f – Frequency – Hz
AV = –5 V/V
AV = –1 V/V


Podobny numer części - TPA102DGN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA102DGN TI1-TPA102DGN Datasheet
732Kb / 26P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA102DGNR TI1-TPA102DGNR Datasheet
732Kb / 26P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results

Podobny opis - TPA102DGN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA6112A2 TI-TPA6112A2_15 Datasheet
820Kb / 25P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI1-TPA6111A2_17 Datasheet
1Mb / 29P
[Old version datasheet]   150-mW Stereo Audio Power Amplifier
TPA6111A2 TI-TPA6111A2 Datasheet
509Kb / 21P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2_15 Datasheet
936Kb / 24P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_15 Datasheet
1Mb / 27P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6112A2 TI-TPA6112A2 Datasheet
414Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA112 TI-TPA112 Datasheet
472Kb / 28P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_07 Datasheet
740Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA122 TI1-TPA122_16 Datasheet
1Mb / 31P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2 Datasheet
381Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com