Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA102DGN Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA102DGN
Szczegółowy opis  150-mW STEREO AUDIO POWER AMPLIFIER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA102DGN Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button TPA102DGN Datasheet HTML 7Page - Texas Instruments TPA102DGN Datasheet HTML 8Page - Texas Instruments TPA102DGN Datasheet HTML 9Page - Texas Instruments TPA102DGN Datasheet HTML 10Page - Texas Instruments TPA102DGN Datasheet HTML 11Page - Texas Instruments TPA102DGN Datasheet HTML 12Page - Texas Instruments TPA102DGN Datasheet HTML 13Page - Texas Instruments TPA102DGN Datasheet HTML 14Page - Texas Instruments TPA102DGN Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
TPA102
150-mW STEREO AUDIO POWER AMPLIFIER
SLOS213C – AUGUST 1998 – REVISED MARCH 2000
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 25
CROSSTALK
vs
FREQUENCY
20
100
10k
f – Frequency – Hz
1k
–90
–100
–110
–95
–105
–85
–65
–80
–60
–75
–65
20k
VDD = 5 V
PO = 25 mW
CB = 1 µF
RL = 32 Ω
AV = –1 V/V
IN 2 TO OUT 1
IN 1 TO OUT 2
Figure 26
CROSSTALK
vs
FREQUENCY
20
100
10k
f – Frequency – Hz
1k
–80
–90
–100
–85
–95
–75
–55
–70
–50
–65
–60
20k
VDD = 5 V
PO = 100 mW
CB = 1 µF
RL = 8 Ω
AV = –1 V/V
IN 2 TO OUT 1
IN 1 TO OUT 2
Figure 27
MUTE ATTENUATION
vs
FREQUENCY
20
100
20k
f – Frequency – Hz
1k
–50
–70
–90
–60
–80
–100
VDD = 3.3 V
RL = 32 Ω
CB = 1 µF
–40
–10
–30
0
–20
10k
Figure 28
MUTE ATTENUATION
vs
FREQUENCY
20
100
10k
f – Frequency – Hz
1k
–60
–80
–100
–70
–90
–50
–10
–40
0
–30
–20
20k
VDD = 5 V
CB = 1 µF
RL = 32 Ω


Podobny numer części - TPA102DGN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA102DGN TI1-TPA102DGN Datasheet
732Kb / 26P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA102DGNR TI1-TPA102DGNR Datasheet
732Kb / 26P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results

Podobny opis - TPA102DGN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA6112A2 TI-TPA6112A2_15 Datasheet
820Kb / 25P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI1-TPA6111A2_17 Datasheet
1Mb / 29P
[Old version datasheet]   150-mW Stereo Audio Power Amplifier
TPA6111A2 TI-TPA6111A2 Datasheet
509Kb / 21P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2_15 Datasheet
936Kb / 24P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_15 Datasheet
1Mb / 27P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6112A2 TI-TPA6112A2 Datasheet
414Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA112 TI-TPA112 Datasheet
472Kb / 28P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_07 Datasheet
740Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA122 TI1-TPA122_16 Datasheet
1Mb / 31P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2 Datasheet
381Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com